Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC847DS Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BC847DS
Description  45 V, 100 mA NPN/NPN general-purpose transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC847DS Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BC847DS Datasheet HTML 3Page - NXP Semiconductors BC847DS Datasheet HTML 4Page - NXP Semiconductors BC847DS Datasheet HTML 5Page - NXP Semiconductors BC847DS Datasheet HTML 6Page - NXP Semiconductors BC847DS Datasheet HTML 7Page - NXP Semiconductors BC847DS Datasheet HTML 8Page - NXP Semiconductors BC847DS Datasheet HTML 9Page - NXP Semiconductors BC847DS Datasheet HTML 10Page - NXP Semiconductors BC847DS Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
BC847DS_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 25 August 2009
7 of 12
NXP Semiconductors
BC847DS
45 V, 100 mA NPN/NPN general-purpose transistor
f = 1 MHz; Tamb =25 °C
f = 1 MHz; Tamb =25 °C
Fig 9.
Per transistor: Collector capacitance as a
function of collector-base voltage;
typical values
Fig 10. Per transistor: Emitter capacitance as a
function of emitter-base voltage; typical values
VCB (V)
010
8
46
2
006aab620
2
4
6
Cc
(pF)
0
006aaa539
VEB (V)
06
4
2
9
11
7
13
15
Ce
(pF)
5


Similar Part No. - BC847DS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BC847DS NEXPERIA-BC847DS Datasheet
1Mb / 12P
   45 V, 100 mA NPN/NPN general-purpose transistor
Rev. 01 - 25 August 2009
More results

Similar Description - BC847DS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC847BS NXP-BC847BS Datasheet
92Kb / 12P
   45 V, 100 mA NPN/NPN general-purpose transistor
Rev. 03-18 February 2009
BC847QAS NXP-BC847QAS Datasheet
204Kb / 13P
   45 V, 100 mA NPN/NPN general-purpose transistor
8 July 2015
BC847BS NXP-BC847BS Datasheet
92Kb / 12P
   45 V, 100 mA NPN/NPN general-purpose transistor
Rev. 03-18 February 2009
logo
Nexperia B.V. All right...
BC847DS NEXPERIA-BC847DS Datasheet
1Mb / 12P
   45 V, 100 mA NPN/NPN general-purpose transistor
Rev. 01 - 25 August 2009
BC847BS-Q NEXPERIA-BC847BS-Q Datasheet
241Kb / 11P
   45 V, 100 mA NPN/NPN general-purpose transistor
17 June 2021
BC847BS NEXPERIA-BC847BS Datasheet
239Kb / 11P
   45 V, 100 mA NPN/NPN general-purpose transistor
1 July 2022
BC847XQB_SER NEXPERIA-BC847XQB_SER Datasheet
241Kb / 13P
   45 V, 100 mA NPN general-purpose transistor
Rev. 2 - 8 September 2021
BC847XQC-Q_SER NEXPERIA-BC847XQC-Q_SER Datasheet
260Kb / 13P
   45 V, 100 mA NPN general-purpose transistor
Rev. 2 - 21 May 2021
BC847XQC_SER NEXPERIA-BC847XQC_SER Datasheet
232Kb / 13P
   45 V, 100 mA NPN general-purpose transistor
Rev. 1 - 4 January 2021
BC847XQB-Q_SER NEXPERIA-BC847XQB-Q_SER Datasheet
241Kb / 13P
   45 V, 100 mA NPN general-purpose transistor
Rev. 3 - 8 September 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com