Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5529 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS5529
Description  16-bit, Programmable ?誇 ADC with 6-bit Latch
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5529 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS5529_05 Datasheet HTML 7Page - Cirrus Logic CS5529_05 Datasheet HTML 8Page - Cirrus Logic CS5529_05 Datasheet HTML 9Page - Cirrus Logic CS5529_05 Datasheet HTML 10Page - Cirrus Logic CS5529_05 Datasheet HTML 11Page - Cirrus Logic CS5529_05 Datasheet HTML 12Page - Cirrus Logic CS5529_05 Datasheet HTML 13Page - Cirrus Logic CS5529_05 Datasheet HTML 14Page - Cirrus Logic CS5529_05 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
CS5529
DS246F5
11
ages. The differential voltage between VREF+ and
VREF- sets the nominal full scale input span of the
converter. For a single-ended reference voltage,
such as the LT1019-2.5, the reference output is
connected to the VREF+ pin of the CS5529 and the
ground reference for the LT1019-2.5 is connected
to the VREF- pin.
Serial Port
The CS5529 includes a microcontroller with a
command register, a configuration register, a con-
version data register (read only), and a gain and off-
set register for calibration. All registers, except the
8-bit command register, are 24-bits in length. Fig-
ure 3 illustrates a block diagram of all the internal
register.
After a system initialization or reset, the serial port
is set to the command mode. The converter stays in
this mode until a valid 8-bit command is received
(the first 8-bits into the serial port). Once a valid 8-
bit command is received and interpreted by the
ADC’s command register, the serial port enters the
data mode. In data mode the next 24 serial clock
pulses shift data either into or out of the serial port
(72 serial clock pulses are needed if the setup reg-
ister command is issued). The Command Register
Descriptions section illustrates all valid com-
mands.
AIN
C = 20pF
f = 32.768 kHz
φ Coarse
1
φ Fine
1
V
≤ 25mV
i = fV
C
os
os
n
Figure 1. Input models for AIN+ and AIN- pins.
VREF
C = 10pF
f = 32.768 kHz
2
φ Fine
1
V
≤ 25mV
i = fV
C
os
os
n
φ Coarse
Figure 2. Input model for VREF+ and VREF- pins.
Latch Outputs
Low Power Mode
Output Word Rates
Unipolar/Bipolar
Reset System
etc.
Configuration Register (1 × 24)
Serial
Interface
CS
SDI
SDO
SCLK
Command Register (1 × 8)
Conversion Data Register (1x24)
Gain Register (1 × 24)
Offset Register (1 × 24)
Figure 3. CS5529 Register Diagram.


Similar Part No. - CS5529_05

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5529-AP CIRRUS-CS5529-AP Datasheet
612Kb / 30P
   16 BIT PROGRAMMABLE ADC WITH 6 BIT LATCH
CS5529-AS CIRRUS-CS5529-AS Datasheet
612Kb / 30P
   16 BIT PROGRAMMABLE ADC WITH 6 BIT LATCH
More results

Similar Description - CS5529_05

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5529 CIRRUS-CS5529 Datasheet
612Kb / 30P
   16 BIT PROGRAMMABLE ADC WITH 6 BIT LATCH
logo
Linear Technology
LTC2451 LINER-LTC2451 Datasheet
223Kb / 16P
   Ultra-Tiny, 16-Bit ?誇 ADC with I2C Interface
logo
Asahi Kasei Microsystem...
AK5700 AKM-AK5700 Datasheet
503Kb / 61P
   16-Bit ?誇 Mono ADC with PLL & MIC-AMP
AK5701 AKM-AK5701_07 Datasheet
973Kb / 64P
   16-Bit ?誇 Stereo ADC with PLL & MIC-AMP
logo
Cirrus Logic
CS5525 CIRRUS-CS5525_05 Datasheet
593Kb / 30P
   16-bit/20-bit, Multi-range ADC with 4-bit Latch
CS5525 CIRRUS-CS5525 Datasheet
483Kb / 29P
   16 BIT / 20 BIT MULTI RANGE ADC WITH 4 BIT LATCH
logo
Analog Devices
EVAL-AD7798EB AD-EVAL-AD7798EB Datasheet
520Kb / 7P
   16-Bit Low Power 誇-? ADC (3 Channels)
Rev. Pr A
logo
Linear Technology
LTC2453 LINER-LTC2453_1 Datasheet
200Kb / 18P
   Ultra-Tiny, Differential, 16-Bit ?誇 ADC With I2C Interface
LTC2482 LINER-LTC2482 Datasheet
319Kb / 32P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
logo
Asahi Kasei Microsystem...
AK5359 AKM-AK5359 Datasheet
137Kb / 18P
   24-Bit 192kHz ?誇 ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com