Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZLLS1000TC Datasheet(PDF) 6 Page - Zetex Semiconductors

Part # ZLLS1000TC
Description  40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZLLS1000TC Datasheet(HTML) 6 Page - Zetex Semiconductors

  ZLLS1000TC Datasheet HTML 1Page - Zetex Semiconductors ZLLS1000TC Datasheet HTML 2Page - Zetex Semiconductors ZLLS1000TC Datasheet HTML 3Page - Zetex Semiconductors ZLLS1000TC Datasheet HTML 4Page - Zetex Semiconductors ZLLS1000TC Datasheet HTML 5Page - Zetex Semiconductors ZLLS1000TC Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Zetex plc
Fields New Road
Chadderton
Oldham, OL9 8NP
United Kingdom
Telephone (44) 161 622 4422
Fax: (44) 161 622 4420
Zetex GmbH
Streitfeldstraße 19
D-81673 München
Germany
Telefon: (49) 89 45 49 49 0
Fax: (49) 89 45 49 49 49
Zetex Inc
700 Veterans Memorial Hwy
Hauppauge, NY11788
USA
Telephone: (631) 360 2222
Fax: (631) 360 8222
Zetex (Asia) Ltd
3701-04 Metroplaza, Tower 1
Hing Fong Road
Kwai Fong
Hong Kong
Telephone: (852) 26100 611
Fax: (852) 24250 494
These offices are supported by agents and distributors in major countries world-wide.
This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced
for any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company
reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service.
For the latest product information, log on to
www.zetex.com
© Zetex plc 2001
ZLLS2000
6
ISSUE 1 - JANUARY 2002
PAD LAYOUT DETAILS
PACKAGE DIMENSIONS
DIM
Millimetres
Min
Max
A
0.90
1.45
A1
0.00
0.15
A2
0.90
1.30
b
0.20
0.50
C
0.09
0.26
D
2.70
3.10
E
2.20
3.20
E1
1.30
1.80
L
0.10
0.60
e
0.95 REF
e1
1.90 REF
0
30


Similar Part No. - ZLLS1000TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZLLS1000TC ZETEX-ZLLS1000TC Datasheet
312Kb / 6P
   40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
ZLLS1000TC ZETEX-ZLLS1000TC Datasheet
305Kb / 6P
   40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
logo
Diodes Incorporated
ZLLS1000TC DIODES-ZLLS1000TC Datasheet
191Kb / 6P
   40V HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
ZLLS1000TC DIODES-ZLLS1000TC Datasheet
150Kb / 6P
   40V HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
More results

Similar Description - ZLLS1000TC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZLLS500 DIODES-ZLLS500 Datasheet
315Kb / 6P
   40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
logo
Zetex Semiconductors
ZLLS500 ZETEX-ZLLS500 Datasheet
316Kb / 6P
   40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
ZLLS500 ZETEX-ZLLS500_06 Datasheet
306Kb / 6P
   40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
ZLLS400 ZETEX-ZLLS400 Datasheet
282Kb / 6P
   40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
ZLLS1000 ZETEX-ZLLS1000 Datasheet
312Kb / 6P
   40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
logo
Diodes Incorporated
ZLLS400 DIODES-ZLLS400 Datasheet
288Kb / 6P
   40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
logo
Zetex Semiconductors
ZLLS2000 ZETEX-ZLLS2000_07 Datasheet
159Kb / 7P
   40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
ZLLS1000 ZETEX-ZLLS1000_06 Datasheet
305Kb / 6P
   40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
logo
Diodes Incorporated
ZLLS2000 DIODES-ZLLS2000_16 Datasheet
349Kb / 5P
   40V HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
ZLLS1000 DIODES-ZLLS1000_12 Datasheet
150Kb / 6P
   40V HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com