Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8130 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS8130
Description  Revision G Addendum
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8130 Datasheet(HTML) 1 Page - Cirrus Logic

  CS8130 Datasheet HTML 1Page - Cirrus Logic CS8130 Datasheet HTML 2Page - Cirrus Logic CS8130 Datasheet HTML 3Page - Cirrus Logic CS8130 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Copyright
© Cirrus Logic, Inc. 1997
(All Rights Reserved)
Cirrus Logic, Inc.
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.cirrus.com
11/6/97
CS8130 Revision G Addendum
Multi-Standard Infrared Transceiver (DS134F1, SEP ‘05)
The following items represent permanent changes to the specification of the CS8130 IR transceiver.
1) The Silicon Revision Register (Register 28) reads 0010, indicating rev G silicon.
2) The default receive sensitivity setting is changed to 00011 (Register 6 resets to 0011).
3) Oscillator low power mode is now the default condition after reset (Register 21 resets to 0100).
4) The BLKR bit (Register 4, bit D2) blocks the RXD output data during those periods when the transmit
LEDs are on. This prevents the UART/system reading the transmitted data. The re-enable signal for
the receiver is delayed by 8 µs from when the LEDs are turned off. Set to 1 to block RXD data, set to
0 to allow RXD data through during transmission. This bit goes to 0 upon RESET.
5) An additional control bit was added which causes the CS8130 receiver to ignore the falling edge of the
IR pulse. This bit is called ENPOS, and it is bit D2 of Register #7. ENPOS is normally 1, which causes
the falling edge to be ignored. This results in greater range in IrDA and high-frequency ASK (Sharp
500 kHz) modes. ENPOS should be set to 0 for low-frequency amplitude modulated modes.
6) For IrDA/HP-SIR pulse width modes, two additional control bits have been added:
a. The THIN bit (Register 7, bit D1) allows the minimum acceptable pulse width to be reduced from
1 µs to 0.5 µs when set to 1. This bit has effect only when the receiver is programmed to mode 1a
(fixed 1.6 µs pulses only) or 1c (receive 1.6 µs to 3/16 of a bit cell pulses). This bit resets to 0.
b. The WIDE bit (Register 1, Bit D2) expands the maximum allowable pulse width to 9/16 of a bit
cell when set to 1. This bit has effect only when the receiver is set to mode 1a (fixed 1.6 µs pulses
only).
For normal IrDA operation, it is recommended that THIN be set to 0 and WIDE be set to 1. Under these
conditions, the qualification boundaries for receiver mode 1c (receive 1.6 µs to 3/16 of a bit cell pulses)
are identical to the qualification boundaries for receiver mode 1a (fixed 1.6 µs pulses only). This bit
resets to 1.
7) A TV remote receive mode hesitate bit has been added (Register 1, Bit D3). When this bit is set to 0,
the RXD pin will remain high until the first valid IR signal is detected. At that time, the RXD pin will
output serial data at the specified baud rate until the receiver is disabled (Register 0, bit D1). If this bit
is set to 1, the RXD pin will immediately and continuously output data. This bit resets to 0.
8) The ASK transmit carrier frequency formula has changed:
MD=(3.6864E6/FR)-2 , where MD is the Modulator Divider Value and FR is the desired modulation
frequency (Registers 10 & 11). The RESET default value for MD is now 5, yielding a default carrier
DS134PP2-B
NOV ‘97
Copyright © Cirrus Logic, Inc. 2005
(All Rights Reserved)
http://www.cirrus.com
CS8130
SEP ‘05
DS134F1-B
Copyright
© Cirrus Logic, Inc. 2006
(All Rights Reserved)
http://www.cirrus.com
MAR ‘06
DS134F1-B1
Copyright
© Cirrus Logic, Inc. 2006
(All Rights Reserved)
http://www.cirrus.com
MAR ‘06
DS134F1-B1
Copyright
© Cirrus Logic, Inc. 2006
(All Rights Reserved)
http://www.cirrus.com
MAR ‘06
DS134F1-B1


Similar Part No. - CS8130

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS8130 CIRRUS-CS8130 Datasheet
25Kb / 4P
   MULTI STANDARD INFRARED TRANSCEIVER
logo
List of Unclassifed Man...
CS8130 ETC1-CS8130 Datasheet
292Kb / 28P
   Multi-Standard Infrared Transceiver
logo
Cirrus Logic
CS8130 CIRRUS-CS8130 Datasheet
318Kb / 28P
   Multi-Standard Infrared Transceiver
logo
List of Unclassifed Man...
CS8130-CS ETC1-CS8130-CS Datasheet
292Kb / 28P
   Multi-Standard Infrared Transceiver
logo
Cirrus Logic
CS8130-CS CIRRUS-CS8130-CS Datasheet
318Kb / 28P
   Multi-Standard Infrared Transceiver
More results

Similar Description - CS8130

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08GB60 FREESCALE-MC9S08GB60_1 Datasheet
75Kb / 4P
   Addendum
logo
Texas Instruments
TPS51623 TI1-TPS51623 Datasheet
661Kb / 6P
[Old version datasheet]   PACKAGE OPTION ADDENDUM
TPS51631 TI1-TPS51631 Datasheet
665Kb / 7P
[Old version datasheet]   PACKAGE OPTION ADDENDUM
TPS51678 TI1-TPS51678 Datasheet
612Kb / 6P
[Old version datasheet]   PACKAGE OPTION ADDENDUM
TPS53640A TI1-TPS53640A Datasheet
829Kb / 11P
[Old version datasheet]   PACKAGE OPTION ADDENDUM
TPS59620 TI1-TPS59620 Datasheet
716Kb / 8P
[Old version datasheet]   PACKAGE OPTION ADDENDUM
TPS65175 TI1-TPS65175 Datasheet
701Kb / 9P
[Old version datasheet]   PACKAGE OPTION ADDENDUM
TPS65196 TI1-TPS65196 Datasheet
399Kb / 8P
[Old version datasheet]   PACKAGE OPTION ADDENDUM
TPS53626 TI1-TPS53626 Datasheet
224Kb / 7P
[Old version datasheet]   PACKAGE OPTION ADDENDUM
TPS53661 TI1-TPS53661 Datasheet
743Kb / 9P
[Old version datasheet]   PACKAGE OPTION ADDENDUM
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com