Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE30A Datasheet(PDF) 3 Page - Littelfuse

Part # 1.5KE30A
Description  Transient Voltage Suppression Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1.5KE30A Datasheet(HTML) 3 Page - Littelfuse

  1.5KE30A Datasheet HTML 1Page - Littelfuse 1.5KE30A Datasheet HTML 2Page - Littelfuse 1.5KE30A Datasheet HTML 3Page - Littelfuse 1.5KE30A Datasheet HTML 4Page - Littelfuse 1.5KE30A Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
89
©2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Transient Voltage Suppression Diodes
Revision: January 09, 2009
Axial Leaded – 1500W > 1.5KE series
1.5KE Series
Please refer to http://www.Littelfuse.com/series/1.5KE.html for current information.
Ratings and Characteristic Curves (T
A=25°C unless otherwise noted)
0.1
1
10
100
1000
0.000001
0.00001
0.0001
0.001
t
d-Pulse Width (Sec.)
0
0
50
100
150
1.0
2.0
3.0
4.0
tr=10μsec
Peak Value
IPPM
IPPM
2
TJ=25°C
Pulse Width(td) is defined
as the point where the peak
current decays to 50% of IPPM
10/1000μsec. Waveform
as defined by R.E.A
td
t-Time (ms)
Half Value
IPPM
( )
T
A-Ambient Temperature (ºC)
0
25
50
75
100
125 150
175
200
100
75
50
25
0
1
10
100
1000
10000
100000
1.0
10.0
100.0
1000.0
Tj=25C
f=1.0MHz
Vsig=50mVp-p
Uni-directional V=0V
Bi-directional V=0V
V
BR - Reverse Breakdown Voltage (V)
Uni-directional @ V
R
Bi-directional @ V
R
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
0
25
50
75
100
125
150
175
200
T
L - Lead Te mpe ra ture (ºC)
L = 0.375” (9.5mm)
Lead Lengths
Figure 1 - Peak Pulse Power Rating Curve
Figure 2 - Pulse Derating Curve
Figure 3 - Pulse Waveform
Figure 4 - Typical Junction Capacitance
Figure 5 - Steady State Power Derating Curve
0
20
40
60
80
100
120
140
160
180
200
1
10
100
Number of Cycles at 60 Hz
Figure 6 - Maximum Non-Repetitive Peak Forward
Surge Current Uni-Directional Only


Similar Part No. - 1.5KE30A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1.5KE30A TRSYS-1.5KE30A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Ruilongyuan Electronics...
1.5KE30A RUILON-1.5KE30A Datasheet
713Kb / 7P
   Transient Voltage Suppressors
logo
Galaxy Semi-Conductor H...
1.5KE30A BILIN-1.5KE30A Datasheet
133Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
1.5KE30A TSC-1.5KE30A Datasheet
201Kb / 6P
   1500W, 6.8V - 440V Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE30A DIODES-1.5KE30A Datasheet
89Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
More results

Similar Description - 1.5KE30A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
15KPA150CA LITTELFUSE-15KPA150CA Datasheet
653Kb / 6P
   Transient Voltage Suppression Diodes
5.0SMDJ60CA LITTELFUSE-5.0SMDJ60CA Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
P4KE LITTELFUSE-P4KE Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
SACB LITTELFUSE-SACB Datasheet
181Kb / 4P
   Transient Voltage Suppression Diodes
P4SMA LITTELFUSE-P4SMA Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
30KPA42A LITTELFUSE-30KPA42A Datasheet
1Mb / 6P
   Transient Voltage Suppression Diodes
TP1.5KE LITTELFUSE-TP1.5KE Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
logo
Shanghai Yint Electroni...
SM5S YINT-SM5S Datasheet
385Kb / 3P
   Transient Voltage Suppression Diodes
logo
Littelfuse
AK10 LITTELFUSE-AK10_09 Datasheet
188Kb / 3P
   Transient Voltage Suppression Diodes
SA5.0A LITTELFUSE-SA5.0A_09 Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
SMBJ5.0A LITTELFUSE-SMBJ5.0A_09 Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com