Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC857A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BC857A
Description  PNP general purpose transistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC857A Datasheet(HTML) 2 Page - NXP Semiconductors

  BC857A Datasheet HTML 1Page - NXP Semiconductors BC857A Datasheet HTML 2Page - NXP Semiconductors BC857A Datasheet HTML 3Page - NXP Semiconductors BC857A Datasheet HTML 4Page - NXP Semiconductors BC857A Datasheet HTML 5Page - NXP Semiconductors BC857A Datasheet HTML 6Page - NXP Semiconductors BC857A Datasheet HTML 7Page - NXP Semiconductors BC857A Datasheet HTML 8Page - NXP Semiconductors BC857A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2004 Jan 16
2
NXP Semiconductors
Product data sheet
PNP general purpose transistors
BC856; BC857; BC858
FEATURES
• Low current (max. 100 mA)
• Low voltage (max. 65 V).
APPLICATIONS
• General purpose switching and amplification.
DESCRIPTION
PNP transistor in a SOT23 plastic package.
NPN complements: BC846, BC847 and BC848.
MARKING
Note
1.
* = p: made in Hong Kong.
* = t: made in Malaysia.
* = W: made in China.
PINNING
TYPE NUMBER
MARKING CODE(1)
BC856
3D*
BC856A
3A*
BC856B
3B*
BC857
3H*
BC857A
3E*
BC857B
3F*
BC857C
3G*
BC858B
3K*
PIN
DESCRIPTION
1
base
2
emitter
3
collector
handbook, halfpage
2
1
3
MAM256
Top view
2
3
1
Fig.1 Simplified outline (SOT23) and symbol.
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
BC856
plastic surface mounted package; 3 leads
SOT23
BC857
plastic surface mounted package; 3 leads
SOT23
BC858
plastic surface mounted package; 3 leads
SOT23


Similar Part No. - BC857A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC857A PHILIPS-BC857A Datasheet
47Kb / 8P
   PNP general purpose transistors
1999 Apr 12
logo
GUANGDONG HOTTECH INDUS...
BC857A HOTTECH-BC857A Datasheet
498Kb / 3P
   Plastic-Encapsulate Transistors
logo
Weitron Technology
BC857A WEITRON-BC857A Datasheet
95Kb / 4P
   General Purpose Transistor PNP Silicon
logo
Shanghai Leiditech Elec...
BC857A LEIDITECH-BC857A Datasheet
679Kb / 4P
   Low current.(max.100mA)
logo
Infineon Technologies A...
BC857A INFINEON-BC857A Datasheet
887Kb / 14P
   PNP Silicon AF Transistor
2008-04-29
More results

Similar Description - BC857A

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SS8550LT1 WEITRON-SS8550LT1 Datasheet
404Kb / 4P
   PNP General Purpose Transistors
S9012 WEITRON-S9012 Datasheet
1Mb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BCX71 PHILIPS-BCX71 Datasheet
43Kb / 8P
   PNP general purpose transistors
1999 Apr 20
BC859 PHILIPS-BC859 Datasheet
46Kb / 8P
   PNP general purpose transistors
1999 May 28
BCX17 PHILIPS-BCX17 Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 May 31
logo
Weitron Technology
A1015 WEITRON-A1015 Datasheet
720Kb / 4P
   PNP General Purpose Transistors
2SA1036K WEITRON-2SA1036K Datasheet
209Kb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BC857BW115 NXP-BC857BW115 Datasheet
163Kb / 10P
   PNP general purpose transistors
2002 Feb 04
BCW69 PHILIPS-BCW69_15 Datasheet
119Kb / 6P
   PNP general purpose transistors
2004 Feb 06
logo
First Components Intern...
2N3905 FCI-2N3905_6 Datasheet
77Kb / 2P
   PNP General Purpose Transistors
logo
Weitron Technology
KTA1505 WEITRON-KTA1505 Datasheet
411Kb / 3P
   PNP General Purpose Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com