Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZLNB101X8 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZLNB101X8
Description  DUAL POLARISATION SWITCH TWIN LNB MULTIPLEX CONTROLLER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZLNB101X8 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZLNB101X8 Datasheet HTML 1Page - Zetex Semiconductors ZLNB101X8 Datasheet HTML 2Page - Zetex Semiconductors ZLNB101X8 Datasheet HTML 3Page - Zetex Semiconductors ZLNB101X8 Datasheet HTML 4Page - Zetex Semiconductors ZLNB101X8 Datasheet HTML 5Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
-0.6V to 15V
Supply Current
50mA
VPOL1 and VPOL2
Input Voltage
25V Continuous
Operating Temperature
-40 to 85°C
Storage Temperature
-40 to 85°
Power Dissipation (Tamb
= 25°C)
SO8
500mW
MSOP8
500mW
ELECTRICAL CHARACTERISTICS TEST CONDITIONS (Unless otherwise stated):
Tamb= 25°C,VCC=5V,ID=10mA (RCAL1=33kΩ)
SYMBOL PARAMETER
CONDITIONS
LIMITS
UNITS
Min
Typ
Max
VCC
Supply Voltage
5
12
V
ICC
Supply Current
All inputs and outputs open circuit
IVERT1 = IVERT2 = 10mA, VPOL1 =
VPOL2 = 14V
IHOR1 = IHOR2 = 10mA, VPOL1 =
VPOL2 = 15.0V
10
30
30
mA
mA
mA
VPOL1 and VPOL2 Inputs
IPOL
Current
VPOL1 = VPOL2 = 25V (Note 4)
10
20
40
µA
VTPOL
Threshold
Voltage
(Note 1) (Note 4)
14.0
14.5
15.0
TSPOL
Switching Speed
100
µs
VVHIGH
VVHIGH
VVHIGH
VVLOW
Vert 1/2 Outputs
Voltage High
Voltage High
Voltage High
Voltage Low
IVERT1=IVERT2=10mA,
VPOL1 = VPOL2 = 14V
IVERT1=IVERT2=15mA,
VPOL1 = VPOL2 = 14V
IVERT1=IVERT2=10µA,
VPOL1 = VPOL2 = 14V
IVERT1=IVERT2=-10mA,
VPOL1 = VPOL2 = 15.0V
VCC-1.0
VCC-1.2
VCC-0.2
0
VCC-0.8
VCC-0.9
VCC-0.1
0.25
VCC
VCC
VCC
0.5
V
V
V
V
VVHIGH
VVHIGH
VVHIGH
VVLOW
Hor 1/2 Outputs
Voltage High
Voltage High
Voltage High
Voltage Low
IHOR1=IHOR2=10mA,
VPOL1 = VPOL2 = 15.0V
IHOR1=IHOR2=15mA,
VPOL1 = VPOL2 = 15.0V
IHOR1=IHOR2=10µA,
VPOL1 = VPOL2 = 15.0V
IHOR1=IHOR2=-10mA,
VPOL1 = VPOL2 = 14V
VCC-1.0
VCC-1.2
VCC-0.2
0
VCC-0.8
VCC-0.9
VCC-0.1
0.25
VCC
VCC
VCC
0.5
V
V
V
V
ZLNB101
76
78


Similar Part No. - ZLNB101X8

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZLNB101X8 DIODES-ZLNB101X8 Datasheet
89Kb / 5P
   DUAL POLARISATION SWITCH TWIN LNB
More results

Similar Description - ZLNB101X8

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZLNB100 ZETEX-ZLNB100 Datasheet
78Kb / 5P
   DUAL POLARISATION SWITCH TWIN LNB MULTIPLEX CONTROLLER
logo
Unisonic Technologies
L8020 UTC-L8020 Datasheet
130Kb / 4P
   DUAL POLARISATION SWITCH TWIN LNB MULTIPLEX CONTROLLER
L8020 UTC-L8020_15 Datasheet
162Kb / 4P
   DUAL POLARISATION SWITCH TWIN LNB MULTIPLEX CONTROLLER
L8020 UTC-L8020_12 Datasheet
144Kb / 4P
   DUAL POLARISATION SWITCH TWIN LNB MULTIPLEX CONTROLLER
logo
Diodes Incorporated
ZLNB101 DIODES-ZLNB101 Datasheet
89Kb / 5P
   DUAL POLARISATION SWITCH TWIN LNB
ZLNB100 DIODES-ZLNB100 Datasheet
89Kb / 5P
   DUAL POLARISATION SWITCH TWIN LNB
logo
Zetex Semiconductors
ZLNB2001 ZETEX-ZLNB2001 Datasheet
168Kb / 12P
   DUAL TONE and POLARITY SWITCH LNB MULTIPLEX CONTROLLER
ZLNB2006 ZETEX-ZLNB2006 Datasheet
120Kb / 11P
   DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
logo
Diodes Incorporated
ZLNB2013 DIODES-ZLNB2013 Datasheet
179Kb / 8P
   DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
logo
Zetex Semiconductors
ZLNB2012 ZETEX-ZLNB2012 Datasheet
97Kb / 8P
   DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com