Electronic Components Datasheet Search |
|
20KPA60A Datasheet(PDF) 1 Page - Littelfuse |
|
20KPA60A Datasheet(HTML) 1 Page - Littelfuse |
1 / 5 page 117 ©2009 Littelfuse, Inc. Specifications are subject to change without notice. Transient Voltage Suppression Diodes Revision: January 09, 2009 20KPA Series Axial Leaded – 20000W > 20KPA series Please refer to http://www.Littelfuse.com/series/20KPA.html for current information. AGENCY AGENCY FILE NUMBER E230531 20KPA Series TVS devices are ideal for the protection of I/O interfaces, V CC bus and other vulnerable circuits used in telecom, computer, industrial and consumer electronic applications. Applications Features The 20KPA Series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events. Description Parameter Symbol Value Unit Peak Pulse Power Dissipation by 10x1000μs test waveform (Fig.1) (Note 1) P PPM 20000 W Steady State Power Dissipation on inifinite heat sink at T L=75ºC (Fig. 5) P D 8.0 W Peak Forward Surge Current, 8.3ms Single Half Sine Wave Unidirectional only (Note 2) I FSM 400 A Operating Junction and Storage Temperature Range T J, TSTG -55 to 175 °C Typical Thermal Resistance Junction to Lead R uJL 8.0 °C/W Typical Thermal Resistance Junction to Ambient R uJA 40 °C/W Notes: 1. Non-repetitive current pulse , per Fig. 3 and derated above T A = 25 O C per Fig. 2. 2. Measured on 8.3ms single half sine wave or equivalent square wave, duty cycle=4 per minute maximum. Maximum Ratings and Thermal Characteristics (T A=25 O C unless otherwise noted) Agency Approvals temperature coefficient ΔV BR = 0.1% x VBR@25°C x ΔT junction in P600 package capability at 10×1000μs waveform, repetition rate (duty cycles):0.01% typically less than 1.0ps from 0 Volts to BV min capability resistance R less than 2μA above 49V soldering guaranteed: 260°C/40 seconds / 0.375”,(9.5mm) lead length, 5 lbs., (2.3kg) tension Underwriters Laboratory Flammability classification 94V-O RoHS |
Similar Part No. - 20KPA60A |
|
Similar Description - 20KPA60A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |