Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCX52 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BCX52
Description  60 V, 1 A PNP medium power transistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BCX52 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BCX52 Datasheet HTML 4Page - NXP Semiconductors BCX52 Datasheet HTML 5Page - NXP Semiconductors BCX52 Datasheet HTML 6Page - NXP Semiconductors BCX52 Datasheet HTML 7Page - NXP Semiconductors BCX52 Datasheet HTML 8Page - NXP Semiconductors BCX52 Datasheet HTML 9Page - NXP Semiconductors BCX52 Datasheet HTML 10Page - NXP Semiconductors BCX52 Datasheet HTML 11Page - NXP Semiconductors BCX52 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
BCP52_BCX52_8
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 08 — 25 February 2008
9 of 12
NXP Semiconductors
BCP52; BCX52
60 V, 1 A PNP medium power transistors
8.
Package outline
9.
Packing information
[1]
For further information and the availability of packing methods, see Section 12.
[2]
Valid for all available selection groups.
[3]
T1: normal taping
[4]
T3: 90
° rotated taping
Fig 12. Package outline SOT223 (SC-73)
Fig 13. Package outline SOT89 (SC-62/TO-243)
04-11-10
Dimensions in mm
6.7
6.3
3.1
2.9
1.8
1.5
7.3
6.7
3.7
3.3
1.1
0.7
13
2
4
4.6
2.3
0.8
0.6
0.32
0.22
06-08-29
Dimensions in mm
4.6
4.4
1.8
1.4
1.6
1.4
1.2
0.8
3
1.5
0.48
0.35
0.44
0.23
0.53
0.40
2.6
2.4
4.25
3.75
12
3
Table 9.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number[2] Package
Description
Packing quantity
1000
4000
BCP52
SOT223
8 mm pitch, 12 mm tape and reel
-115
-135
BCX52
SOT89
8 mm pitch, 12 mm tape and reel; T1
[3] -115
-135
8 mm pitch, 12 mm tape and reel; T3
[4] -120
-


Similar Part No. - BCX52

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCX52 PHILIPS-BCX52 Datasheet
42Kb / 8P
   PNP medium power transistors
1999 Apr 19
BCX52 NXP-BCX52 Datasheet
1Mb / 22P
   60 V, 1 A PNP medium power transistors
Rev. 9-18 October 2011
logo
Jiangsu Changjiang Elec...
BCX52 JIANGSU-BCX52 Datasheet
1Mb / 5P
   SOT-89-3L Plastic-Encapsulate Transistors
logo
Siemens Semiconductor G...
BCX52 SIEMENS-BCX52 Datasheet
146Kb / 5P
   PNP Silicon AF Transistors
logo
SHENZHEN YONGERJIA INDU...
BCX52 WINNERJOIN-BCX52 Datasheet
133Kb / 1P
   TRANSISTOR (PNP)
More results

Similar Description - BCX52

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCP52 NXP-BCP52_13 Datasheet
1Mb / 22P
   60 V, 1 A PNP medium power transistors
Rev. 9-18 October 2011
BCP52 PHILIPS-BCP52_15 Datasheet
1Mb / 22P
   60 V, 1 A PNP medium power transistors
Rev. 9-18 October 2011
logo
Nexperia B.V. All right...
BC52XPAS_SER NEXPERIA-BC52XPAS_SER Datasheet
261Kb / 11P
   60 V, 1 A PNP medium power transistors
6 December 2022
BCP52 NEXPERIA-BCP52 Datasheet
1Mb / 22P
   60 V, 1 A PNP medium power transistors
Rev. 9 - 18 October 2011
BCP52T_SER NEXPERIA-BCP52T_SER Datasheet
273Kb / 14P
   60 V, 1 A PNP medium power transistors
Rev. 1 - 29 April 2019
BC51PAS NEXPERIA-BC51PAS Datasheet
903Kb / 15P
   45 V/60 V/80 V, 1 A PNP medium power transistors
BSR31 NEXPERIA-BSR31 Datasheet
180Kb / 7P
   60 V, 1 A PNP medium power transistor
10 March 2023
BSR31-Q NEXPERIA-BSR31-Q Datasheet
181Kb / 7P
   60 V, 1 A PNP medium power transistor
10 March 2023
BSR30 NEXPERIA-BSR30 Datasheet
181Kb / 7P
   60 V, 1 A PNP medium power transistor
10 March 2023
BSR30-Q NEXPERIA-BSR30-Q Datasheet
181Kb / 7P
   60 V, 1 A PNP medium power transistor
10 March 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com