Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD00IA3WEFJ-E2 Datasheet(PDF) 8 Page - Rohm

Part # BD00IA3WEFJ-E2
Description  300mA Secondary Variable Output LDO Regulators for Local Power Supplies
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD00IA3WEFJ-E2 Datasheet(HTML) 8 Page - Rohm

Back Button BD00IA3WEFJ-E2 Datasheet HTML 4Page - Rohm BD00IA3WEFJ-E2 Datasheet HTML 5Page - Rohm BD00IA3WEFJ-E2 Datasheet HTML 6Page - Rohm BD00IA3WEFJ-E2 Datasheet HTML 7Page - Rohm BD00IA3WEFJ-E2 Datasheet HTML 8Page - Rohm BD00IA3WEFJ-E2 Datasheet HTML 9Page - Rohm BD00IA3WEFJ-E2 Datasheet HTML 10Page - Rohm BD00IA3WEFJ-E2 Datasheet HTML 11Page - Rohm BD00IA3WEFJ-E2 Datasheet HTML 12Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
www.rohm.com
2010.04 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BD00GA3WEFJ
Technical Note
8/11
Evaluation Board Circuit
Evaluation Board Parts List
About Board Layout
Input capacitor Cin of VCC (Vin) should be placed very close to VCC(Vin) pin as possible, and used broad wiring pattern.
Output capacitor Co also should be placed close to IC pin as possible. In case connected to inner layer GND plane, please
use several through hole.
VFB pin has comparatively high impedance, and is apt to be effected by noise, so floating capacity should be minimum as
possible. Please be careful in wiring drawing
Please take GND pattern space widely, and design layout to be able to increase radiation efficiency.
For output voltage setting
Output voltage can be set by FB pin voltage(0.800V typ.)and external resistance R1, R2.
The use of resistors with R1+R2=5k to 90k is recommended)
Designation
Value
Part No.
Company
Designation
Value
Part No.
Company
R1
43kΩ
MCR01PZPZF4302
ROHM
C4
R2
8.2kΩ
MCR01PZPZF8201
ROHM
C5
1uF
CM105B105K16A
KYOCERA
R3
C6
R4
C7
R5
C8
R6
C9
C1
1uF
CM105B105K16A
KYOCERA
C10
C2
U1
BD00GA3WEFJ
ROHM
C3
U2
VO
EN
GND
VCC (Vi n)
Cin
R1
R2
Co
N.C
GND
FB
N.C
N.C.
VOUT
2
VOUT
C7
3
4
7
5
U1
8
C1
C2
C3
R1
R2
R6
U2
C8
R4
R3
C6
C5
C4
R5
Gate
C9
C10
1
VCC
6
EN
GND
SW1
EN
VO = VFB×
R1+R2
R2


Similar Part No. - BD00IA3WEFJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD00IA3WEFJ-E2 ROHM-BD00IA3WEFJ-E2 Datasheet
463Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00IA3WEFJ-E2 ROHM-BD00IA3WEFJ-E2 Datasheet
543Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00IA3WEFJ-E2 ROHM-BD00IA3WEFJ-E2 Datasheet
513Kb / 12P
   300mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00IA3WEFJ-E2 ROHM-BD00IA3WEFJ-E2 Datasheet
457Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00IA3WEFJ-E2 ROHM-BD00IA3WEFJ-E2 Datasheet
491Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
More results

Similar Description - BD00IA3WEFJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD00HA3WEFJ ROHM-BD00HA3WEFJ Datasheet
513Kb / 12P
   300mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HC5WEFJ ROHM-BD00HC5WEFJ Datasheet
492Kb / 12P
   1.5A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HA5WEFJ ROHM-BD00HA5WEFJ Datasheet
457Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA5WEFJ ROHM-BD00GA5WEFJ Datasheet
463Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HC0WEFJ ROHM-BD00HC0WEFJ Datasheet
491Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GC0WEFJ ROHM-BD00GC0WEFJ Datasheet
543Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BA3259HFP ROHM-BA3259HFP_09 Datasheet
383Kb / 10P
   Dual-output Secondary Fixed/Variable Output LDO Regulators for Local Power Supplies
BA3258HFP ROHM-BA3258HFP_09 Datasheet
357Kb / 9P
   Dual-output Secondary Fixed Output LDO Regulators for Local Power Supplies
BDXXKA5 ROHM-BDXXKA5 Datasheet
364Kb / 10P
   500mA Secondary LDO Regulators for Local Power Supplies
BAXXBC0 ROHM-BAXXBC0_10 Datasheet
392Kb / 10P
   1A Secondary LDO Regulators for Local Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com