Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3KP64A Datasheet(PDF) 5 Page - Littelfuse

Part # 3KP64A
Description  Transient Voltage Suppression Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

3KP64A Datasheet(HTML) 5 Page - Littelfuse

  3KP64A Datasheet HTML 1Page - Littelfuse 3KP64A Datasheet HTML 2Page - Littelfuse 3KP64A Datasheet HTML 3Page - Littelfuse 3KP64A Datasheet HTML 4Page - Littelfuse 3KP64A Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
103
©2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Transient Voltage Suppression Diodes
Revision: January 09, 2009
3KP Series
Axial Leaded – 3000W > 3KP series
Please refer to http://www.Littelfuse.com/series/3KP.html for current information.
Part Numbering System
Packaging
Part Number
Component
Package
Quantity
Packaging
Option
Packaging Specification
3KPxxxXX
P600
800
Tape & Reel
EIA STD RS-296E
3KPxxxXX-B
P600
500
BULK
Littelfuse Concord Packing Spec. DM-0016
VOLTAGE CODE
(Refer to the Electrical Characteristics table)
TYPE CODE:
A
Uni-Directional (5% Voltage Tolerance)
CA Bi-Directional
OPTION CODE:
BLANK Reel Tape
-B Bulk Packaging
SERIES CODE
3KPxxx XX X
Part Marking System
F
Product Type
Littelfuse Logo
Cathode Band


Similar Part No. - 3KP64A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
3KP64A PANJIT-3KP64A Datasheet
173Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
logo
Shanghai Leiditech Elec...
3KP64A LEIDITECH-3KP64A Datasheet
819Kb / 5P
   3000W Transient Voltage Suppressor
logo
Pan Jit International I...
3KP64A PANJIT-3KP64A Datasheet
86Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
logo
Shanghai Semitech Semic...
3KP64A SEMITECH-3KP64A Datasheet
500Kb / 4P
   Excellent clamping capability
logo
Surge Components
3KP64A SURGE-3KP64A Datasheet
206Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 170 Volts?
More results

Similar Description - 3KP64A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
15KPA150CA LITTELFUSE-15KPA150CA Datasheet
653Kb / 6P
   Transient Voltage Suppression Diodes
5.0SMDJ60CA LITTELFUSE-5.0SMDJ60CA Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
P4KE LITTELFUSE-P4KE Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
SACB LITTELFUSE-SACB Datasheet
181Kb / 4P
   Transient Voltage Suppression Diodes
P4SMA LITTELFUSE-P4SMA Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
30KPA42A LITTELFUSE-30KPA42A Datasheet
1Mb / 6P
   Transient Voltage Suppression Diodes
TP1.5KE LITTELFUSE-TP1.5KE Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
logo
Shanghai Yint Electroni...
SM5S YINT-SM5S Datasheet
385Kb / 3P
   Transient Voltage Suppression Diodes
logo
Littelfuse
AK10 LITTELFUSE-AK10_09 Datasheet
188Kb / 3P
   Transient Voltage Suppression Diodes
SA5.0A LITTELFUSE-SA5.0A_09 Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
SMBJ5.0A LITTELFUSE-SMBJ5.0A_09 Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com