Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD2220G Datasheet(PDF) 2 Page - Rohm

Part # BD2220G
Description  USB High side switch IC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD2220G Datasheet(HTML) 2 Page - Rohm

  BD2220G Datasheet HTML 1Page - Rohm BD2220G Datasheet HTML 2Page - Rohm BD2220G Datasheet HTML 3Page - Rohm BD2220G Datasheet HTML 4Page - Rohm BD2220G Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/4
REV. A
◇Electric characteristics (unless otherwise specified V
IN = 5.0V, Ta = 25°C, CIN=1μF, COUT=1μF)
Parameter
Symbol
Spec
Unit
Condition
Min.
Typ.
Max.
DC characteristics
Operating Current
IDD
-
110
160
μA
VEN = 5V, VOUT = Open
Standby Current
ISTB
-
0.01
5
μA
VEN = 0V, VOUT = Open
EN input voltage
VEN
2.0
-
-
V
High input
-
-
0.8
V
Low input
EN input current
IEN
-1.0
0.01
1.0
μA
VEN =0V or 5V
ON resistance
RON
-
160
210
m
IOUT = 50mA
Switch leak current
ILSW
-
-
1.0
μA
VEN = 0V, VOUT = 0V
Reverse leak current
IREV
-
-
1.0
μA
VOUT = 5.5V, VIN = 0V
Over current threshold
ITH
0.5
-
1.0
A
Output LOW voltage
ISC
0.35
-
-
A
VOUT = 0V , COUT=47μF (RMS)
/OC output Low voltage
V/OC
-
-
0.4
V
I/OC = 0.5mA
UVLO
Threshold
VTUVH
2.1
2.3
2.5
V
Increasing VIN
VTUVL
2.0
2.2
2.4
V
Decreasing VIN
AC characteristics
Output rise time
TON1
-
1
6
ms
RL = 20Ω
Output rise delay time
TON2
-
1.5
10
ms
RL = 20Ω
Output fall time
TOFF1
-
1
20
μs
RL = 20Ω
Output fall delay time
TOFF2
-
3
40
μs
RL = 20Ω
Blanking time
TBLANK
10
15
20
ms
◇Over current protection, shutdown timing
◇Timing chart at output rise / fall time
ON
TBLANK
ON
OFF
Output
Current
Switch
status
/OC
output
VEN
TBLANK
TON2
TON1
10%
90%
50%
50%
90%
10%
TOFF2
TOFF1
VOUT
VEN


Similar Part No. - BD2220G

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2220G ROHM-BD2220G Datasheet
359Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2220G ROHM-BD2220G Datasheet
937Kb / 26P
   0.75A Current Limit Latch Off High Side Switch ICs
BD2220G-LB ROHM-BD2220G-LB Datasheet
549Kb / 24P
   1ch Small Package High Side Switch ICs
BD2220G-LBTR ROHM-BD2220G-LBTR Datasheet
549Kb / 24P
   1ch Small Package High Side Switch ICs
BD2220G-TR ROHM-BD2220G-TR Datasheet
937Kb / 26P
   0.75A Current Limit Latch Off High Side Switch ICs
More results

Similar Description - BD2220G

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2221G ROHM-BD2221G Datasheet
155Kb / 5P
   USB High side switch IC
BD2051AFJ ROHM-BD2051AFJ Datasheet
315Kb / 6P
   Silicon monolithic integrated circuit USB high side switch IC
BD2045AFJ ROHM-BD2045AFJ Datasheet
315Kb / 6P
   Silicon monolithic integrated circuit USB high side switch IC
BD2055AFJ ROHM-BD2055AFJ Datasheet
312Kb / 6P
   Silicon monolithic integrated circuit USB high side switch IC
BD2041AFJ ROHM-BD2041AFJ Datasheet
315Kb / 6P
   Silicon monolithic integrated circuit USB high side switch IC
BD2066FJ ROHM-BD2066FJ Datasheet
141Kb / 5P
   High side switch IC
BD2062FJ ROHM-BD2062FJ Datasheet
121Kb / 5P
   High side switch IC
logo
Sipex Corporation
SP2525A SIPEX-SP2525A Datasheet
234Kb / 9P
   USB High-Side Power Switch
logo
RICOH electronics devic...
R5520H RICOH-R5520H Datasheet
166Kb / 14P
   USB HIGH-SIDE POWER SWITCH
logo
Silicon Standard Corp.
SS6520 SSC-SS6520 Datasheet
505Kb / 7P
   USB High-Side Power Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com