Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3KP58CA Datasheet(PDF) 2 Page - Littelfuse

Part # 3KP58CA
Description  Transient Voltage Suppression Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

3KP58CA Datasheet(HTML) 2 Page - Littelfuse

  3KP58CA Datasheet HTML 1Page - Littelfuse 3KP58CA Datasheet HTML 2Page - Littelfuse 3KP58CA Datasheet HTML 3Page - Littelfuse 3KP58CA Datasheet HTML 4Page - Littelfuse 3KP58CA Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
100
Transient Voltage Suppression Diodes
Revision: January 09, 2009
©2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Leaded – 3000W > 3KP series
3KP Series
Please refer to http://www.Littelfuse.com/series/3KP.html for current information.
Electrical Characteristics
Part
Number
(Uni)
Part
Number
(Bi)
Reverse
Stand off
Voltage V
R
(Volts)
Breakdown
Voltage V
BR
(Volts) @ I
T
Test
Current
I
T
(mA)
Maximum
Clamping
Voltage
V
C @ IPP
(V)
Maximum
Peak
Pulse
Current I
PP
(A)
Maximum
Reverse
Leakage
I
R@ VR
(μ A)
Agency
Approval
MIN
MAX
3KP5.0A
3KP5.0CA
5.0
6.40
7.00
50
9.2
326.1
5000
X
3KP6.0A
3KP6.0CA
6.0
6.67
7.37
50
10.3
291.3
5000
X
3KP6.5A
3KP6.5CA
6.5
7.22
7.98
50
11.2
267.9
2000
X
3KP7.0A
3KP7.0CA
7.0
7.78
8.60
50
12.0
250.0
1000
X
3KP7.5A
3KP7.5CA
7.5
8.33
9.21
5
12.9
232.6
250
X
3KP8.0A
3KP8.0CA
8.0
8.89
9.83
5
13.6
220.6
150
X
3KP8.5A
3KP8.5CA
8.5
9.44
10.40
5
14.4
208.3
50
X
3KP9.0A
3KP9.0CA
9.0
10.00
11.10
5
15.4
194.8
20
X
3KP10A
3KP10CA
10.0
11.10
12.30
5
17.0
176.5
15
X
3KP11A
3KP11CA
11.0
12.20
13.50
5
18.2
164.8
2
X
3KP12A
3KP12CA
12.0
13.30
14.70
5
19.9
150.8
2
X
3KP13A
3KP13CA
13.0
14.40
15.90
5
21.5
139.5
2
X
3KP14A
3KP14CA
14.0
15.60
17.20
5
23.2
129.3
2
X
3KP15A
3KP15CA
15.0
16.70
18.50
5
24.4
123.0
2
X
3KP16A
3KP16CA
16.0
17.80
19.70
5
26.0
115.4
2
X
3KP17A
3KP17CA
17.0
18.90
20.90
5
27.6
108.7
2
X
3KP18A
3KP18CA
18.0
20.00
22.10
5
29.2
102.7
2
X
3KP20A
3KP20CA
20.0
22.20
24.50
5
32.4
92.6
2
X
3KP22A
3KP22CA
22.0
24.40
26.90
5
35.5
84.5
2
X
3KP24A
3KP24CA
24.0
26.70
29.50
5
38.9
77.1
2
X
3KP26A
3KP26CA
26.0
28.90
31.90
5
42.1
71.3
2
X
3KP28A
3KP28CA
28.0
31.10
34.40
5
45.4
66.1
2
X
3KP30A
3KP30CA
30.0
33.30
36.80
5
48.4
62.0
2
X
3KP33A
3KP33CA
33.0
36.70
40.60
5
53.3
56.3
2
X
3KP36A
3KP36CA
36.0
40.00
44.20
5
58.1
51.6
2
X
3KP40A
3KP40CA
40.0
44.40
49.10
5
64.5
46.5
2
X
3KP43A
3KP43CA
43.0
47.80
52.80
5
69.4
43.2
2
X
3KP45A
3KP45CA
45.0
50.00
55.30
5
72.7
41.3
2
X
3KP48A
3KP48CA
48.0
53.30
58.90
5
77.4
38.8
2
X
3KP51A
3KP51CA
51.0
56.70
62.70
5
82.4
36.4
2
X
3KP54A
3KP54CA
54.0
60.00
66.30
5
87.1
34.4
2
X
3KP58A
3KP58CA
58.0
64.40
71.20
5
93.6
32.1
2
X
3KP60A
3KP60CA
60.0
66.70
73.70
5
96.8
31.0
2
X
3KP64A
3KP64CA
64.0
71.10
78.60
5
103.0
29.1
2
X
3KP70A
3KP70CA
70.0
77.80
86.00
5
113.0
26.5
2
X
3KP75A
3KP75CA
75.0
83.30
92.10
5
121.0
24.8
2
X
3KP78A
3KP78CA
78.0
86.70
95.80
5
126.0
23.8
2
X
3KP85A
3KP85CA
85.0
94.40
104.00
5
137.0
21.9
2
X
3KP90A
3KP90CA
90.0
100.00
111.00
5
146.0
20.5
2
X
3KP100A
3KP100CA
100.0
111.00
123.00
5
162.0
18.5
2
X
3KP110A
3KP110CA
110.0
122.00
135.00
5
177.0
16.9
2
X
3KP120A
3KP120CA
120.0
133.00
147.00
5
193.0
15.5
2
X
3KP130A
3KP130CA
130.0
144.00
159.00
5
209.0
14.4
2
X
3KP150A
3KP150CA
150.0
167.00
185.00
5
243.0
12.3
2
X
3KP160A
3KP160CA
160.0
178.00
197.00
5
259.0
11.6
2
X
3KP170A
3KP170CA
170.0
189.00
209.00
5
275.0
10.9
2
X
3KP180A
3KP180CA
180.0
200.00
221.00
5
289.0
10.4
2
X
3KP190A
3KP190CA
190.0
211.00
233.00
5
310.0
9.7
2
X
3KP200A
3KP200CA
200.0
222.00
246.00
5
329.2
9.1
2
X
3KP210A
3KP210CA
210.0
233.00
258.00
5
349.5
8.6
2
X
3KP220A
3KP220CA
220.0
244.00
270.00
5
371.1
8.1
2
X
For parts without A , the V
BR is ± 10% and VC is 5% higher than with A parts
For bidirectional type having V
R of 10 volts and less, the IR limit is double.


Similar Part No. - 3KP58CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
3KP58CA PANJIT-3KP58CA Datasheet
173Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
logo
Ruilongyuan Electronics...
3KP58CA RUILON-3KP58CA Datasheet
763Kb / 7P
   Transient Voltage Suppressors
logo
Jinan Jingheng (Group) ...
3KP58CA JINANJINGHENG-3KP58CA Datasheet
775Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER-3000 Watts
logo
Surge Components
3KP58CA SURGE-3KP58CA Datasheet
206Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 170 Volts?
logo
Socay Electornics Co., ...
3KP58CA SOCAY-3KP58CA Datasheet
485Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
More results

Similar Description - 3KP58CA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
15KPA150CA LITTELFUSE-15KPA150CA Datasheet
653Kb / 6P
   Transient Voltage Suppression Diodes
5.0SMDJ60CA LITTELFUSE-5.0SMDJ60CA Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
P4KE LITTELFUSE-P4KE Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
SACB LITTELFUSE-SACB Datasheet
181Kb / 4P
   Transient Voltage Suppression Diodes
P4SMA LITTELFUSE-P4SMA Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
30KPA42A LITTELFUSE-30KPA42A Datasheet
1Mb / 6P
   Transient Voltage Suppression Diodes
TP1.5KE LITTELFUSE-TP1.5KE Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
logo
Shanghai Yint Electroni...
SM5S YINT-SM5S Datasheet
385Kb / 3P
   Transient Voltage Suppression Diodes
logo
Littelfuse
AK10 LITTELFUSE-AK10_09 Datasheet
188Kb / 3P
   Transient Voltage Suppression Diodes
SA5.0A LITTELFUSE-SA5.0A_09 Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
SMBJ5.0A LITTELFUSE-SMBJ5.0A_09 Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com