Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD15TD2WNVX-TL Datasheet(PDF) 10 Page - Rohm

Part # BD15TD2WNVX-TL
Description  Ultra Small Package CMOS LDO Regulators suitable for High-density Mounting
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD15TD2WNVX-TL Datasheet(HTML) 10 Page - Rohm

Back Button BD15TD2WNVX-TL Datasheet HTML 6Page - Rohm BD15TD2WNVX-TL Datasheet HTML 7Page - Rohm BD15TD2WNVX-TL Datasheet HTML 8Page - Rohm BD15TD2WNVX-TL Datasheet HTML 9Page - Rohm BD15TD2WNVX-TL Datasheet HTML 10Page - Rohm BD15TD2WNVX-TL Datasheet HTML 11Page - Rohm BD15TD2WNVX-TL Datasheet HTML 12Page - Rohm BD15TD2WNVX-TL Datasheet HTML 13Page - Rohm BD15TD2WNVX-TL Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
Technical Note
10/40
BU□□TD2WNVX Series
www.rohm.com
2010.02 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
00.511.522.533.544.555.5
Input Voltage (V)
Temp=25°C
Io=0uA
Io=100uA
Io=50mA
Io=200mA
VIN=STBY
1.75
1.76
1.77
1.78
1.79
1.80
1.81
1.82
1.83
1.84
1.85
1.7
1.8
1.9
2
2.1
2.2
2.3
2.4
2.5
Input Voltage (V)
Temp=25°C
Io=0uA
Io=100uA
Io=50mA
Io=200mA
VIN=STBY
0
20
40
60
80
100
00.5
11.522.5
33.544.5
55.5
Input Voltage (V)
Io=0uA
Temp=85°C
Temp=25°C
VIN=STBY
Temp=-40°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
00.511.522.5
33.5
4
4.555.5
Input Voltage (V)
Temp=-40°C
Temp=25°C
Temp=85°C
0
20
40
60
80
100
0
0.05
0.1
0.15
0.2
Output Current (A)
Temp=-40°C
Temp=25°C
Temp=85°C
VIN=2.8V
STBY=1.5V
1.75
1.76
1.77
1.78
1.79
1.80
1.81
1.82
1.83
1.84
1.85
0
0.05
0.1
0.15
0.2
Output Current (A)
VIN=2.8V
STBY=1.5V
Temp=-40°C
Temp=25°C
Temp=85°C
0.0
0.5
1.0
1.5
2.0
0
0.5
1
1.5
STBY Voltage (V)
VIN=3.8V
Io=0mA
Temp=-40°C
Temp=25°C
Temp=85°C
1.75
1.76
1.77
1.78
1.79
1.80
1.81
1.82
1.83
1.84
1.85
-40
-15
10
35
60
85
Temp (°C)
VIN=2.8V
STBY=1.5V
Io=0.1mA
0
10
20
30
40
50
60
-40
-15
10
35
60
85
Temp (°C)
VIN=2.8V
STBY=1.5V
Io=0mA
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-40
-15
10
35
60
85
Temp (°C)
VIN=2.8V
STBY=0V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.00.1
0.20.3
0.40.5
0.6
Output Current (mA)
VIN=2.3V
VIN=2.8V
VIN=5.5V
Temp=25°C
STBY=1.5V
Reference data BU18TD2WNVX (Ta=25ºC unless otherwise specified.)
Fig.55. Output Voltage
Fig.56. Line Regulation
Fig.57. Circuit Current IGND
Fig.58. VSTBY - ISTBY
Fig.59. IOUT - IGND
Fig.60. Load Regulation
Fig.61. OCP Threshold
Fig.62. STBY Threshold
Fig.63. VOUT - Temp
Fig.64. IGND - Temp
Fig.65. IGND - Temp (STBY)


Similar Part No. - BD15TD2WNVX-TL

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
BD151300 WINCHESTER-BD151300 Datasheet
48Kb / 1P
   Modular Tooling & Testers
logo
Motorola, Inc
BD157 MOTOROLA-BD157 Datasheet
100Kb / 4P
   Plastic Medium Power NPN Silicon Transistor
logo
Fairchild Semiconductor
BD157 FAIRCHILD-BD157 Datasheet
38Kb / 4P
   Low Power Fast Switching Output Stages
logo
Inchange Semiconductor ...
BD157 ISC-BD157 Datasheet
228Kb / 2P
   Silicon NPN Power Transistor
logo
Continental Device Indi...
BD157 CDIL-BD157 Datasheet
90Kb / 2P
   PLASTIC MEDIUM POWER SILICON TRANSISTORS
More results

Similar Description - BD15TD2WNVX-TL

ManufacturerPart #DatasheetDescription
logo
Rohm
BHXXRB1WGUT ROHM-BHXXRB1WGUT_09 Datasheet
304Kb / 9P
   Ultra Small Package CMOS LDO Regulators
logo
Shanghai Leiditech Elec...
BZT52C56 LEIDITECH-BZT52C56 Datasheet
895Kb / 3P
   Small package size suitable for high-density applications
BZT52C3V3 LEIDITECH-BZT52C3V3 Datasheet
895Kb / 3P
   Small package size suitable for high-density applications
BZT52C62 LEIDITECH-BZT52C62 Datasheet
895Kb / 3P
   Small package size suitable for high-density applications
BZT52C82 LEIDITECH-BZT52C82 Datasheet
912Kb / 3P
   Small package size suitable for high-density applications
BZT52C5V6 LEIDITECH-BZT52C5V6 Datasheet
928Kb / 3P
   Small package size suitable for high-density applications
logo
Rohm
BU10JA2MNVX-C ROHM-BU10JA2MNVX-C Datasheet
1Mb / 21P
   Ultra-Small Package FULL CMOS LDO Regulator
logo
Torex Semiconductor
XC6213 TOREX-XC6213_1 Datasheet
1Mb / 27P
   High Speed LDO Regulators, Low ESR Cap.Comratible, Ultra Small Package
logo
Micropac Industries
61059 MICROPAC-61059 Datasheet
89Kb / 3P
   Suitable for high-density PC Board mounting
logo
Torex Semiconductor
XC6213 TOREX-XC6213_2 Datasheet
1,014Kb / 28P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Ultra Small Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com