Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24093DGQR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24093DGQR
Description  1A, Single-Input, Single Cell Li-Ion Battery Charger
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24093DGQR Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ24093DGQR Datasheet HTML 4Page - Texas Instruments BQ24093DGQR Datasheet HTML 5Page - Texas Instruments BQ24093DGQR Datasheet HTML 6Page - Texas Instruments BQ24093DGQR Datasheet HTML 7Page - Texas Instruments BQ24093DGQR Datasheet HTML 8Page - Texas Instruments BQ24093DGQR Datasheet HTML 9Page - Texas Instruments BQ24093DGQR Datasheet HTML 10Page - Texas Instruments BQ24093DGQR Datasheet HTML 11Page - Texas Instruments BQ24093DGQR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
BatteryPack
VBUS
GND
D+
D-
USBPort
DC+
GND
Adaptor
VDD
D-
D+
GND
Host
SystemLoad
OR
ISET/100/500 mA
1
2
3
4
5
10
9
8
7
6
IN
ISET
VSS
PRETERM
PG
NC
ISET2
CHG
TS
OUT
bq2409x
1 F
m
1 F
m
1kW
1.5kW
1.5kW
2kW
DisconnectafterDetection
+
TTDM
+
bq24090, bq24091
bq24092, bq24093
SLUS968A – JANUARY 2010 – REVISED FEBRUARY 2010
www.ti.com
Typical Application Circuit: bq2409x
IOUT_FAST_CHG = 540mA; IOUT_PRE_CHG = 108mA; IOUT_TERM = 54mA
8
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): bq24090 bq24091


Similar Part No. - BQ24093DGQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24093DGQR TI-BQ24093DGQR Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24093DGQR TI-BQ24093DGQR Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24093DGQR TI-BQ24093DGQR Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion and Li-Pol Battery Charger
More results

Similar Description - BQ24093DGQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24090 TI-BQ24090 Datasheet
1Mb / 31P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_3 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_2 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_12 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion and Li-Pol Battery Charger
logo
Global Mixed-mode Techn...
G5803 GMT-G5803 Datasheet
76Kb / 1P
   1A Single Cell Li-Ion Battery Linear Charger
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
logo
Texas Instruments
BQ24045 TI1-BQ24045 Datasheet
1Mb / 35P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion and Li-Pol Battery Charger With Auto Start
BQ24210 TI1-BQ24210 Datasheet
679Kb / 26P
[Old version datasheet]   800mA, Single-Input, Single Cell Li-Ion Battery Solar Charger
BQ24212 TI1-BQ24212 Datasheet
254Kb / 8P
[Old version datasheet]   800mA, Single-Input, Single Cell Li-Ion Battery Solar Charger
logo
Richtek Technology Corp...
RT9468 RICHTEK-RT9468 Datasheet
521Kb / 57P
   Single Cell Li-Ion Switching Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com