Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC3282 Datasheet(PDF) 11 Page - Texas Instruments

Part # DAC3282
Description  16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3282 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC3282_10 Datasheet HTML 7Page - Texas Instruments DAC3282_10 Datasheet HTML 8Page - Texas Instruments DAC3282_10 Datasheet HTML 9Page - Texas Instruments DAC3282_10 Datasheet HTML 10Page - Texas Instruments DAC3282_10 Datasheet HTML 11Page - Texas Instruments DAC3282_10 Datasheet HTML 12Page - Texas Instruments DAC3282_10 Datasheet HTML 13Page - Texas Instruments DAC3282_10 Datasheet HTML 14Page - Texas Instruments DAC3282_10 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
0
10000 20000
30000 40000 50000 60000 70000
Code
-5
-4
-3
-2
-1
0
1
2
3
4
5
INL
-5
-4
-3
-2
-1
0
1
2
3
4
5
0
10000 20000
30000 40000 50000 60000 70000
Code
DNL
50
55
60
65
70
75
80
85
90
0
50
100
150
200
250
0dBFS
-6dBFS
-12dBFS
f
-OutputFrequency-MHz
OUT
f
=625MSPS,2xInterpolation,
IOUTFS=20mA
DAC
0
20
40
60
80
100
120
1xInterpolation
2xInterpolation
f
=312.5MSPS,0dBFS,
IOUTFS=20mA
DAC
50
55
60
65
70
75
80
85
90
f
OUT -OutputFrequency-MHz
DAC3282
www.ti.com
SLAS646A – DECEMBER 2009 – REVISED FEBRUARY 2010
TYPICAL CHARACTERISTICS
Figure 1. Integral Non-Linearity
Figure 2. Differential Non-Linearity
Figure 3. SFDR vs Input Scale
Figure 4. SFDR vs Interpolation
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): DAC3282


Similar Part No. - DAC3282_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC3282_101 TI-DAC3282_101 Datasheet
1Mb / 53P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
More results

Similar Description - DAC3282_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC3282 TI-DAC3282 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282_101 TI-DAC3282_101 Datasheet
1Mb / 53P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282 TI-DAC3282_15 Datasheet
1Mb / 65P
[Old version datasheet]   DAC3282 16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC5687 TI-DAC5687 Datasheet
2Mb / 72P
[Old version datasheet]   16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5689 TI-DAC5689 Datasheet
1Mb / 48P
[Old version datasheet]   16-BIT 800 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5689 TI-DAC5689_15 Datasheet
1Mb / 50P
[Old version datasheet]   16-BIT, 800 MSPS 2x??x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI1-DAC5688_14 Datasheet
1Mb / 57P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x??x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI-DAC5688_10 Datasheet
1Mb / 55P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x-8x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI-DAC5688 Datasheet
1Mb / 47P
[Old version datasheet]   16-BIT, 800 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI-DAC5688_15 Datasheet
1Mb / 56P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x??x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com