Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9612725604AR Datasheet(PDF) 1 Page - 3M Electronics

Part # 9612725604AR
Description  3M??Pin Strip Header
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9612725604AR Datasheet(HTML) 1 Page - 3M Electronics

  9612725604AR Datasheet HTML 1Page - 3M Electronics 9612725604AR Datasheet HTML 2Page - 3M Electronics 9612725604AR Datasheet HTML 3Page - 3M Electronics 9612725604AR Datasheet HTML 4Page - 3M Electronics 9612725604AR Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3MPin Strip Header
2.54 mm and 2.54 mm x 2.54 mm, Right Angle, Solder Tail
961 Series
High temperature dielectric
“No lead” wave and reflow solder compatible
End stackable feature
Single- and dual row version
Mates with boardmount and wiremount products
See Regulatory Information Appendix for
chemical compliance information
Date Modified: October 16, 2008
TS-2182-B
Sheet 1 of 2
Physical
Insulation
Material: High Temperature Thermoplastic
Flammability: UL 94V-0
Color: Black
Contact
Material: Copper Alloy
Plating
Underplating: 1.25–2,5 μm [50–100 μ’’] Nickel
Wiping Area: 0.25 μm [10 μ’’] Gold
Solder Tail Area: 1–3 μm [40–118 μ’’] Matte Tin
Electrical
Current Rating: 2 A
Insulation Resistance: > 5 x 108 Ohm at 100 V
DC
Withstanding Voltage: 1000 V
DC
Environmental
Temperature Range:
-25 °C to +105 °C
Processing Temperature:
max. 260 °C (Profile per J-STD-020C)
Moisture Sensitivity Level:
1 (per J-STD-020C)
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of the 3M Company
For technical, sales or ordering information
call your Local 3M Service Center


Similar Part No. - 9612725604AR

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
9612 JOHANSON-9612 Datasheet
213Kb / 2P
   RF amplifier
logo
Belden Inc.
9612 BELDEN-9612 Datasheet
161Kb / 2P
   RS232, #24-7c, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
logo
Knowles Electronics
9612 KNOWLES-9612 Datasheet
3Mb / 60P
   Introduction to Knowles Precision Devices
logo
Belden Inc.
9612-060100 BELDEN-9612-060100 Datasheet
161Kb / 2P
   RS232, #24-7c, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
9612-0601000 BELDEN-9612-0601000 Datasheet
161Kb / 2P
   RS232, #24-7c, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
More results

Similar Description - 9612725604AR

ManufacturerPart #DatasheetDescription
logo
3M Electronics
961428-8040804-AR 3M-961428-8040804-AR Datasheet
312Kb / 6P
   3M??Pin Strip Header
929647-07-36-I 3M-929647-07-36-I Datasheet
682Kb / 8P
   3M??Pin Strip Header Single and Dual Row
961102-5604-AR 3M-961102-5604-AR Datasheet
852Kb / 3P
   3M Pin Strip Header 2.54 mm and 2.54 mm x 2.54 mm, Right Angle, Solder Tail
N4634-2300RB 3M-N4634-2300RB Datasheet
981Kb / 3P
   3M Surface Mount Header
91736 3M-91736 Datasheet
424Kb / 5P
   3M??CF Card Header
356 3M-356 Datasheet
1Mb / 4P
   3M??Power Clamp Header
2500 3M-2500 Datasheet
1Mb / 6P
   3M??Four-Wall Header
2401-6112TB 3M-2401-6112TB Datasheet
50Kb / 3P
   100 and 100 X 100 Pin Strip Header
N3429-630T02RB 3M-N3429-630T02RB Datasheet
1Mb / 5P
   3M??Four-Wall Header .100??횞 .100??Latch/Ejector, Straight, Compliant Pin
3793 3M-3793 Datasheet
682Kb / 5P
   3M Pak 100 4-Wall Header
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com