Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGU7003 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BGU7003
Description  Wideband silicon germanium low-noise amplifier MMIC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGU7003 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BGU7003 Datasheet HTML 2Page - NXP Semiconductors BGU7003 Datasheet HTML 3Page - NXP Semiconductors BGU7003 Datasheet HTML 4Page - NXP Semiconductors BGU7003 Datasheet HTML 5Page - NXP Semiconductors BGU7003 Datasheet HTML 6Page - NXP Semiconductors BGU7003 Datasheet HTML 7Page - NXP Semiconductors BGU7003 Datasheet HTML 8Page - NXP Semiconductors BGU7003 Datasheet HTML 9Page - NXP Semiconductors BGU7003 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
BGU7003_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 2 March 2009
6 of 17
NXP Semiconductors
BGU7003
Wideband silicon germanium low-noise amplifier MMIC
Tamb = 25 °C; ICC(tot) = 5.0 mA; VCC = 2.5 V;
Pdrive = −30 dBm; Z0 = 50 Ω.
Tamb = 25 °C; ICC(tot) = 5.0 mA; VCC = 2.5 V;
Pdrive = −30 dBm; Z0 = 50 Ω.
Fig 4.
Insertion power gain (
|s21|2) as a function of
frequency; typical values
Fig 5.
Isolation (
|s12|2) as a function of frequency;
typical values
f (MHz)
0
6000
4000
2000
001aaj655
10
20
30
|s21|2
(dB)
0
f (MHz)
0
6000
4000
2000
001aaj657
−40
−20
0
|s12|2
(dB)
−60
Tamb = 25 °C; ICC(tot) = 5.0 mA; VCC = 2.5 V;
Pdrive = −30 dBm; Z0 = 50 Ω.
Tamb = 25 °C; ICC(tot) = 5.0 mA; VCC = 2.5 V;
Pdrive = −30 dBm; Z0 = 50 Ω.
Fig 6.
Rollet’s stability factor as a function of
frequency; typical values
Fig 7.
Minimum noise figure as a function of
frequency; typical values
001aaj659
1
K
10−1
f (MHz)
0
6000
4000
2000
001aaj660
f (MHz)
0
6000
4000
2000
1.0
0.5
1.5
2.0
NFmin
(dB)
0


Similar Part No. - BGU7003

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGU7003 PHILIPS-BGU7003 Datasheet
331Kb / 2P
   The best reception of GNSS signals with the smallest footprint
October 2011
BGU7003 NXP-BGU7003 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BGU7003W NXP-BGU7003W Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BGU7003

ManufacturerPart #DatasheetDescription
logo
NEC
UPC3227TB NEC-UPC3227TB Datasheet
115Kb / 14P
   5 V, SILICON GERMANIUM MMIC WIDEBAND AMPLIFIER
logo
Fairchild Semiconductor
RMLA3565C FAIRCHILD-RMLA3565C Datasheet
257Kb / 5P
   Wideband Low Noise MMIC Amplifier
logo
List of Unclassifed Man...
RMLA3565-58 ETC-RMLA3565-58 Datasheet
349Kb / 8P
   Wideband Low Noise MMIC Amplifier
RMLA3565A-58 ETC-RMLA3565A-58 Datasheet
244Kb / 8P
   Wideband Low Noise MMIC Amplifier
logo
SIRENZA MICRODEVICES
SGL-0622Z SIRENZA-SGL-0622Z_1 Datasheet
135Kb / 5P
   5 - 4000 MHz Low Noise MMIC Amplifier Silicon Germanium
logo
RF Micro Devices
SGL0622Z RFMD-SGL0622Z Datasheet
546Kb / 6P
   5MHz to 4000MHz LOW NOISE MMIC AMPLIFIER SILICON GERMANIUM
logo
Infineon Technologies A...
BGA824N6 INFINEON-BGA824N6 Datasheet
1Mb / 16P
   Silicon Germanium Low Noise Amplifier
Revision 3.0, 2013-06-24
BGA715N7 INFINEON-BGA715N7 Datasheet
1Mb / 15P
   Silicon Germanium Low Noise Amplifier
Revision 1.0, 2013-01-29
BGA524N6 INFINEON-BGA524N6 Datasheet
1Mb / 16P
   Silicon Germanium Low Noise Amplifier
Revision 3.0, 2014-01-24
BGA825L6S INFINEON-BGA825L6S Datasheet
806Kb / 16P
   Silicon Germanium Low Noise Amplifier
Revision 2.1, 2012-10-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com