Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLA6H1011-600 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BLA6H1011-600
Description  LDMOS avionics power transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLA6H1011-600 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BLA6H1011-600 Datasheet HTML 4Page - NXP Semiconductors BLA6H1011-600 Datasheet HTML 5Page - NXP Semiconductors BLA6H1011-600 Datasheet HTML 6Page - NXP Semiconductors BLA6H1011-600 Datasheet HTML 7Page - NXP Semiconductors BLA6H1011-600 Datasheet HTML 8Page - NXP Semiconductors BLA6H1011-600 Datasheet HTML 9Page - NXP Semiconductors BLA6H1011-600 Datasheet HTML 10Page - NXP Semiconductors BLA6H1011-600 Datasheet HTML 11Page - NXP Semiconductors BLA6H1011-600 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
BLA6H1011-600_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 22 April 2010
8 of 13
NXP Semiconductors
BLA6H1011-600
LDMOS avionics power transistor
Printed-Circuit Board (PCB): Duroid 6006;
ε
r = 6.15 F/m; thickness = 0.64 mm; thickness copper plating = 35 μm.
See Table 9 for a list of components.
Fig 12. Component layout for class-AB production test circuit
001aal842
C3
C4
C1
R1
R2
C5
C6
C7
C10
C9
C8
R3
C11
C2


Similar Part No. - BLA6H1011-600

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLA6H1011-600 NXP-BLA6H1011-600 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Ampleon Netherlands B.V...
BLA6H1011-600 AMPLEON-BLA6H1011-600 Datasheet
913Kb / 13P
   LDMOS avionics power transistor
Rev. 02,1 September 2015
logo
NXP Semiconductors
BLA6H1011-600 PHILIPS-BLA6H1011-600_15 Datasheet
140Kb / 13P
   LDMOS avionics power transistor
Rev. 01-22 April 2010
More results

Similar Description - BLA6H1011-600

ManufacturerPart #DatasheetDescription
logo
Ampleon Netherlands B.V...
BLA9H0912L-250 AMPLEON-BLA9H0912L-250 Datasheet
1Mb / 14P
   LDMOS avionics power transistor
Rev. 1 ??14 June 2019
BLA9H0912L-1200P AMPLEON-BLA9H0912L-1200P Datasheet
1Mb / 14P
   LDMOS avionics power transistor
Rev. 1 ??1 November 2018
BLA6H0912L-1000 AMPLEON-BLA6H0912L-1000 Datasheet
969Kb / 13P
   LDMOS avionics power transistor
Rev. 5 ??1 September 2015
logo
NXP Semiconductors
BLA6H0912L-1000 PHILIPS-BLA6H0912L-1000_15 Datasheet
190Kb / 13P
   LDMOS avionics power transistor
Rev. 4-2 July 2015
BLA6H1011-600 PHILIPS-BLA6H1011-600_15 Datasheet
140Kb / 13P
   LDMOS avionics power transistor
Rev. 01-22 April 2010
BLA0912-250R NXP-BLA0912-250R Datasheet
141Kb / 13P
   Avionics LDMOS power transistor
Rev. 01-3 March 2010
logo
Ampleon Netherlands B.V...
BLA6H1011-600 AMPLEON-BLA6H1011-600 Datasheet
913Kb / 13P
   LDMOS avionics power transistor
Rev. 02,1 September 2015
logo
NXP Semiconductors
BLA1011-10 PHILIPS-BLA1011-10 Datasheet
72Kb / 9P
   Avionics LDMOS transistor
2003 Nov 19
BLA1011-2 PHILIPS-BLA1011-2 Datasheet
73Kb / 9P
   Avionics LDMOS transistor
2003 Nov 19
BLA6H0912-500 NXP-BLA6H0912-500 Datasheet
136Kb / 14P
   LDMOS avionics radar power transistor
Rev. 03-30 March 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com