Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLD6G22LS-50 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BLD6G22LS-50
Description  W-CDMA 2110 MHz to 2170 MHz fully integrated Doherty transistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLD6G22LS-50 Datasheet(HTML) 4 Page - NXP Semiconductors

  BLD6G22LS-50 Datasheet HTML 1Page - NXP Semiconductors BLD6G22LS-50 Datasheet HTML 2Page - NXP Semiconductors BLD6G22LS-50 Datasheet HTML 3Page - NXP Semiconductors BLD6G22LS-50 Datasheet HTML 4Page - NXP Semiconductors BLD6G22LS-50 Datasheet HTML 5Page - NXP Semiconductors BLD6G22LS-50 Datasheet HTML 6Page - NXP Semiconductors BLD6G22LS-50 Datasheet HTML 7Page - NXP Semiconductors BLD6G22LS-50 Datasheet HTML 8Page - NXP Semiconductors BLD6G22LS-50 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
BLD6G22L-50_BLD6G22LS-50_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Objective data sheet
Rev. 02 — 18 March 2010
4 of 16
NXP Semiconductors
BLD6G22L-50; BLD6G22LS-50
W-CDMA 2110 MHz to 2170 MHz fully integrated Doherty transistor
7.
Characteristics
8.
Application information
8.1 Ruggedness in Doherty operation
The BLD6G22L-50 and BLD6G22LS-50 are capable of withstanding a load mismatch
corresponding to VSWR = 10 : 1 through all phases under the following conditions:
VDS =28V; IDq =170 mA; PL = 8 W (W-CDMA); f = 2140 MHz.
Table 6.
Characteristics
Valid for both main and peak device.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
V(BR)DSS drain-source breakdown voltage
VGS =0V; ID =0.62mA
65
-
-
V
VGS(th)
gate-source threshold voltage
VDS =10V; ID = 31 mA
1.4
1.8
2.4
V
VGSq
gate-source quiescent voltage
VDS =28V; ID = 170 mA
1.55 2.05 2.55
V
IDSS
drain leakage current
VGS =0V; VDS = 28 V
--1.4
μA
IDSX
drain cut-off current
VGS =VGS(th) +3.75 V;
VDS =10V
4.6
5.1
-
A
IGSS
gate leakage current
VGS =11V; VDS = 0 V
--140
nA
gfs
forward transconductance
VDS =10V; ID = 1.55 A
1.4
2.2
-
S
RDS(on)
drain-source on-state resistance
VGS =VGS(th) +3.75 V;
ID =1.085 A
-
0.52 0.736
Ω
Table 7.
Application information
Mode of operation: 2-carrier W-CDMA; PAR 8.3 dB at 0.01 % probability on CCDF;
carrier spacing = 5 MHz; f = 2140 MHz; RF performance at VDS = 28 V; IDq = 170 mA;
VGS(amp)peak =0V; Tcase = 25 °C; unless otherwise specified; in a production circuit.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
PL(AV)
average output power
-
8
-
W
Gp
power gain
PL(AV) = <tbd>
<tbd>
13.3
-
dB
η
D
drain efficiency
PL(AV) = <tbd>
<tbd>
38
-
%
PARO
output peak-to-average ratio
PL(AV) = <tbd>
<tbd>
7.6
-
dB
RLin
input return loss
PL(AV) = <tbd>
<tbd>
20
-
dB
ACPR
adjacent channel power ratio
PL(AV) = <tbd>
-
−30
<tbd>
dBc


Similar Part No. - BLD6G22LS-50

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLD6G22LS-50 NXP-BLD6G22LS-50 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BLD6G22LS-50

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLD6G21L-50 NXP-BLD6G21L-50 Datasheet
129Kb / 14P
   TD-SCDMA 2010 MHz to 2025 MHz fully integrated Doherty transistor
Rev. 01-28 October 2009
logo
Skyworks Solutions Inc.
SKY66184-11 SKYWORKS-SKY66184-11 Datasheet
1,001Kb / 14P
   2110 to 2170 MHz Linear Power Amplifier
logo
Infineon Technologies A...
PTF210901 INFINEON-PTF210901 Datasheet
266Kb / 8P
   LDMOS RF Power Field Effect Transistor 90 W, 2110-2170 MHz
2004-01-16
PTF211301 INFINEON-PTF211301 Datasheet
449Kb / 9P
   LDMOS RF Power Field Effect Transistor 130 W, 2110-2170 MHz
2004-01-02
PTF210301 INFINEON-PTF210301 Datasheet
337Kb / 8P
   LDMOS RF Power Field Effect Transistor 30 W, 2110-2170 MHz
2003-12-22
PTF211802 INFINEON-PTF211802 Datasheet
169Kb / 8P
   LDMOS RF Power Field Effect Transistor 180 W, 2110-2170 MHz
2004-02-13
PTF210451 INFINEON-PTF210451 Datasheet
406Kb / 8P
   LDMOS RF Power Field Effect Transistor 45 W, 2110-2170 MHz
2003-12-22
logo
WALSIN TECHNOLOGY CORPO...
SF11092140B102T WALSIN-SF11092140B102T Datasheet
734Kb / 8P
   2110~2170 MHz Band Working Frequency
logo
Infineon Technologies A...
PTFB213004F INFINEON-PTFB213004F_16 Datasheet
740Kb / 16P
   High Power RF LDMOS Field Effect Transistor 300 W, 2110 ??2170 MHz
Rev. 05.3, 2016-06-15
PTF210101M INFINEON-PTF210101M Datasheet
276Kb / 8P
   High Power RF LDMOS Field Effect Transistor 10 W, 2110 ??2170 MHz
Rev. 02.1, 2009-02-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com