Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF4G22LS-130 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BLF4G22LS-130
Description  UHF power LDMOS transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF4G22LS-130 Datasheet(HTML) 3 Page - NXP Semiconductors

  BLF4G22LS-130 Datasheet HTML 1Page - NXP Semiconductors BLF4G22LS-130 Datasheet HTML 2Page - NXP Semiconductors BLF4G22LS-130 Datasheet HTML 3Page - NXP Semiconductors BLF4G22LS-130 Datasheet HTML 4Page - NXP Semiconductors BLF4G22LS-130 Datasheet HTML 5Page - NXP Semiconductors BLF4G22LS-130 Datasheet HTML 6Page - NXP Semiconductors BLF4G22LS-130 Datasheet HTML 7Page - NXP Semiconductors BLF4G22LS-130 Datasheet HTML 8Page - NXP Semiconductors BLF4G22LS-130 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
BLF4G22-130_4G22LS-130_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 3 July 2007
3 of 13
NXP Semiconductors
BLF4G22-130; BLF4G22LS-130
UHF power LDMOS transistor
5.
Thermal characteristics
6.
Characteristics
7.
Application information
7.1 Ruggedness in class-AB operation
The BLF4G22-130 and the BLF4G22LS-130 are capable of withstanding a load mismatch
corresponding to VSWR = 10 : 1 through all phases under the following conditions:
VDS = 28 V; IDq = 1150 mA; PL = 130 W (CW).
Table 5:
Thermal characteristics
Symbol
Parameter
Conditions
Type
Typ
Max
Unit
Rth(j-case)
thermal resistance from
junction to case
Tcase =80 °C;
PL =33W
BLF4G22-130
0.56
0.65
K/W
BLF4G22LS-130
0.50
0.59
K/W
Table 6.
Characteristics
Tj = 25 °C unless otherwise specified
Symbol Parameter
Conditions
Min
Typ
Max
Unit
V(BR)DSS drain-source breakdown
voltage
VGS =0V; ID = 2.1 mA
65
-
-
V
VGS(th)
gate-source threshold voltage
VDS = 10 V; ID = 230 mA
2.5
3.1
3.5
V
IDSS
drain leakage current
VGS =0V; VDS = 28 V
--5
µA
IDSX
drain cut-off current
VGS =VGS(th) +6 V;
VDS =10V
35
44
-
A
IGSS
gate leakage current
VGS = +15 V; VDS = 0 V
-
-
420
nA
gfs
forward transconductance
VDS = 10 V; ID = 12.8 A
-
11
-
S
RDS(on)
drain-source on-state
resistance
VGS =VGS(th) + 6 V;
ID = 7.7 A
-
0.07
-
Crs
feedback capacitance
VGS =0V; VDS =28V;
f = 1 MHz
-
3.4
-
pF
Table 7.
Application information
Mode of operation: 2-carrier W-CDMA, PAR 7 dB at 0.01 % probability on CCDF,
3GPP test model 1, 1-64 DPCH; f1 = 2112.5 MHz; f2 = 2122.5 MHz; f3 = 2157.5 MHz;
f4 = 2167.5 MHz.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Gp
power gain
PL(AV) = 33 W
12.5
13.5
-
dB
RLin
input return loss
PL(AV) =33W
−9
−15
-
dB
ηD
drain efficiency
PL(AV) =33W
24
26
-
%
IMD3
third order intermodulation
distortion
PL(AV) =33W
-
−37
−34 dBc
ACPR
adjacent channel power ratio
PL(AV) =33W
-
−41
−39 dBc


Similar Part No. - BLF4G22LS-130

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF4G22-100 NXP-BLF4G22-100 Datasheet
89Kb / 14P
   UHF power LDMOS transistor
Rev. 01-10 January 2006
BLF4G22S-100 NXP-BLF4G22S-100 Datasheet
89Kb / 14P
   UHF power LDMOS transistor
Rev. 01-10 January 2006
More results

Similar Description - BLF4G22LS-130

ManufacturerPart #DatasheetDescription
logo
Analog Devices
BLC6G20-140 AD-BLC6G20-140 Datasheet
51Kb / 9P
   UHF power LDMOS transistor
logo
NXP Semiconductors
BLF881_1012 PHILIPS-BLF881_1012 Datasheet
202Kb / 18P
   UHF power LDMOS transistor
Rev. 3-7 December 2010
BLF3G21-6 NXP-BLF3G21-6 Datasheet
103Kb / 12P
   UHF power LDMOS transistor
Rev. 01-25 June 2008
BLF4G20LS-130 NXP-BLF4G20LS-130 Datasheet
85Kb / 11P
   UHF power LDMOS transistor
Rev. 01-1 June 2007
BLF878 NXP-BLF878 Datasheet
147Kb / 18P
   UHF power LDMOS transistor
Rev. 01-15 December 2008
BLF647 PHILIPS-BLF647 Datasheet
127Kb / 16P
   UHF power LDMOS transistor
2001 Nov 27
BLF2047 PHILIPS-BLF2047 Datasheet
101Kb / 12P
   UHF power LDMOS transistor
1999 Dec 02
BLF2047L PHILIPS-BLF2047L Datasheet
103Kb / 12P
   UHF power LDMOS transistor
1999 Dec 06
BLF6G20-180P PHILIPS-BLF6G20-180P Datasheet
49Kb / 8P
   UHF power LDMOS transistor
Rev. 01-19 April 2006
BLF6G20-45 PHILIPS-BLF6G20-45 Datasheet
46Kb / 8P
   UHF power LDMOS transistor
Rev. 01-20 February 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com