Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZNBG3113Q20 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZNBG3113Q20
Description  FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZNBG3113Q20 Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZNBG3113Q20 Datasheet HTML 1Page - Zetex Semiconductors ZNBG3113Q20 Datasheet HTML 2Page - Zetex Semiconductors ZNBG3113Q20 Datasheet HTML 3Page - Zetex Semiconductors ZNBG3113Q20 Datasheet HTML 4Page - Zetex Semiconductors ZNBG3113Q20 Datasheet HTML 5Page - Zetex Semiconductors ZNBG3113Q20 Datasheet HTML 6Page - Zetex Semiconductors ZNBG3113Q20 Datasheet HTML 7Page - Zetex Semiconductors ZNBG3113Q20 Datasheet HTML 8Page - Zetex Semiconductors ZNBG3113Q20 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
FET BIAS CONTROLLER WITH POLARISATION
SWITCH AND TONE DETECTION
ISSUE 1 - OCTOBER 1998
ZNBG3113
ZNBG3114
DEVICE DESCRIPTION
The ZNBG series of devices are designed to
meet the bias requirements of GaAs and
HEMT FETs commonly used in satellite
receiver LNBs, PMR cellular telephones etc.
with a minimum of external components.
With the addition of two capacitors and a
resistor the devices provide drain voltage and
current control for three external grounded
source FETs, generating the regulated
negative rail required for FET gate biasing
whilst operating from a single supply. This
negative bias, at -3 volts, can also be used to
supply other external circuits.
The ZNBG3113/14 includes bias circuits to
drive up to three external FETs. A control
input to the device selects either one of two
FETs as operational, the third FET is
p e rma n e n tly ac tive. Th is feature is
particularly used as an LNB polarisation
switch. Also specific to LNB applications is
the 22kHz tone detection and logic output
feature which is used to enable high and low
band frequency switching.
The facility to control the tone switching
delay is provided. This allows the rejection
of other lower frequency tones tat may be
present in multiple LNB applications.
Drain current setting of the ZNBG3113/14 is
user selectable over the range 0 to 15mA, this
is achieved with addition of a single resistor.
The series also offers the choice of drain
voltage to be set for the FETs, the 3113 gives
2.2 volts drain whilst the 3114 gives 2 volts.
These devices are unconditionally stable
over the full working temperature with the
FETs in place, subject to the inclusion of the
recommended gate and drain capacitors.
These ensure RF stability and minimal
injected noise.
It is possible to use less than the devices full
complement of FET bias controls, unused
drain and gate connections can be left open
circuit without affecting operation of the
remaining bias circuits.
To protect the external FETs the circuits have
been designed to ensure that, under any
conditions including power up/down
transients, the gate drive from the bias
circuits cannot exceed the range -3.5V to 1V.
Furthermore if the negative rail experiences
a fault condition, such as overload or short
circuit, the drain supply to the FETs will shut
down avoiding excessive current flow.
The ZNBG3113/14 are available in QSOP20
for the minimum in device size. Device
operating temperature is -40 to 70°C to suit
a wide range of environmental conditions.
FEATURES
Provides bias for GaAs and HEMT FETs
Drives up to three FETs
Dynamic FET protection
Drain current set by external resistor
Regulated negative rail generator
requires only 2 external capacitors
Choice in drain voltage
Wide supply voltage range
Polarisation switch for LNBs
22KHz tone detection for band
switching
Programmable tone delay
Compliant with ASTRA control
specifications
QSOP surface mount package
APPLICATIONS
Satellite receiver LNBs
Private mobile radio (PMR)
Cellular telephones
4-123


Similar Part No. - ZNBG3113Q20

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZNBG3113 DIODES-ZNBG3113 Datasheet
698Kb / 17P
   FET BIAS CONTROLLER WITH POLARISATION
More results

Similar Description - ZNBG3113Q20

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZNBG3115 ZETEX-ZNBG3115 Datasheet
1Mb / 14P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
logo
Unisonic Technologies
UTCL8115 UTC-UTCL8115 Datasheet
174Kb / 13P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
logo
Zetex Semiconductors
ZNBG3210 ZETEX-ZNBG3210 Datasheet
387Kb / 16P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZNBG3110 ZETEX-ZNBG3110 Datasheet
657Kb / 16P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZNBG3115 ZETEX-ZNBG3115_06 Datasheet
606Kb / 15P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
logo
Diodes Incorporated
ZNBG3211Q20TC DIODES-ZNBG3211Q20TC Datasheet
399Kb / 16P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION ISSUE 2 - FEBRUARY 2000
logo
Aimtron Technology
AT1512 AIMTRON-AT1512 Datasheet
351Kb / 11P
   FET BIAS CONTROLLER AND TONE DETECTION
AT1511 AIMTRON-AT1511 Datasheet
276Kb / 9P
   FET BIAS CONTROLLER AND TONE DETECTION
logo
Diodes Incorporated
ZNBG3113 DIODES-ZNBG3113 Datasheet
698Kb / 17P
   FET BIAS CONTROLLER WITH POLARISATION
ZNBG3210 DIODES-ZNBG3210 Datasheet
399Kb / 16P
   FET BIAS CONTROLLER WITH POLARISATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com