Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH08T220W Datasheet(PDF) 9 Page - Texas Instruments

Part # PTH08T220W
Description  16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08T220W Datasheet(HTML) 9 Page - Texas Instruments

Back Button PTH08T220W_09 Datasheet HTML 5Page - Texas Instruments PTH08T220W_09 Datasheet HTML 6Page - Texas Instruments PTH08T220W_09 Datasheet HTML 7Page - Texas Instruments PTH08T220W_09 Datasheet HTML 8Page - Texas Instruments PTH08T220W_09 Datasheet HTML 9Page - Texas Instruments PTH08T220W_09 Datasheet HTML 10Page - Texas Instruments PTH08T220W_09 Datasheet HTML 11Page - Texas Instruments PTH08T220W_09 Datasheet HTML 12Page - Texas Instruments PTH08T220W_09 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
TYPICAL CHARACTERISTICS(1)(2)
CHARACTERISTIC DATA ( VI = 12 V)
IO − Output Current − A
0
0
10
20
40
50
30
2
4
6
8
10
12
14
16
VO = 1.2 V
VO = 5 V
VO = 3.3 V
VO = 1.8 V
VO = 2.5 V
IO − Output Current − A
0
90
2
95
70
65
60
75
85
80
4
6
8
3.3 V
5 V
2.5 V
1.8 V
1.2 V
10
12
14
16
0
0
2
1
4
2
3
6
5
4
6
10
12
14
16
8
IO − Output Current − A
VO = 1.2 V
VO = 5 V
VO = 3.3 V
VO = 1.8 V
VO = 2.5 V
IO − Output Current − A
40
30
20
70
60
50
90
80
0
16
12
8
4
VO = 3.3 V
Nat Conv
100 LFM
200 LFM
400 LFM
IO − Output Current − A
20
30
40
50
60
70
80
90
0
4
12
16
8
Nat Conv
100 LFM
200 LFM
400 LFM
VO = 1.2 V
20
30
40
50
60
70
80
90
0
4
12
16
8
IO − Output Current − A
VO = 5.0 V
Nat Conv
100 LFM
200 LFM
400 LFM
PTH08T220W, PTH08T221W
www.ti.com................................................................................................................................................... SLTS252K – NOVEMBER 2005 – REVISED JUNE 2009
EFFICIENCY
OUTPUT RIPPLE
POWER DISSIPATION
vs
vs
vs
LOAD CURRENT
LOAD CURRENT
LOAD CURRENT
Figure 1.
Figure 2.
Figure 3.
AMBIENT TEMPERATURE
AMBIENT TEMPERATURE
AMBIENT TEMPERATURE
vs
vs
vs
LOAD CURRENT
LOAD CURRENT
LOAD CURRENT
Figure 4. Safe Operating Area
Figure 5. Safe Operating Area
Figure 6. Safe Operating Area
(1)
The electrical characteristic data has been developed from actual products tested at 25C. This data is considered typical for the
converter. Applies to Figure 1, Figure 2, and Figure 3.
(2)
The temperature derating curves represent the conditions at which internal components are at or below the manufacturer's maximum
operating temperatures. Derating limits apply to modules soldered directly to a 100 mm x 100 mm double-sided PCB with 2 oz. copper.
For surface mount packages (AS and AZ suffix), multiple vias must be utilized. Please refer to the mechanical specification for more
information. Applies to Figure 5.
Copyright © 2005–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): PTH08T220W PTH08T221W


Similar Part No. - PTH08T220W_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH08T220W TI-PTH08T220W_07 Datasheet
1Mb / 38P
[Old version datasheet]   16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
More results

Similar Description - PTH08T220W_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH08T220W TI-PTH08T220W Datasheet
1Mb / 37P
[Old version datasheet]   16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T220W TI-PTH08T220W_10 Datasheet
1Mb / 38P
[Old version datasheet]   16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T220W TI-PTH08T220W_07 Datasheet
1Mb / 38P
[Old version datasheet]   16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T250W TI-PTH08T250W Datasheet
1Mb / 38P
[Old version datasheet]   50-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T250W TI-PTH08T250W_15 Datasheet
2Mb / 39P
[Old version datasheet]   50-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T230W TI-PTH08T230W Datasheet
56Kb / 3P
[Old version datasheet]   6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T240W TI-PTH08T240W Datasheet
846Kb / 30P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
PTH08T260W TI-PTH08T260W Datasheet
1Mb / 36P
[Old version datasheet]   3-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T230W TI-PTH08T230W_07 Datasheet
1Mb / 36P
[Old version datasheet]   6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T260W TI-PTH08T260W_15 Datasheet
1Mb / 38P
[Old version datasheet]   3-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com