Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430G2111IPW14R Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430G2111IPW14R
Description  MIXED SIGNAL MICROCONTROLLER
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430G2111IPW14R Datasheet(HTML) 7 Page - Texas Instruments

Back Button MSP430G2111IPW14R Datasheet HTML 3Page - Texas Instruments MSP430G2111IPW14R Datasheet HTML 4Page - Texas Instruments MSP430G2111IPW14R Datasheet HTML 5Page - Texas Instruments MSP430G2111IPW14R Datasheet HTML 6Page - Texas Instruments MSP430G2111IPW14R Datasheet HTML 7Page - Texas Instruments MSP430G2111IPW14R Datasheet HTML 8Page - Texas Instruments MSP430G2111IPW14R Datasheet HTML 9Page - Texas Instruments MSP430G2111IPW14R Datasheet HTML 10Page - Texas Instruments MSP430G2111IPW14R Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
MSP430G2x01, MSP430G2x11
MIXED SIGNAL MICROCONTROLLER
SLAS695B -- FEBRUARY 2010 -- REVISED MAY 2010
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions, MSP430G2x01 and MSP430G2x11
TERMINAL
NAME
14
N, PW
16
RSA
I/O
DESCRIPTION
NAME
NO.
NO.
I/O
P1.0/
TA0CLK/
ACLK/
CA0
2
1
I/O
General-purpose digital I/O pin
Timer0_A, clock signal TACLK input
ACLK signal ouput
Comparator_A+, CA0 input (see Note 1)
P1.1/
TA0.0/
CA1
3
2
I/O
General-purpose digital I/O pin
Timer0_A, capture: CCI0A input, compare: Out0 output
Comparator_A+, CA1 input (see Note 1)
P1.2/
TA0.1/
CA2
4
3
I/O
General-purpose digital I/O pin
Timer0_A, capture: CCI1A input, compare: Out1 output
Comparator_A+, CA2 input (see Note 1)
P1.3/
CA3/
CAOUT
5
4
I/O
General-purpose digital I/O pin
Comparator_A+, CA3 input (see Note 1)
Comparator_A+, output (see Note 1)
P1.4/
SMCLK/
CA4/
TCK
6
5
I/O
General-purpose digital I/O pin
SMCLK signal output
Comparator_A+, CA4 input (see Note 1)
JTAG test clock, input terminal for device programming and test
P1.5/
TA0.0/
CA5/
TMS
7
6
I/O
General-purpose digital I/O pin
Timer0_A, compare: Out0 output
Comparator_A+, CA5 input (see Note 1)
JTAG test mode select, input terminal for device programming and test
P1.6/
TA0.1/
CA6/
TDI/
TCLK
8
7
I/O
General-purpose digital I/O pin
Timer0_A, compare: Out1 output
Comparator_A+, CA6 input (see Note 1)
JTAG test data input or test clock input during programming and test
P1.7/
CA7/
CAOUT
TDO/
TDI
9
8
I/O
General-purpose digital I/O pin
CA7 input (see Note 1)
Comparator_A+, output (see Note 1)
JTAG test data output terminal or test data input during programming and test
NOTES: 1. MSP430G2x11 only.


Similar Part No. - MSP430G2111IPW14R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430G2111IPW14R TI-MSP430G2111IPW14R Datasheet
848Kb / 45P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430G2111IPW14R TI-MSP430G2111IPW14R Datasheet
1Mb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430G2111IPW14R TI-MSP430G2111IPW14R Datasheet
1Mb / 48P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430G2111IPW14R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com