Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZNBG3211Q20 Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZNBG3211Q20
Description  FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZNBG3211Q20 Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZNBG3211Q20 Datasheet HTML 1Page - Zetex Semiconductors ZNBG3211Q20 Datasheet HTML 2Page - Zetex Semiconductors ZNBG3211Q20 Datasheet HTML 3Page - Zetex Semiconductors ZNBG3211Q20 Datasheet HTML 4Page - Zetex Semiconductors ZNBG3211Q20 Datasheet HTML 5Page - Zetex Semiconductors ZNBG3211Q20 Datasheet HTML 6Page - Zetex Semiconductors ZNBG3211Q20 Datasheet HTML 7Page - Zetex Semiconductors ZNBG3211Q20 Datasheet HTML 8Page - Zetex Semiconductors ZNBG3211Q20 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SYMBOL PARAMETER
CONDITIONS
LIMITS
UNITS
MIN.
TYP.
MAX.
TONE DETECTION CHARACTERISTICS
IB
Filter Amplifier
Input Bias Current RF1=150kΩ
0.02
0.07
0.25
µA
VOUT
Output Voltage
5 R
F1=150kΩ
1.75
1.95
2.05
V
IOUT
Output Current
5 V
OUT=1.96V, VFIN=2.1V
400
520
650
µA
GV
Voltage Gain
f=22kHz,VIN=1mV
46
dB
fR
8
Rejection
Frequency
V(AC)in=1V p/p sq.w
6
1.0
7.5
kHz
VLOV
Output Stage
LOV Volt. Range
IL=50mA(LB or HB)-0.5
VCC-1.8 V
ILOV
LOV Bias Current
VLOV=0
0.02
0.15
1.0
µA
VLBL
LB Output Low
VLOV=0
IL=-10
µA
Enabled
6
VLOV=3V IL=0
Enabled
7
-3.5
-0.01
-2.75
0
-2.5
0.01
V
V
VLBH
LB Output High
VLOV=0
IL=10mA
Disabled
6
VLOV=3V IL=50mA
Disabled
7
-0.025
2.9
0
3.0
0.025
3.1
V
V
VHBL
HB Output Low
VLOV=0
IL=-10
µA
Disabled
6
VLOV=3V IL=0
Disabled
7
-3.5
-0.01
-2.75
0
-2.5
0.01
V
V
VHBH
HB Output High
VLOV=0
IL=10mA
Enabled
6
VLOV=3V IL=50mA
Enabled
7
-0.025
2.9
0
3.0
0.025
3.1
V
V
POLARITY SWITCH CHARACTERISTICS
IPOL
Input Current
VPOL=25V (Applied via RPOL=10kΩ) 10
20
40
µA
VTPOL
Threshold
Voltage
VPOL=25V (Applied via RPOL=10kΩ)
14
14.75
15.5
V
TSPOL
Switching Speed VPOL=25V (Applied via RPOL=10kΩ)
100
ms
NOTES:
1. The negative bias voltages specified are generated on-chip using an internal oscillator. Two external capacitors, CNB and CSUB, of
47nF are required for this purpose.
2. The characteristics are measured using an external reference resistor RCAL of value 33k wired from pins RCAL to ground.
3. Noise voltage is not measured in production.
4. Noise voltage measurement is made with FETs and gate and drain capacitors in place on all outputs. CG, 4.7nF, are connected between
gate outputs and ground, CD, 10nF, are connected between drain outputs and ground.
5 . These parameters are linearly related to VCC
6. These parameters are measured using Test Circuit 1
7. These parameters are measured using Test Circuit 2
8. The ZNBG32 series will also reject DiSEqC
 and other common switching bursts.
ZNBG3210
ZNBG3211
67-4


Similar Part No. - ZNBG3211Q20

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZNBG3211Q20TC DIODES-ZNBG3211Q20TC Datasheet
399Kb / 16P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION ISSUE 2 - FEBRUARY 2000
More results

Similar Description - ZNBG3211Q20

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZNBG3115 ZETEX-ZNBG3115 Datasheet
1Mb / 14P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
logo
Unisonic Technologies
UTCL8115 UTC-UTCL8115 Datasheet
174Kb / 13P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
logo
Zetex Semiconductors
ZNBG3113 ZETEX-ZNBG3113 Datasheet
684Kb / 17P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZNBG3110 ZETEX-ZNBG3110 Datasheet
657Kb / 16P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZNBG3115 ZETEX-ZNBG3115_06 Datasheet
606Kb / 15P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
logo
Diodes Incorporated
ZNBG3211Q20TC DIODES-ZNBG3211Q20TC Datasheet
399Kb / 16P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION ISSUE 2 - FEBRUARY 2000
logo
Aimtron Technology
AT1512 AIMTRON-AT1512 Datasheet
351Kb / 11P
   FET BIAS CONTROLLER AND TONE DETECTION
AT1511 AIMTRON-AT1511 Datasheet
276Kb / 9P
   FET BIAS CONTROLLER AND TONE DETECTION
logo
Diodes Incorporated
ZNBG3113 DIODES-ZNBG3113 Datasheet
698Kb / 17P
   FET BIAS CONTROLLER WITH POLARISATION
ZNBG3210 DIODES-ZNBG3210 Datasheet
399Kb / 16P
   FET BIAS CONTROLLER WITH POLARISATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com