Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8312HFN Datasheet(PDF) 2 Page - Rohm

Part # BD8312HFN
Description  Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8312HFN Datasheet(HTML) 2 Page - Rohm

  BD8312HFN Datasheet HTML 1Page - Rohm BD8312HFN Datasheet HTML 2Page - Rohm BD8312HFN Datasheet HTML 3Page - Rohm BD8312HFN Datasheet HTML 4Page - Rohm BD8312HFN Datasheet HTML 5Page - Rohm BD8312HFN Datasheet HTML 6Page - Rohm BD8312HFN Datasheet HTML 7Page - Rohm BD8312HFN Datasheet HTML 8Page - Rohm BD8312HFN Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
BD8312HFN
Technical Note
2/14
www.rohm.com
2010.06- Rev.C
© 2010 ROHM Co., Ltd. All rights reserved.
Electrical Characteristics
Unless otherwise specified, Ta = 25 ℃, VCC = 7.4 V)
(※1)100% is MAX Duty as behavior of a PWM conparetor.
Using in region where High side PMOS is 100% on state as application circuit causes detection of SCP then DC/DC converter stops.
Not designed to be resistant to radiation
Parameter
Symbol
Target Value
Unit
Conditions
Min
Typ
Max
[Low voltage input malfunction preventing circuit]
Detection threshold voltage
VUV
-
2.9
3.2
V
VREG monitor
Hysteresis range
Δ
VUVhy
100
200
300
mV
[Oscillator]
Oscillation frequency
Fosc
1.38
1.5
1.62
MHz
[Regulator]
Output voltage
VREG
4.65
5.0
5.35
V
[Error AMP]
INV threshold voltage
VINV
0.99
1.00
1.01
V
Input bias current
IINV
-50
0
50
nA
VCC=12.0V , VINV=6.0V
Soft-start time
Tss
3.2
5.3
7.4
msec
[PWM comparator]
LX Max Duty
Dmax
-
-
(※)100
%
[Output]
PMOS ON resistance
RONP
-
450
600
mΩ
NMOS ON resistance
RONN
-
300
420
mΩ
Leak current
Ileak
-1
0
1
uA
[STB]
STB pin
control voltage
Operation
VSTBH
2.5
-
11
V
No-operation
VSTBL
-0.3
-
0.3
V
STB pin pull-down resistance
250
400
700
kΩ
[Circuit current]
Standby current
VCC pin
ISTB1
-
-
1
uA
PVCC pin
ISTB2
-
-
1
uA
Circuit current at operation VCC
-
600
900
uA
VINV=1.2V
Circuit current at operation PVCC
-
30
50
uA
VINV=1.2V


Similar Part No. - BD8312HFN

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8312HFN ROHM-BD8312HFN Datasheet
444Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8312HFN ROHM-BD8312HFN Datasheet
436Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8312HFN ROHM-BD8312HFN Datasheet
1Mb / 25P
   1ch Synchronous Buck Converter Integrated MOSFET
BD8312HFN-TR ROHM-BD8312HFN-TR Datasheet
444Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8312HFN-TR ROHM-BD8312HFN-TR Datasheet
436Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
More results

Similar Description - BD8312HFN

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8312HFN ROHM-BD8312HFN_11 Datasheet
436Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8313HFN ROHM-BD8313HFN_10 Datasheet
528Kb / 18P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8312HFN ROHM-BD8312HFN Datasheet
444Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV Datasheet
512Kb / 18P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8313HFN ROHM-BD8313HFN_11 Datasheet
560Kb / 18P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9153MUV ROHM-BD9153MUV Datasheet
517Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9150MUV ROHM-BD9150MUV_09 Datasheet
474Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV_09 Datasheet
512Kb / 18P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9161FVM ROHM-BD9161FVM Datasheet
405Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV_10 Datasheet
606Kb / 17P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9150MUV ROHM-BD9150MUV Datasheet
474Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com