Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLVA371A Datasheet(PDF) 3 Page - Texas Instruments

Part # SLVA371A
Description  Powering Freon with TPS65070
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLVA371A Datasheet(HTML) 3 Page - Texas Instruments

  SLVA371A Datasheet HTML 1Page - Texas Instruments SLVA371A Datasheet HTML 2Page - Texas Instruments SLVA371A Datasheet HTML 3Page - Texas Instruments SLVA371A Datasheet HTML 4Page - Texas Instruments SLVA371A Datasheet HTML 5Page - Texas Instruments SLVA371A Datasheet HTML 6Page - Texas Instruments SLVA371A Datasheet HTML 7Page - Texas Instruments SLVA371A Datasheet HTML 8Page - Texas Instruments SLVA371A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
www.ti.com
Sequencing with TPS65070
1.3
Power-Down Sequence
The power supplies can be powered off in any order as long as LVCMOS supplies operated at 3.3 V
(DVDD3318_A, DVDD3318_B, or DVDD3318_C) never exceed static 1.8-V supplies by more than 2 V.
There is no specific required voltage ramp-down rate for any of the supplies (except as required to meet
the stated voltage condition). The power-down sequence of the TPS65070 is the reversed power-up
sequence.
To meet the power-down requirements described here, an additional resistor divider R1 and R2 is
required to disable DCDC1 fast enough to ensure that the voltage difference between DCDC2 and
DCDC1 does not exceed 2.0 V. The TPS3805 does have a threshold voltage of 1.226 V at the SENSE
input. Using an external resistor divider, with R1 = 100k
Ω and R2 = 390kΩ, sets the trip voltage when
DCDC1 is disabled to 1.55 V. This configuration should ensure the difference between DCDC1 and
DCDC2 never exceeds 2.0 V.
2
Sequencing with TPS65070
The TPS65070 power management unit supports the power requirements of the OMAP-L138; the single
highly-integrated Power Management device provides the voltage settings and sequencing for the
OMAP-L138. Table 3 lists the output rail configuration for the TPS65070.
Table 3. TPS65070 Output Rail Configuration
Rail
Voltage
Converter
Sequencing Order
RTC_CVDD
1.2 V
External LDO
1
USB0_VDDA33,
3.3 V
DCDC1
5
USB1_VDDA33
DVDD3318_A,
DVDD3318_B,
3.3 V / 1.8 V
DCDC2
4 / 5 (part of automatic sequence)
DVDD3318_C
CVDD
1.2 V
DCDC3
2 (part of automatic sequence)
VDDARNWA. VDDARNW1,
PLL0_VDDA, PLL1_VDDA,
1.2 V
LDO2
3 (part of automatic sequence)
SATA_VDD, USB_CVDD,
USB0_VDDA12
USB0_VDDA18,
USB1_VDDA18,
1.8 V
LDO1
4
(1)
DDR_DVDD18,
SATA_VDDR, DVDD18
(1)
If VDVV3318 is configured for 3.3 V, LDO1 and LDO2 can ramp up together.
3
SLVA371A – February 2010 – Revised April 2010
Powering Freon with TPS65070
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated


Similar Part No. - SLVA371A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLVA339A TI-SLVA339A Datasheet
253Kb / 9P
[Old version datasheet]   High-Vin, High-Efficiency Power Solution Using DC/DC Converter With DVFS
SLVA340A TI-SLVA340A Datasheet
214Kb / 9P
[Old version datasheet]   High-Integration, High-Efficiency Power Solution Using DC/DC Converters With DVFS
SLVA341A TI-SLVA341A Datasheet
166Kb / 9P
[Old version datasheet]   High-Efficiency Power Solution Using DC/DC Converter With DVFS
SLVA342A TI-SLVA342A Datasheet
149Kb / 8P
[Old version datasheet]   Simple Power Solution Using LDOs
SLVA343A TI-SLVA343A Datasheet
380Kb / 8P
[Old version datasheet]   Medium Integrated Power Solution Using a Dual DC/DC Converter and an LDO
More results

Similar Description - SLVA371A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24SR-DISCOVERY STMICROELECTRONICS-M24SR-DISCOVERY Datasheet
324Kb / 4P
   USB microB connector for board powering
logo
Vishay Siliconix
AN718 VISHAY-AN718 Datasheet
236Kb / 8P
   Powering the Pentium VRE with the Si9145 Voltage Mode Controlled PWM Converter
logo
STMicroelectronics
STOD02PUR STMICROELECTRONICS-STOD02PUR Datasheet
1Mb / 23P
   Dual DC-DC converter for powering AMOLED display
STOD03ASTPUR STMICROELECTRONICS-STOD03ASTPUR Datasheet
1Mb / 24P
   Dual DC-DC converter for powering AMOLED displays
STOD03AS STMICROELECTRONICS-STOD03AS Datasheet
696Kb / 25P
   Dual DC-DC converter for powering AMOLED displays
July 2013 Rev 2
logo
National Semiconductor ...
LM3405 NSC-LM3405_08 Datasheet
181Kb / 6P
   Powering and Dimming High-Brightness LEDs with the LM3405 Constant-Current Buck Regulator
logo
Intersil Corporation
ISL6329 INTERSIL-ISL6329 Datasheet
1Mb / 38P
   Dual PWM Controller Powering AMD SVI Split-Plane Processors
logo
STMicroelectronics
STOD03A STMICROELECTRONICS-STOD03A Datasheet
496Kb / 22P
   Dual DC-DC converter for powering AMOLED displays
June 2013 Rev 3
STOD03ATPUR STMICROELECTRONICS-STOD03ATPUR Datasheet
496Kb / 22P
   Dual DC-DC converter for powering AMOLED displays
logo
National Semiconductor ...
LM3405 NSC-LM3405_07 Datasheet
483Kb / 20P
   1.6MHz, 1A Constant Current Buck Regulator for Powering LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com