Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2127A Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCF2127A
Description  Integrated RTC, TCXO and quartz crystal
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2127A Datasheet(HTML) 3 Page - NXP Semiconductors

  PCF2127A Datasheet HTML 1Page - NXP Semiconductors PCF2127A Datasheet HTML 2Page - NXP Semiconductors PCF2127A Datasheet HTML 3Page - NXP Semiconductors PCF2127A Datasheet HTML 4Page - NXP Semiconductors PCF2127A Datasheet HTML 5Page - NXP Semiconductors PCF2127A Datasheet HTML 6Page - NXP Semiconductors PCF2127A Datasheet HTML 7Page - NXP Semiconductors PCF2127A Datasheet HTML 8Page - NXP Semiconductors PCF2127A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 80 page
background image
PCF2127A_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 7 May 2010
3 of 80
NXP Semiconductors
PCF2127A
Integrated RTC, TCXO and quartz crystal
6.
Block diagram
Fig 1.
Block diagram of PCF2127A
001aaj675
TEST
PFO
SCL
SCL
SDO
TEMP
1.25 V
(internal)
SDI
VDD
BBS
VBAT
VSS
internal
power
supply
RST
SDI
SDO
CLKOUT
INT
OSCI
OSCO
TEMP
1 Hz
32.768 kHz
TCXO
BATTERY BACK UP
SWITCH-OVER
CIRCUITRY
OSCILLATOR
MONITOR
SERIAL BUS
INTERFACE
SELECTOR
SPI-BUS
INTERFACE
I2C-BUS
INTERFACE
512 BYTES
STATIC RAM
TEMPERATURE
SENSOR
RESET
LOGIC
CONTROL
DIVIDER
AND
TIMER
ADDRESS
REGISTER
Control_1
Control_2
Control_3
00h
01h
02h
Seconds
03h
Minutes
04h
Hours
05h
Days
06h
Weekdays
07h
Months
08h
Years
09h
Second_alarm
0Ah
Minute_alarm
0Bh
Hour_alarm
0Ch
Day_alarm
0Dh
Weekday_alarm
0Eh
CLKOUT_ctl
0Fh
Watchdg_tim_ctl
10h
Watchdg_tim_val
11h
Timestp_ctl
12h
Sec_timestp
13h
Min_timestp
14h
Hour_timestp
15h
Day_timestp
16h
Mon_timestp
17h
Year_timestp
18h
Aging_offset
19h
RAM_addr_MSB
1Ah
RAM_addr_LSB
1Bh
RAM_wrt_cmd
1Ch
RAM_rd_cmd
1Dh
SDA/CE
IFS
PFI
TS
SDA/CE
PCF2127A
RPU


Similar Part No. - PCF2127A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF2127A NXP-PCF2127A Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
PCF2127A NXP-PCF2127A Datasheet
715Kb / 65P
   Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 7-30 March 2018
PCF2127A NXP-PCF2127A Datasheet
677Kb / 59P
   Automotive tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 4-30 March 2018
PCF2127A NXP-PCF2127A Datasheet
1Mb / 86P
   Nano-power highly accurate RTC with integrated quartz crystal for automotive applications
Rev. 1.0-26 July 2021
PCF2127AT PHILIPS-PCF2127AT Datasheet
1Mb / 100P
   Accurate RTC with integrated quartz crystal for industrial applications
Rev. 8-19 December 2014
More results

Similar Description - PCF2127A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF2129A NXP-PCF2129A Datasheet
490Kb / 68P
   Integrated RTC, TCXO and quartz crystal
Rev. 01-13 January 2010
PCF2129A NXP-PCF2129A_10 Datasheet
469Kb / 69P
   Integrated RTC, TCXO and quartz crystal
Rev. 02-7 May 2010
PCF2128 PHILIPS-PCF2128 Datasheet
322Kb / 10P
   Integrated RTC / TCXO / Crystal
Rev. 00.03-4 June 2007
logo
Maxim Integrated Produc...
DS3231 MAXIM-DS3231_13 Datasheet
300Kb / 20P
   Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 9; 1/13
DS3231SNTR MAXIM-DS3231SNTR Datasheet
297Kb / 20P
   Extremely Accurate I2C-Integrated RTC-TCXO-Crystal
Rev 9; 1/13
DS3231_1007 MAXIM-DS3231_1007 Datasheet
378Kb / 20P
   Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 8; 7/10
DS3231 MAXIM-DS3231_10 Datasheet
372Kb / 20P
   Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 7; 3/10
DS32B35 MAXIM-DS32B35_10 Datasheet
410Kb / 22P
   Accurate I2C RTC with Integrated TCXO/Crystal/FRAM
Rev 3; 7/10
DS32X35 MAXIM-DS32X35 Datasheet
279Kb / 21P
   Accurate I2C RTC with Integrated TCXO/Crystal/FRAM
Rev 0; 12/06
logo
NXP Semiconductors
PCF2129T NXP-PCF2129T Datasheet
999Kb / 73P
   Accurate RTC with integrated quartz crystal for industrial
Rev. 3-12 February 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com