Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3904 Datasheet(PDF) 6 Page - Texas Instruments

Part # 2N3904
Description  High-Integration, High-Efficiency Power Solution Using DC/DC Converters With DVFS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

2N3904 Datasheet(HTML) 6 Page - Texas Instruments

  2N3904 Datasheet HTML 1Page - Texas Instruments 2N3904 Datasheet HTML 2Page - Texas Instruments 2N3904 Datasheet HTML 3Page - Texas Instruments 2N3904 Datasheet HTML 4Page - Texas Instruments 2N3904 Datasheet HTML 5Page - Texas Instruments 2N3904 Datasheet HTML 6Page - Texas Instruments 2N3904 Datasheet HTML 7Page - Texas Instruments 2N3904 Datasheet HTML 8Page - Texas Instruments 2N3904 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
List of Material
www.ti.com
Table 1. PMP4977 List of Material (continued)
Count
RefDes
Value
Description
Size
Part Number
MFR
Area
1
L3
2.2 mH
Inductor, SMT, 1.5A, 87 m
0.137 X 0.147 inch
VLF4012AT-2R2M1R5
TDK
29320
4
Q1
2N3904
Transistor, NPN, 40V, 200mA, 625mW
TO-92
2N3904
Fairchild
37800
Q2
2N3904
Transistor, NPN, 40V, 200mA, 625mW
TO-92
2N3904
Fairchild
37800
Q3
2N3904
Transistor, NPN, 40V, 200mA, 625mW
TO-92
2N3904
Fairchild
37800
Q4
2N3904
Transistor, NPN, 40V, 200mA, 625mW
TO-92
2N3904
Fairchild
37800
4
R1
10k
Resistor, Chip, 1/16W, 1%
603
CRCW0603-xxxx-F
Vishay
9100
R2
10k
Resistor, Chip, 1/16W, 1%
603
CRCW0603-xxxx-F
Vishay
9100
R3
10k
Resistor, Chip, 1/16W, 1%
603
CRCW0603-xxxx-F
Vishay
9100
R4
10k
Resistor, Chip, 1/16W, 1%
603
CRCW0603-xxxx-F
Vishay
9100
2
R5
100k
Resistor, Chip, 1/16W, 1%
603
CRCW0603-xxxx-F
Vishay
9100
R6
100k
Resistor, Chip, 1/16W, 1%
603
CRCW0603-xxxx-F
Vishay
9100
5
R7
100k
Resistor, Chip, 1/16W, 1%
603
Std
Std
9100
1
R8
10
Resistor, Chip, 1/16W, 1%
603
Std
Std
9100
1
R9
1.65M
Resistor, Chip, 1/16W, 1%
603
Std
Std
9100
1
R10
499k
Resistor, Chip, 1/16W, 1%
603
Std
Std
9100
1
R11
49.9k
Resistor, Chip, 1/16W, 1%
603
Std
Std
9100
R12
100k
Resistor, Chip, 1/16W, 1%
603
Std
Std
9100
R13
100k
Resistor, Chip, 1/16W, 1%
603
Std
Std
9100
R14
100k
Resistor, Chip, 1/16W, 1%
603
Std
Std
9100
R15
100k
Resistor, Chip, 1/16W, 1%
603
Std
Std
9100
2
R16
4.75k
Resistor, Chip, 1/16W, 1%
603
Std
Std
9100
R17
4.75k
Resistor, Chip, 1/16W, 1%
603
Std
Std
9100
2
R18
1M
Resistor, Chip, 1/16W, 1%
603
Std
Std
9100
R19
1M
Resistor, Chip, 1/16W, 1%
603
Std
Std
9100
1
SW1
KT11P2JM
Switch, SPST, PB Momentary, Sealed
0.245 X 0.251
KT11P2JM
C & K
111,600
Washable
1
U1
TPS65023RSB
IC, Power Management IC for Li-Ion
QFN
TPS65023RSB
TI
69696
Powered Systems
Notes: 1. These assemblies are ESD sensitive, ESD precautions shall be observed.
2. These assemblies must be clean and free from flux and all contaminants.
Use of no clean flux is not acceptable.
3. These assemblies must comply with workmanship standards IPC-A-610 Class 2.
4. Ref designators marked with an asterisk ('**') cannot be substituted.
All other components can be substituted with equivalent MFG's components.
6
High-Integration, High-Efficiency Power Solution Using DC/DC Converters With
SLVA340A – June 2009 – Revised May 2010
DVFS
Copyright © 2009–2010, Texas Instruments Incorporated


Similar Part No. - 2N3904

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
2N3904 KODENSHI-2N3904 Datasheet
179Kb / 4P
   NPN Silicon Transistor
logo
ON Semiconductor
2N3904 ONSEMI-2N3904 Datasheet
98Kb / 8P
   General Purpose Transistors(NPN Silicon)
November, 2000 ??Rev. 3
logo
AUK corp
2N3904 AUK-2N3904 Datasheet
52Kb / 3P
   NPN Silicon Transistor (General small signal application)
logo
Central Semiconductor C...
2N3904 CENTRAL-2N3904 Datasheet
323Kb / 2P
   NPN SILICON TRANSISTOR
logo
SeCoS Halbleitertechnol...
2N3904 SECOS-2N3904 Datasheet
69Kb / 3P
   NPN Silicon General Purpose Transistor
More results

Similar Description - 2N3904

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLVA341A TI-SLVA341A Datasheet
166Kb / 9P
[Old version datasheet]   High-Efficiency Power Solution Using DC/DC Converter With DVFS
SLVA339A TI-SLVA339A Datasheet
253Kb / 9P
[Old version datasheet]   High-Vin, High-Efficiency Power Solution Using DC/DC Converter With DVFS
logo
Toshiba Semiconductor
TK3R2A10PL TOSHIBA-TK3R2A10PL Datasheet
728Kb / 9P
   High-Efficiency DC-DC Converters
TK3R9E10PL TOSHIBA-TK3R9E10PL Datasheet
720Kb / 9P
   High-Efficiency DC-DC Converters
logo
Artesyn Technologies
SXE15 ARTESYN-SXE15_05 Datasheet
374Kb / 28P
   High Efficiency DC/DC Converters
logo
Toshiba Semiconductor
TK3R1A04PL TOSHIBA-TK3R1A04PL Datasheet
438Kb / 9P
   High-Efficiency DC-DC Converters
TPCA8064-H TOSHIBA-TPCA8064-H Datasheet
275Kb / 9P
   High-Efficiency DC-DC Converters
logo
ON Semiconductor
NCP1500 ONSEMI-NCP1500_06 Datasheet
1Mb / 20P
   High Efficiency DC-DC Converters
Rev.2, Jun-2006
logo
Toshiba Semiconductor
TK2R9E10PL TOSHIBA-TK2R9E10PL Datasheet
716Kb / 9P
   High-Efficiency DC-DC Converters
logo
Artesyn Technologies
CXE15 ARTESYN-CXE15 Datasheet
391Kb / 24P
   High Efficiency DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com