Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLVA400B Datasheet(PDF) 5 Page - Texas Instruments

Part # SLVA400B
Description  Power for TMS320C5514/15
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLVA400B Datasheet(HTML) 5 Page - Texas Instruments

  SLVA400B Datasheet HTML 1Page - Texas Instruments SLVA400B Datasheet HTML 2Page - Texas Instruments SLVA400B Datasheet HTML 3Page - Texas Instruments SLVA400B Datasheet HTML 4Page - Texas Instruments SLVA400B Datasheet HTML 5Page - Texas Instruments SLVA400B Datasheet HTML 6Page - Texas Instruments SLVA400B Datasheet HTML 7Page - Texas Instruments SLVA400B Datasheet HTML 8Page - Texas Instruments SLVA400B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
600mA
400mA
TPS62400
600mA
400mA
TPS62400
Highest Efficiency, Low part count
(TPS62400 x2)
CVDD, CVDDRTC
1.05V / 1.3V @ 500mA
DVDDIO, DVDDRTC
1.8 - 3.3V @ 70mA
3.3V @ 55mA
USB_VDDOSC, USB_VDDA3P3,
USB_VDDPLL
C5514/15
C5514/15
LDOI
DVDDEMIF
1.8 / 2.5 / 2.8 / 3.3V
@ 245mA
1.8 / 2.5 / 2.8 / 3.3V
@ 300mA
SLVA400B
(5)
VDDA_ANA, VDDA_PLL
ANA_LDOO
USB_VDD1P3, USB_VDDA1P3
USB_LDOO


Similar Part No. - SLVA400B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLVA401A TI-SLVA401A Datasheet
209Kb / 8P
[Old version datasheet]   Power for C5504/05
More results

Similar Description - SLVA400B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C5514 TI-TMS320C5514 Datasheet
927Kb / 138P
[Old version datasheet]   TMS320C5514 Fixed-Point Digital Signal Processor
TMS320C5514 TI-TMS320C5514_1 Datasheet
844Kb / 144P
[Old version datasheet]   TMS320C5514 Fixed-Point Dight Signal Processor
logo
Molex Electronics Ltd.
0622018635 MOLEX11-0622018635 Datasheet
26Kb / 1P
   Support Tool for Vertical Power Module for 15-Row Receptacle
0622018632 MOLEX11-0622018632 Datasheet
25Kb / 1P
   Press-in Tool for Vertical Power Receptacle for 15-Row
0622018632 MOLEX-0622018632 Datasheet
26Kb / 1P
   Press-in Tool for Vertical Power Receptacle for 15-Row
03/31/2021
logo
International Rectifier
IRPT5051 IRF-IRPT5051 Datasheet
433Kb / 12P
   Integrated Power Stage for 15 hp Motor Drives
logo
Schneider Electric
VW3E1143R150 SCHNEIDER-VW3E1143R150 Datasheet
90Kb / 2P
   Power Cable for Axis 1 for STS40/60/80; 15 meter
Apr 20, 2022
logo
Molex Electronics Ltd.
0622018638 MOLEX11-0622018638 Datasheet
27Kb / 1P
   Support Tool for Right Angle Power Module for 15-Row Receptacle
logo
Artesyn Technologies
LDO03C-005W05-VJ ARTESYN-LDO03C-005W05-VJ_14 Datasheet
786Kb / 4P
   POWER 15 Watts
AEE04F18-LS ARTESYN-AEE04F18-LS Datasheet
659Kb / 3P
   POWER 15 Watts
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com