Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN1R3-30YL Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PSMN1R3-30YL
Description  N-channel 30 V 1.3 m廓 logic level MOSFET in LFPAK
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN1R3-30YL Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PSMN1R3-30YL Datasheet HTML 6Page - NXP Semiconductors PSMN1R3-30YL Datasheet HTML 7Page - NXP Semiconductors PSMN1R3-30YL Datasheet HTML 8Page - NXP Semiconductors PSMN1R3-30YL Datasheet HTML 9Page - NXP Semiconductors PSMN1R3-30YL Datasheet HTML 10Page - NXP Semiconductors PSMN1R3-30YL Datasheet HTML 11Page - NXP Semiconductors PSMN1R3-30YL Datasheet HTML 12Page - NXP Semiconductors PSMN1R3-30YL Datasheet HTML 13Page - NXP Semiconductors PSMN1R3-30YL Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
PSMN1R3-30YL_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 25 June 2009
10 of 14
NXP Semiconductors
PSMN1R3-30YL
N-channel 30 V 1.3 m
Ω logic level MOSFET in LFPAK
Fig 15. Input, output and reverse transfer capacitances
as a function of drain-source voltage; typical
values
Fig 16. Source current as a function of source-drain
voltage; typical values
Fig 17. Drain-source on-state resistance as a function of drain current; typical values
003aad151
10
2
10
3
10
4
10
-1
1
10
10
2
VDS (V)
C
(pF)
Ciss
Crss
Coss
003aad149
0
25
50
75
100
0
0.25
0.5
0.75
1
VSD (V)
IS
(A)
Tj = 150
°C
25
°C
003aad146
0
2.5
5
7.5
10
0
25
50
75
100
ID (A)
RDS(on)
(m
Ω)
3
4.5
2.8
3.5
VGS (V) = 2.6
10


Similar Part No. - PSMN1R3-30YL

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN1R3-30YL NEXPERIA-PSMN1R3-30YL Datasheet
724Kb / 14P
   N-channel 30 V 1.3 mΩ logic level MOSFET in LFPAK
Rev. 02 - 25 June 2009
More results

Similar Description - PSMN1R3-30YL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN1R7-30YL NXP-PSMN1R7-30YL_11 Datasheet
305Kb / 15P
   N-channel 30 V 1.7 m廓 logic level MOSFET in LFPAK
Rev. 1-30 May 2011
PSMN1R5-30YL NXP-PSMN1R5-30YL Datasheet
428Kb / 15P
   N-channel 30 V 1.5 m廓 logic level MOSFET in LFPAK
Rev. 01-9 April 2010
logo
Nexperia B.V. All right...
PSMN2R0-30YLE NEXPERIA-PSMN2R0-30YLE Datasheet
738Kb / 13P
   N-channel 30 V 2 m廓 logic level MOSFET in LFPAK
logo
NXP Semiconductors
PSMN2R5-30YL NXP-PSMN2R5-30YL_11 Datasheet
417Kb / 14P
   N-channel 30 V 2.4 m廓 logic level MOSFET in LFPAK
Rev. 04-10 March 2011
PSMN1R7-30YL NXP-PSMN1R7-30YL_10 Datasheet
445Kb / 13P
   N-channel 30 V 1.7 m廓 logic level MOSFET in LFPAK
Rev. 04-20 April 2010
PSMN2R0-30YL NXP-PSMN2R0-30YL_11 Datasheet
247Kb / 14P
   N-channel 30 V 2 m廓 logic level MOSFET in LFPAK
Rev. 4-10 March 2011
logo
Nexperia B.V. All right...
PSMN1R3-30YL NEXPERIA-PSMN1R3-30YL Datasheet
724Kb / 14P
   N-channel 30 V 1.3 mΩ logic level MOSFET in LFPAK
Rev. 02 - 25 June 2009
logo
NXP Semiconductors
PSMN1R1-30EL PHILIPS-PSMN1R1-30EL_15 Datasheet
257Kb / 13P
   N-channel 30 V 1.3 m廓 logic level MOSFET in I2PAK
2 April 2014
logo
Nexperia B.V. All right...
PSMN1R1-30EL NEXPERIA-PSMN1R1-30EL Datasheet
745Kb / 13P
   N-channel 30 V 1.3 m廓 logic level MOSFET in I2PAK
logo
NXP Semiconductors
PSMN2R0-30YLE PHILIPS-PSMN2R0-30YLE_15 Datasheet
229Kb / 13P
   -channel 30 V 2 m廓 logic level MOSFET in LFPAK
12 October 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com