Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPS3010-102NLC Datasheet(PDF) 8 Page - Texas Instruments

Part # LPS3010-102NLC
Description  High-Vin, High-Efficiency Power Solution Using DC/DC Converter With DVFS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LPS3010-102NLC Datasheet(HTML) 8 Page - Texas Instruments

  LPS3010-102NLC Datasheet HTML 1Page - Texas Instruments LPS3010-102NLC Datasheet HTML 2Page - Texas Instruments LPS3010-102NLC Datasheet HTML 3Page - Texas Instruments LPS3010-102NLC Datasheet HTML 4Page - Texas Instruments LPS3010-102NLC Datasheet HTML 5Page - Texas Instruments LPS3010-102NLC Datasheet HTML 6Page - Texas Instruments LPS3010-102NLC Datasheet HTML 7Page - Texas Instruments LPS3010-102NLC Datasheet HTML 8Page - Texas Instruments LPS3010-102NLC Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
I
-OutputCurrent-mA
O
MODE=GND,
V
=1.2V,
L =2.2 HMIPSZ20122R2(2012size),
C
=4.7 F
OUT
OUT
m
m
V
=5V
IN
V
=2.3V
IN
V
=3.6V
IN
V
=4.2V
IN
V
=2.7V
IN
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
I
− OutputCurrent
O
− mA
V =3.6V
I
V
=1.35V
L =1 H
C
=10 F
O
O
m
m
FPFM/PWM
LPFM/PWM
3-MHzPWM
Bill of Materials
www.ti.com
Figure 6. Efficiency vs Output Current
Figure 7. Efficiency vs Output Current
8
High-Vin, High-Efficiency Power Solution Using DC/DC Converters With DVFS
SLVA339A – June 2009 – Revised May 2010
Copyright © 2009–2010, Texas Instruments Incorporated


Similar Part No. - LPS3010-102NLC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LPS3010-102NLC TI-LPS3010-102NLC Datasheet
166Kb / 9P
[Old version datasheet]   High-Efficiency Power Solution Using DC/DC Converter With DVFS
More results

Similar Description - LPS3010-102NLC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLVA341A TI-SLVA341A Datasheet
166Kb / 9P
[Old version datasheet]   High-Efficiency Power Solution Using DC/DC Converter With DVFS
SLVA340A TI-SLVA340A Datasheet
214Kb / 9P
[Old version datasheet]   High-Integration, High-Efficiency Power Solution Using DC/DC Converters With DVFS
logo
Hi-Sincerity Mocroelect...
H1563P HSMC-H1563P Datasheet
73Kb / 8P
   HIGH-EFFICIENCY DC/DC CONVERTER
logo
NXP Semiconductors
TEA1204T PHILIPS-TEA1204T Datasheet
109Kb / 20P
   High efficiency DC/DC converter
1998 Mar 02
TEA1208T PHILIPS-TEA1208T Datasheet
88Kb / 20P
   High efficiency DC/DC converter
2002 Nov 15
TEA1206T PHILIPS-TEA1206T Datasheet
78Kb / 16P
   High efficiency DC/DC converter
1999 Sep 16
TEA1207T PHILIPS-TEA1207T Datasheet
77Kb / 16P
   High efficiency DC/DC converter
1999 Oct 21
TEA1205AT PHILIPS-TEA1205AT Datasheet
107Kb / 16P
   High efficiency DC/DC converter
1998 Mar 24
logo
Unisonic Technologies
UTC3563 UTC-UTC3563_15 Datasheet
247Kb / 10P
   HIGH-EFFICIENCY DC/DC CONVERTER
logo
NXP Semiconductors
TEA1210TS PHILIPS-TEA1210TS Datasheet
83Kb / 20P
   High efficiency, high current DC/DC converter
1999 Mar 08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com