Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3904 Datasheet(PDF) 2 Page - Texas Instruments

Part # 2N3904
Description  Medium Integrated Power Solution Using a Dual DC/DC Converter and an LDO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

2N3904 Datasheet(HTML) 2 Page - Texas Instruments

  2N3904 Datasheet HTML 1Page - Texas Instruments 2N3904 Datasheet HTML 2Page - Texas Instruments 2N3904 Datasheet HTML 3Page - Texas Instruments 2N3904 Datasheet HTML 4Page - Texas Instruments 2N3904 Datasheet HTML 5Page - Texas Instruments 2N3904 Datasheet HTML 6Page - Texas Instruments 2N3904 Datasheet HTML 7Page - Texas Instruments 2N3904 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Introduction
www.ti.com
1
Introduction
In dual voltage architectures, coordinated management of power supplies is necessary to avoid potential
problems and ensure reliable performance. Power supply designers must consider the timing and voltage
differences between core and input/output (I/O) voltage supplies during power-up and power-down
operations.
Sequencing refers to the order, timing, and differential in which the two voltage rails are powered up and
down. A system designed without proper sequencing may be at risk for two types of failures. The first of
these represents a threat to the long-term reliability of the dual voltage device, whereas the second is
more immediate, with the possibility of damaging interface circuits in the processor or system devices
such as memory, logic or data converter integrated circuits (IC).
Another potential problem with improper supply sequencing is bus contention. Bus contention is a
condition when the processor and another device both attempt to control a bidirectional bus during power
up. Bus contention may also affect I/O reliability. Power supply designers must check the requirements
regarding bus contention for individual devices.
The power-on sequencing for the OMAP-L138, TMS320C6742, TMS320C6746, and TMS320C6748 are
shown in Table 1. No specific voltage ramp rate is required for any of the supplies as long as the 3.3-V rail
never exceeds the 1.8-V rail by more than 2 V.
2
Power Requirements
The power requirements are as specified in Table 1.
Table 1. Power Requirements
VOLTAGE
(1) (2)
Imax
SEQUENCING
TIMING
PIN NAME
TOLERANCE
(V)
(mA)
ORDER
DELAY
I/O
RTC_CVDD
1.2
1
–25%, +10%
1
(3)
Core
CVDD
(4)
1 / 1.1 / 1.2
600
–9.75%, +10%
2
I/O
RVDD, PLL0_VDDA,
1.2
200
–5%, +10%
3
PLL1_VDDA, SATA_VDD,
USB_CVDD, USB0_VDDA12
I/O
USB0_VDDA18, USB1_VDDA18,
1.8
180
±5%
4
DDR_DVDD18, SATA_VDDR,
DVDD18
I/O
USB0_VDDA33, USB1_VDDA33
3.3
24
±5%
5
I/O
DVDD3318_A, DVDD3318_B,
1.8 / 3.3
50 / 90
(5)
±5%
4 / 5
DVDD3318_C
(1)
If 1.8-V LVCMOS is used, power rails up with the 1.8-V rails. If 3.3-V LVCMOS is used, power it up with the ANALOG33 rails
(VDDA33_USB0/1).
(2)
No specific voltage ramp rate is required for any of the supplies LVCMOS33 (USB0_VDDA33, USB1_VDDA33) if STATIC18
(USB0_VDDA18, USB1_VDDA18, DDR_DVDD18, SATA_VDDR, DVDD18) never exceeds more than 2 volts.
(3)
If RTC is not used/maintained on a separate supply, it can be included in the STATIC12 (fixed 1.2 V) group.
(4)
If using CVDD at fixed 1.2 V, all 1.2-V rails may be combined.
(5)
If DVDD3318_A, B, and C are powered independently, maximum power for each rail is 1/3 the above maximum power.
2
Medium Integrated Power Solution Using a Dual DC/DC Converter and an LDO
SLVA343A – June 2009 – Revised May 2010
Copyright © 2009–2010, Texas Instruments Incorporated


Similar Part No. - 2N3904

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N3904 ONSEMI-2N3904 Datasheet
98Kb / 8P
   General Purpose Transistors(NPN Silicon)
November, 2000 ??Rev. 3
logo
KODENSHI_AUK CORP.
2N3904 KODENSHI-2N3904 Datasheet
179Kb / 4P
   NPN Silicon Transistor
logo
AUK corp
2N3904 AUK-2N3904 Datasheet
52Kb / 3P
   NPN Silicon Transistor (General small signal application)
logo
Central Semiconductor C...
2N3904 CENTRAL-2N3904 Datasheet
323Kb / 2P
   NPN SILICON TRANSISTOR
logo
SeCoS Halbleitertechnol...
2N3904 SECOS-2N3904 Datasheet
69Kb / 3P
   NPN Silicon General Purpose Transistor
More results

Similar Description - 2N3904

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54122 TI1-TPS54122 Datasheet
2Mb / 40P
[Old version datasheet]   Dual-Output, 3-A, QuietSupply With Integrated DC-DC Converter and Low-Noise LDO
SLVA341A TI-SLVA341A Datasheet
166Kb / 9P
[Old version datasheet]   High-Efficiency Power Solution Using DC/DC Converter With DVFS
TPS54122RHLT TI1-TPS54122RHLT Datasheet
2Mb / 30P
[Old version datasheet]   Dual-Output 3-A Quiet Supply with Integrated DC-DC Converter and Low-Noise LDO
TPS54122-Q1 TI-TPS54122-Q1_15 Datasheet
2Mb / 40P
[Old version datasheet]   TPS54122-Q1 Dual-Output, 3-A, QuietSupply??with Integrated DC-DC Converter and Low-Noise LDO
SLVA339A TI-SLVA339A Datasheet
253Kb / 9P
[Old version datasheet]   High-Vin, High-Efficiency Power Solution Using DC/DC Converter With DVFS
logo
Linear Technology
LTC3100 LINER-LTC3100_15 Datasheet
409Kb / 26P
   1.5MHz Synchronous Dual Channel DC/DC Converter and 100mA LDO
LTC3100 LINER-LTC3100 Datasheet
411Kb / 24P
   1.5MHz Synchronous Dual Channel DC/DC Converter and 100mA LDO
logo
Analog Devices
ADUM5010 AD-ADUM5010 Datasheet
476Kb / 16P
   The ADuM50101 is an integrated, isolated dc-to-dc converter.
REV. A
logo
Linear Technology
LTC3105EDD LINER-LTC3105EDD Datasheet
230Kb / 6P
   DC/DC Converter with Power Point Control and LDO Regulator
logo
Semtech Corporation
SC1186 SEMTECH-SC1186_04 Datasheet
234Kb / 15P
   Programmable Synchronous DC/DC Converter, Dual LDO Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com