Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRCW0603-xxxx-F Datasheet(PDF) 3 Page - Texas Instruments

Part # CRCW0603-xxxx-F
Description  Medium Integrated Power Solution Using a Dual DC/DC Converter and an LDO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CRCW0603-xxxx-F Datasheet(HTML) 3 Page - Texas Instruments

  CRCW0603-xxxx-F Datasheet HTML 1Page - Texas Instruments CRCW0603-xxxx-F Datasheet HTML 2Page - Texas Instruments CRCW0603-xxxx-F Datasheet HTML 3Page - Texas Instruments CRCW0603-xxxx-F Datasheet HTML 4Page - Texas Instruments CRCW0603-xxxx-F Datasheet HTML 5Page - Texas Instruments CRCW0603-xxxx-F Datasheet HTML 6Page - Texas Instruments CRCW0603-xxxx-F Datasheet HTML 7Page - Texas Instruments CRCW0603-xxxx-F Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.ti.com
Features
3
Features
The design uses the following high-efficiency dc/dc converter with integrated FETs.
INPUT VOLTAGE
~3.3 V
INTEGRATION AND HIGH EFFICIENCY
(Without DVFS)
COMBINE RTC AND STATIC 1.2
Core 1.2 V at 600 mA
TPS62420 (DCDC1)
Static 1.2 V + VRTC at 251 mA
Static 1.8 V at 230 mA
TPS62420 (DCDC2)
Static 3.3 V at 115 mA
TPS71733 (DRV)
In the preceding table, VRTC is included in the STATIC12 (fixed 1.2 V) group.
TPS62420
High efficiency – up to 95%
VIN range From 2.5 V to 6 V
Output current 600 mA and 1000 mA
EasyScale™ optional 1-pin serial interface for dynamic output voltage adjustment
Power-Save mode at light-load currents
Available in a 10-pin QFN (3×3mm)
TPS71733
150-mA low-dropout (LDO) regulator with enable
Low noise: 30 mV typical (100 Hz to 100 kHz)
Excellent load/line transient response
Small SC70-5, 2 mm × 2 mm SON-6, and 1,5 mm × 1,5 mm SON-6 packages
More information on the devices can be found in the data sheets.
TPS62420, SLVS676
TPS71733, SBVS068
3
SLVA343A – June 2009 – Revised May 2010
Medium Integrated Power Solution Using a Dual DC/DC Converter and an LDO
Copyright © 2009–2010, Texas Instruments Incorporated


Similar Part No. - CRCW0603-xxxx-F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CRCW0603-xxxx-F TI-CRCW0603-xxxx-F Datasheet
214Kb / 9P
[Old version datasheet]   High-Integration, High-Efficiency Power Solution Using DC/DC Converters With DVFS
More results

Similar Description - CRCW0603-xxxx-F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54122 TI1-TPS54122 Datasheet
2Mb / 40P
[Old version datasheet]   Dual-Output, 3-A, QuietSupply With Integrated DC-DC Converter and Low-Noise LDO
SLVA341A TI-SLVA341A Datasheet
166Kb / 9P
[Old version datasheet]   High-Efficiency Power Solution Using DC/DC Converter With DVFS
TPS54122RHLT TI1-TPS54122RHLT Datasheet
2Mb / 30P
[Old version datasheet]   Dual-Output 3-A Quiet Supply with Integrated DC-DC Converter and Low-Noise LDO
TPS54122-Q1 TI-TPS54122-Q1_15 Datasheet
2Mb / 40P
[Old version datasheet]   TPS54122-Q1 Dual-Output, 3-A, QuietSupply??with Integrated DC-DC Converter and Low-Noise LDO
SLVA339A TI-SLVA339A Datasheet
253Kb / 9P
[Old version datasheet]   High-Vin, High-Efficiency Power Solution Using DC/DC Converter With DVFS
logo
Linear Technology
LTC3100 LINER-LTC3100_15 Datasheet
409Kb / 26P
   1.5MHz Synchronous Dual Channel DC/DC Converter and 100mA LDO
LTC3100 LINER-LTC3100 Datasheet
411Kb / 24P
   1.5MHz Synchronous Dual Channel DC/DC Converter and 100mA LDO
logo
Analog Devices
ADUM5010 AD-ADUM5010 Datasheet
476Kb / 16P
   The ADuM50101 is an integrated, isolated dc-to-dc converter.
REV. A
logo
Linear Technology
LTC3105EDD LINER-LTC3105EDD Datasheet
230Kb / 6P
   DC/DC Converter with Power Point Control and LDO Regulator
logo
Semtech Corporation
SC1186 SEMTECH-SC1186_04 Datasheet
234Kb / 15P
   Programmable Synchronous DC/DC Converter, Dual LDO Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com