Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN3R0-30YL Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PSMN3R0-30YL
Description  N-channel TrenchMOS logic level FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN3R0-30YL Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PSMN3R0-30YL Datasheet HTML 3Page - NXP Semiconductors PSMN3R0-30YL Datasheet HTML 4Page - NXP Semiconductors PSMN3R0-30YL Datasheet HTML 5Page - NXP Semiconductors PSMN3R0-30YL Datasheet HTML 6Page - NXP Semiconductors PSMN3R0-30YL Datasheet HTML 7Page - NXP Semiconductors PSMN3R0-30YL Datasheet HTML 8Page - NXP Semiconductors PSMN3R0-30YL Datasheet HTML 9Page - NXP Semiconductors PSMN3R0-30YL Datasheet HTML 10Page - NXP Semiconductors PSMN3R0-30YL Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
PSMN3R0-30YL_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 28 December 2009
7 of 14
NXP Semiconductors
PSMN3R0-30YL
N-channel TrenchMOS logic level FET
Fig 9.
Input and reverse transfer capacitances as a
function of gate-source voltage; typical values
Fig 10. Drain-source on-state resistance as a function
of gate-source voltage; typical values
Fig 11. Sub-threshold drain current as a function of
gate-source voltage
Fig 12. Gate-source threshold voltage as a function of
junction temperature
003aac574
0
1000
2000
3000
4000
5000
02468
10
VGS (V)
C
(pF)
Ciss
Crss
003aac569
2
3
4
357
9
11
VGS (V)
RDSon
(m
Ω)
003aab271
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
01
23
VGS (V)
ID
(A)
max
typ
min
003a a c337
0
1
2
3
-60
0
60
120
180
Tj (
°C)
VGS(th)
(V)
max
typ
min


Similar Part No. - PSMN3R0-30YL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN3R0-30YL NXP-PSMN3R0-30YL Datasheet
200Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-10 September 2008
logo
Nexperia B.V. All right...
PSMN3R0-30YL NEXPERIA-PSMN3R0-30YL Datasheet
828Kb / 15P
   N-channel 30 V 3 mΩ logic level MOSFET in LFPAK
Rev. 04 - 10 March 2011
PSMN3R0-30YLD NEXPERIA-PSMN3R0-30YLD Datasheet
728Kb / 13P
   N-channel 30 V, 3.0 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
logo
NXP Semiconductors
PSMN3R0-30YLD PHILIPS-PSMN3R0-30YLD_15 Datasheet
294Kb / 13P
   N-channel 30 V, 3.0 m廓 logic level MOSFET in LFPAK56 using NextPowerS3 Technology
18 February 2014
More results

Similar Description - PSMN3R0-30YL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHB32N06LT NXP-PHB32N06LT Datasheet
376Kb / 11P
   N-channel TrenchMOS logic level FET
Rev. 02-30 November 2009
PHD97NQ03LT NXP-PHD97NQ03LT Datasheet
178Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01-24 March 2009
PHU78NQ03LT NXP-PHU78NQ03LT Datasheet
184Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 06-15 June 2009
BUK9E2R4-40C NXP-BUK9E2R4-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-11 April 2008
BUK964R2-80E PHILIPS-BUK964R2-80E Datasheet
271Kb / 13P
   N-channel TrenchMOS logic level FET
13 March 2014
BUK961R5-30E NXP-BUK961R5-30E Datasheet
216Kb / 14P
   N-channel TrenchMOS logic level FET
5 October 2012
BUK962R2-40C NXP-BUK962R2-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-17 April 2008
PHP110NQ06LT PHILIPS-PHP110NQ06LT Datasheet
94Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-04 May 2004
PSMN7R0-30YL NXP-PSMN7R0-30YL Datasheet
192Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-15 October 2008
PH3330L NXP-PH3330L Datasheet
194Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-22 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com