Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN5R0-30YL Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PSMN5R0-30YL
Description  N-channel TrenchMOS logic level FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN5R0-30YL Datasheet(HTML) 5 Page - NXP Semiconductors

  PSMN5R0-30YL Datasheet HTML 1Page - NXP Semiconductors PSMN5R0-30YL Datasheet HTML 2Page - NXP Semiconductors PSMN5R0-30YL Datasheet HTML 3Page - NXP Semiconductors PSMN5R0-30YL Datasheet HTML 4Page - NXP Semiconductors PSMN5R0-30YL Datasheet HTML 5Page - NXP Semiconductors PSMN5R0-30YL Datasheet HTML 6Page - NXP Semiconductors PSMN5R0-30YL Datasheet HTML 7Page - NXP Semiconductors PSMN5R0-30YL Datasheet HTML 8Page - NXP Semiconductors PSMN5R0-30YL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
PSMN5R0-30YL_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 4 January 2010
5 of 14
NXP Semiconductors
PSMN5R0-30YL
N-channel TrenchMOS logic level FET
6.
Characteristics
Table 6.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS
drain-source
breakdown voltage
ID =20A; VGS =0V; Tj <25°C; tav= 100 ns
35
-
-
V
ID =250 µA; VGS =0V; Tj =25°C
30
-
-
V
ID =250 µA; VGS =0V; Tj =-55 °C
27
-
-
V
VGS(th)
gate-source threshold
voltage
ID =1mA; VDS= VGS; Tj = 25 °C; see Figure 11
and 12
1.3
1.7
2.15
V
ID =1mA; VDS= VGS; Tj = 150 °C; see Figure 12
0.65
-
-
V
ID =1mA; VDS= VGS; Tj = -55 °C; see Figure 12
--2.45
V
IDSS
drain leakage current
VDS =30V; VGS =0V; Tj = 25 °C
--1
µA
VDS =30V; VGS =0V; Tj = 150 °C
-
-
100
µA
IGSS
gate leakage current
VGS =16V; VDS =0V; Tj = 25 °C
-
-
100
nA
VGS =-16 V; VDS =0V; Tj = 25 °C
-
-
100
nA
RDSon
drain-source on-state
resistance
VGS =4.5 V; ID =15A; Tj = 25 °C
-
5.08
6.7
m
VGS =10V; ID =15A; Tj = 150 °C;
see Figure 13
--8.7
m
VGS =10V; ID =15A; Tj = 25 °C
-
3.63
5
m
RG
gate resistance
f = 1 MHz
-
0.69
1.5
Dynamic characteristics
QG(tot)
total gate charge
ID =10A; VDS =12V; VGS =4.5 V;
see Figure 14
-
14.1
-
nC
ID =10A; VDS =12V; VGS =10V;
see Figure 14 and 15
-29
-
nC
ID =0A; VDS =0V; VGS =10V
-
27
-
nC
QGS
gate-source charge
ID =10A; VDS =12V; VGS =4.5 V;
see Figure 14 and 15
-4.3
-
nC
QGS(th)
pre-threshold
gate-source charge
-2.9
-
nC
QGS(th-pl)
post-threshold
gate-source charge
-1.4
-
nC
QGD
gate-drain charge
-
3.8
-
nC
VGS(pl)
gate-source plateau
voltage
VDS =12V; see Figure 14 and 15
-2.5
-
V
Ciss
input capacitance
VDS =12V; VGS = 0 V; f = 1 MHz; Tj =25°C;
see Figure 16
-
1760
-
pF
Coss
output capacitance
-
373
-
pF
Crss
reverse transfer
capacitance
-
171
-
pF
td(on)
turn-on delay time
VDS =12V; RL =0.5 Ω; VGS =4.5 V;
RG(ext) =4.7 Ω
-19
-
ns
tr
rise time
-
35
-
ns
td(off)
turn-off delay time
-
29
-
ns
tf
fall time
-
12
-
ns


Similar Part No. - PSMN5R0-30YL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN5R0-30YL NXP-PSMN5R0-30YL Datasheet
184Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-10 September 2008
logo
Nexperia B.V. All right...
PSMN5R0-30YL NEXPERIA-PSMN5R0-30YL Datasheet
822Kb / 14P
   N-channel 30 V 5 mΩ logic level MOSFET in LFPAK
Rev. 4 - 9 March 2011
More results

Similar Description - PSMN5R0-30YL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHB32N06LT NXP-PHB32N06LT Datasheet
376Kb / 11P
   N-channel TrenchMOS logic level FET
Rev. 02-30 November 2009
PHD97NQ03LT NXP-PHD97NQ03LT Datasheet
178Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01-24 March 2009
PHU78NQ03LT NXP-PHU78NQ03LT Datasheet
184Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 06-15 June 2009
BUK9E2R4-40C NXP-BUK9E2R4-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-11 April 2008
BUK964R2-80E PHILIPS-BUK964R2-80E Datasheet
271Kb / 13P
   N-channel TrenchMOS logic level FET
13 March 2014
BUK961R5-30E NXP-BUK961R5-30E Datasheet
216Kb / 14P
   N-channel TrenchMOS logic level FET
5 October 2012
BUK962R2-40C NXP-BUK962R2-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-17 April 2008
PHP110NQ06LT PHILIPS-PHP110NQ06LT Datasheet
94Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-04 May 2004
PSMN7R0-30YL NXP-PSMN7R0-30YL Datasheet
192Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-15 October 2008
PH3330L NXP-PH3330L Datasheet
194Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-22 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com