Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN6R0-30YL Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PSMN6R0-30YL
Description  N-channel TrenchMOS logic level FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN6R0-30YL Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PSMN6R0-30YL Datasheet HTML 6Page - NXP Semiconductors PSMN6R0-30YL Datasheet HTML 7Page - NXP Semiconductors PSMN6R0-30YL Datasheet HTML 8Page - NXP Semiconductors PSMN6R0-30YL Datasheet HTML 9Page - NXP Semiconductors PSMN6R0-30YL Datasheet HTML 10Page - NXP Semiconductors PSMN6R0-30YL Datasheet HTML 11Page - NXP Semiconductors PSMN6R0-30YL Datasheet HTML 12Page - NXP Semiconductors PSMN6R0-30YL Datasheet HTML 13Page - NXP Semiconductors PSMN6R0-30YL Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
PSMN6R0-30YL_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 4 Januari 2010
10 of 14
NXP Semiconductors
PSMN6R0-30YL
N-channel TrenchMOS logic level FET
7.
Package outline
Fig 18. Package outline SOT669 (LFPAK)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT669
MO-235
04-10-13
06-03-16
0
2.5
5 mm
scale
e
E1
b
c2
A2
A2
bc
A
e
UNIT
DIMENSIONS (mm are the original dimensions)
mm
1.10
0.95
A3
A1
0.15
0.00
1.20
1.01
0.50
0.35
b2
4.41
3.62
b3
2.2
2.0
b4
0.9
0.7
0.25
0.19
c2
0.30
0.24
4.10
3.80
6.2
5.8
H
1.3
0.8
L2
0.85
0.40
L
1.3
0.8
L1
8
°
0
°
wy
D(1)
5.0
4.8
E(1)
3.3
3.1
E1
(1)
D1
(1)
max
0.25
4.20
1.27
0.25
0.1
1
23
4
mounting
base
D1
c
Plastic single-ended surface-mounted package (LFPAK); 4 leads
SOT669
E
b2
b3
b4
H
D
L2
L1
A
A
w M
C
C
X
1/2
e
yC
θ
θ
(A )
3
L
A
A1
detail X
Note
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.


Similar Part No. - PSMN6R0-30YL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN6R0-30YL NXP-PSMN6R0-30YL Datasheet
183Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-10 September 2008
logo
Nexperia B.V. All right...
PSMN6R0-30YL NEXPERIA-PSMN6R0-30YL Datasheet
978Kb / 14P
   N-channel 30 V 6 mΩ logic level MOSFET in LFPAK
Rev. 04 - 10 March 2011
logo
NXP Semiconductors
PSMN6R0-30YLB PHILIPS-PSMN6R0-30YLB Datasheet
1Mb / 8P
   NextPower 25 V & 30 V MOSFETs in LFPAK(Power-SO8)
May 2011
logo
Nexperia B.V. All right...
PSMN6R0-30YLB NEXPERIA-PSMN6R0-30YLB Datasheet
915Kb / 15P
   N-channel 30 V 6.5 mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 2 - 24 October 2011
logo
NXP Semiconductors
PSMN6R0-30YLB PHILIPS-PSMN6R0-30YLB_15 Datasheet
307Kb / 15P
   N-channel 30 V 6.5 m logic level MOSFET in LFPAK using
Rev. 2-24 October 2011
More results

Similar Description - PSMN6R0-30YL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHB32N06LT NXP-PHB32N06LT Datasheet
376Kb / 11P
   N-channel TrenchMOS logic level FET
Rev. 02-30 November 2009
PHD97NQ03LT NXP-PHD97NQ03LT Datasheet
178Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01-24 March 2009
PHU78NQ03LT NXP-PHU78NQ03LT Datasheet
184Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 06-15 June 2009
BUK9E2R4-40C NXP-BUK9E2R4-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-11 April 2008
BUK964R2-80E PHILIPS-BUK964R2-80E Datasheet
271Kb / 13P
   N-channel TrenchMOS logic level FET
13 March 2014
BUK961R5-30E NXP-BUK961R5-30E Datasheet
216Kb / 14P
   N-channel TrenchMOS logic level FET
5 October 2012
BUK962R2-40C NXP-BUK962R2-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-17 April 2008
PHP110NQ06LT PHILIPS-PHP110NQ06LT Datasheet
94Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-04 May 2004
PSMN7R0-30YL NXP-PSMN7R0-30YL Datasheet
192Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-15 October 2008
PH3330L NXP-PH3330L Datasheet
194Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-22 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com