Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCJA226M002R0300 Datasheet(PDF) 3 Page - AVX Corporation

Part # TCJA226M002R0300
Description  Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TCJA226M002R0300 Datasheet(HTML) 3 Page - AVX Corporation

  TCJA226M002R0300 Datasheet HTML 1Page - AVX Corporation TCJA226M002R0300 Datasheet HTML 2Page - AVX Corporation TCJA226M002R0300 Datasheet HTML 3Page - AVX Corporation TCJA226M002R0300 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
52
TCJ Series
Tantalum Solid Electrolytic Chip Capacitors
with Conductive Polymer Electrode
RATINGS & PART NUMBER REFERENCE
# insert R for 7" reel or S for 13" reel
All technical data relates to an ambient temperature of +25°C. Capacitance and DF
are measured at 120Hz, 0.5 RMS with DC bias of 2.2 volts. DCL is measured at
rated voltage after 5 minutes. TCJ series is MSL level 3 according to J-STD-020C.
ESR allowed to move up too 1.25 times catalog limit post mouting.
NOTE: AVX reserves the right to supply a higher voltage rating in the same
case size, to the same reliability standards.
Rated
DCL
DF
ESR
100kHz RMS Current (mA)
100kHz RMS Voltage (mV)
AVX
Case Capacitance Voltage
(μA)
%
Max. (mΩ)
Part No.
Size
(μF)
(V)
Max.
Max. @100kHz
25ºC
85ºC
125ºC
25ºC
85ºC
125ºC
2.5 Volt @ 85ºC (1.7 Volt @ 125ºC)
TCJA686M002#0250
A
68
2.5
17.0
6
250
548
493
219
137
123
55
TCJA107M002#0200
A
100
2.5
25.0
6
200
612
551
245
122
110
49
TCJB107M002#0070
B
100
2.5
25.0
6
70
1102
992
441
77
69
31
TCJB157M002#0070
B
150
2.5
37.5
6
70
1102
992
441
77
69
31
4 Volt @ 85°C (2.7 Volt @ 125°C)
TCJA156M004#0300
A
15
4
6.0
6
300
500
450
200
150
135
60
TCJA226M004#0300
A
22
4
8.8
6
300
500
450
200
150
135
60
TCJA336M004#0300
A
33
4
13.2
6
300
500
450
200
150
135
60
TCJA476M004#0200
A
47
4
18.8
6
200
612
551
245
122
110
49
TCJT476M004#0080
T
47
4
18.8
8
80
1000
900
400
80
72
32
TCJA686M004#0250
A
68
4
27.2
6
250
548
493
219
137
123
55
TCJB686M004#0070
B
68
4
27.2
6
70
1102
992
441
77
69
31
TCJT686M004#0080
T
68
4
27.2
8
80
1000
900
400
80
72
32
TCJA107M004#0200
A
100
4
40.0
6
200
612
551
245
122
110
49
TCJB107M004#0070
B
100
4
40.0
8
70
1102
992
441
77
69
31
TCJG107M004#0300
G
100
4
40.0
10
300
483
435
193
145
130
58
TCJT107M004#0150
T
100
4
40.0
8
150
730
657
292
110
99
44
TCJB157M004#0070
B
150
4
60.0
6
70
1102
992
441
77
69
31
TCJB227M004#0045
B
220
4
88.0
10
45
1374
1237
550
62
56
25
TCJB227M004#0070
B
220
4
88.0
10
70
1102
992
441
77
69
31
6.3 Volt @ 85°C (4 Volt @ 125°C)
TCJA106M006#0300
A
10
6.3
6.0
6
300
500
450
200
150
135
60
TCJR106M006#0500
R
10
6.3
6.0
6
500
332
298
133
166
149
66
TCJA156M006#0300
A
15
6.3
9.0
6
300
500
450
200
150
135
60
TCJA226M006#0300
A
22
6.3
13.2
6
300
500
450
200
150
135
60
TCJK226M006#0400
K
22
6.3
13.2
8
400
403
363
161
161
145
64
TCJS226M006#0400
S
22
6.3
13.2
8
400
403
363
161
161
145
64
TCJT226M006#0150
T
22
6.3
13.2
6
150
730
657
292
110
99
44
TCJA336M006#0200
A
33
6.3
19.8
6
200
612
551
245
122
110
49
TCJB336M006#0070
B
33
6.3
19.8
6
70
1102
992
441
77
69
31
TCJB336M006#0200
B
33
6.3
19.8
6
200
652
587
261
130
117
52
TCJT336M006#0150
T
33
6.3
19.8
8
150
730
657
292
110
99
44
TCJA476M006#0200
A
47
6.3
28.2
6
200
612
551
245
122
110
49
TCJB476M006#0070
B
47
6.3
28.2
6
70
1102
992
441
77
69
31
TCLP476M006#0500
P
47
6.3
28.2
10
500
346
312
139
173
156
69
TCJK476M006#0400
K
47
6.3
28.2
6
400
403
363
161
161
146
64
TCJT476M006#0080
T
47
6.3
28.2
8
80
1000
900
400
80
72
32
TCJT476M006#0120
T
47
6.3
28.2
8
120
816
735
327
98
88
39
TCJB686M006#0055
B
68
6.3
40.8
8
55
1102
992
441
77
69
31
TCJC686M006#0100
C
68
6.3
40.8
6
100
1049
944
420
105
94
42
TCJW686M006#0070
W
68
6.3
40.8
8
70
1134
1021
454
79
71
32
TCJB107M006#0045
B
100
6.3
60.0
10
45
1374
1237
550
62
56
25
TCJB107M006#0070
B
100
6.3
60.0
10
70
1102
992
441
77
69
31
TCJA157M006#0200
A
150
6.3
90.0
10
200
612
551
245
122
110
49
TCJB157M006#0045
B
150
6.3
90.0
10
45
1374
1237
550
62
56
25
TCJB157M006#0070
B
150
6.3
90.0
10
70
1102
992
441
77
69
31
TCJH157M006#0200
H
150
6.3
90.0
6
200
632
569
253
126
114
51
TCJW157M006#0040
W
150
6.3
90.0
6
40
1500
1350
600
60
54
24
TCJW157M006#0070
W
150
6.3
90.0
6
70
1134
1021
454
79
71
32
TCJB227M006#0200
B
220
6.3
132.0
10
200
652
587
261
130
117
52


Similar Part No. - TCJA226M002R0300

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TCJA226M002R0300 AVX-TCJA226M002R0300 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJA226M002R0300 AVX-TCJA226M002R0300 Datasheet
198Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors
TCJA226M002R0300 AVX-TCJA226M002R0300 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
More results

Similar Description - TCJA226M002R0300

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TCJB476M010R0070 AVX-TCJB476M010R0070 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJA686M0020250 AVX-TCJA686M0020250 Datasheet
202Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJT476M006R0080 AVX-TCJT476M006R0080 Datasheet
143Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJB107M006R0070 AVX-TCJB107M006R0070 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJD106M050R0120 AVX-TCJD106M050R0120 Datasheet
143Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJB107M006R0045 AVX-TCJB107M006R0045 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJA476M006R0200 AVX-TCJA476M006R0200 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJD475M063R0120 AVX-TCJD475M063R0120 Datasheet
143Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJA106M010R0300 AVX-TCJA106M010R0300 Datasheet
135Kb / 6P
   TCJ Series Tantalum solid Electrolytic Chip Capacitors With Conductive Polymer Electrode
TCJC686M006R0100 AVX-TCJC686M006R0100 Datasheet
215Kb / 6P
   TCJ Series Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com