Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN012-80PS Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PSMN012-80PS
Description  N-channel 80 V 11 m廓 standard level MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN012-80PS Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PSMN012-80PS Datasheet HTML 2Page - NXP Semiconductors PSMN012-80PS Datasheet HTML 3Page - NXP Semiconductors PSMN012-80PS Datasheet HTML 4Page - NXP Semiconductors PSMN012-80PS Datasheet HTML 5Page - NXP Semiconductors PSMN012-80PS Datasheet HTML 6Page - NXP Semiconductors PSMN012-80PS Datasheet HTML 7Page - NXP Semiconductors PSMN012-80PS Datasheet HTML 8Page - NXP Semiconductors PSMN012-80PS Datasheet HTML 9Page - NXP Semiconductors PSMN012-80PS Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
PSMN012-80PS_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 25 June 2009
6 of 13
NXP Semiconductors
PSMN012-80PS
N-channel 80 V 11 m
Ω standard level MOSFET
[1]
Tested to JEDEC standards where applicable.
[2]
Measured 3 mm from package.
Source-drain diode
VSD
source-drain voltage
IS =25A; VGS =0V; Tj =25°C;
see Figure 17
-
0.86
1.2
V
trr
reverse recovery time
IS =50A; dIS/dt = 100 A/µs; VGS =0V;
VDS =40V
-45
-
ns
Qr
recovered charge
-
64
-
nC
Table 6.
Characteristics …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Fig 5.
Output characteristics: drain current as a
function of drain-source voltage; typical values
Fig 6.
Drain-source on-state resistance as a function
of drain current; typical values
Fig 7.
Transfer characteristics: drain current as a
function of gate-source voltage; typical values
Fig 8.
Input and reverse transfer capacitances as a
function of gate-source voltage; typical values
003aad029
0
50
100
150
200
250
024
6
8
10
VDS (V)
ID
(A)
6.5
6
7
5.5
5
4.5
10
VGS (V) = 15
003aad030
5
10
15
20
25
0
50
100
150
200
250
ID (A)
RDSon
(m
Ω)
7
6
10
VGS (V) = 15
5.5
5
003aad031
0
20
40
60
80
100
01
234
5
6
VGS (V)
ID
(A)
Tj = 175
°C
25
°C
003aad035
2000
3000
4000
2468
10
VGS (V)
C
(pF)
Ciss
Crss


Similar Part No. - PSMN012-80PS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN012-80PS NEXPERIA-PSMN012-80PS Datasheet
728Kb / 13P
   N-channel 80 V 11 mΩ standard level MOSFET
Rev. 02 - 25 June 2009
More results

Similar Description - PSMN012-80PS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN011-80YS NXP-PSMN011-80YS Datasheet
248Kb / 14P
   N-channel LFPAK 80 V 11 m廓 standard level MOSFET
Rev. 01-26 February 2010
PSMN012-80BS PHILIPS-PSMN012-80BS_15 Datasheet
210Kb / 14P
   N-channel 80 V 11 m廓 standard level MOSFET in D2PAK
Rev. 2-1 March 2012
logo
Nexperia B.V. All right...
PSMN012-80BS NEXPERIA-PSMN012-80BS Datasheet
805Kb / 14P
   N-channel 80 V 11 m廓 standard level MOSFET in D2PAK
logo
NXP Semiconductors
PSMN5R0-80PS NXP-PSMN5R0-80PS Datasheet
232Kb / 13P
   N-channel 80 V 4.7 m廓 standard level MOSFET
Rev. 02-23 June 2009
PSMN050-80PS NXP-PSMN050-80PS Datasheet
224Kb / 14P
   N-channel 80 V 50 m廓 standard level MOSFET
Rev. 01-10 June 2009
BUK9Y11-80E NXP-BUK9Y11-80E Datasheet
322Kb / 13P
   N-channel 80 V, 11 m廓 logic level MOSFET in LFPAK56
20 February 2013
PSMN018-80YS PHILIPS-PSMN018-80YS Datasheet
234Kb / 15P
   N-channel LFPAK 80 V 18 m廓 standard level MOSFET
Rev. 02-28 October 2010
logo
Nexperia B.V. All right...
BUK7K15-80E NEXPERIA-BUK7K15-80E Datasheet
249Kb / 12P
   Dual N-channel 80 V, 15 m廓 standard level MOSFET
logo
NXP Semiconductors
PSMN045-80YS NXP-PSMN045-80YS Datasheet
265Kb / 14P
   N-channel LFPAK 80 V 45 m廓 standard level MOSFET
Rev. 01-19 March 2010
PSMN013-80YS NXP-PSMN013-80YS Datasheet
229Kb / 13P
   N-channel LFPAK 80 V 12.9 m廓 standard level MOSFET
Rev. 01-25 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com