Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN026-80YS Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PSMN026-80YS
Description  N-channel LFPAK 80 V 27.5 m廓 standard level MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN026-80YS Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PSMN026-80YS Datasheet HTML 3Page - NXP Semiconductors PSMN026-80YS Datasheet HTML 4Page - NXP Semiconductors PSMN026-80YS Datasheet HTML 5Page - NXP Semiconductors PSMN026-80YS Datasheet HTML 6Page - NXP Semiconductors PSMN026-80YS Datasheet HTML 7Page - NXP Semiconductors PSMN026-80YS Datasheet HTML 8Page - NXP Semiconductors PSMN026-80YS Datasheet HTML 9Page - NXP Semiconductors PSMN026-80YS Datasheet HTML 10Page - NXP Semiconductors PSMN026-80YS Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
PSMN026-80YS_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 25 June 2009
7 of 14
NXP Semiconductors
PSMN026-80YS
N-channel LFPAK 80 V 27.5 m
Ω standard level MOSFET
[1]
Tested to JEDEC standards where applicable.
Source-drain diode
VSD
source-drain voltage
IS =5A; VGS =0V; Tj =25°C;
see Figure 17
-0.8
1.2
V
trr
reverse recovery time
IS =15A; dIS/dt = 100 A/µs; VGS =0V;
VDS =40V
-36
-
ns
Qr
recovered charge
-
52
-
nC
Table 6.
Characteristics …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Fig 5.
Output characteristics: drain current as a
function of drain-source voltage; typical values
Fig 6.
Input and reverse transfer capacitances as a
function of gate-source voltage; typical values
Fig 7.
Transfer characteristics: drain current as a
function of gate-source voltage; typical values
Fig 8.
Drain-source on-state resistance as a function
of gate-source voltage; typical values
003aad270
0
20
40
60
80
01
23
45
VDS (V)
ID
(A)
10
8
5.5
5
6
VGS (V) = 4.5
20
003aad276
400
800
1200
1600
2000
036
9
12
VGS (V)
C
(pF)
Ciss
Crss
003aad272
0
10
20
30
40
50
0246
VGS (V)
ID
(A)
Tj = 150
°C
Tj = 25
°C
Tj = 175
°C
003aad278
20
30
40
50
60
4
8
12
16
20
VGS (V)
RDSon
(m
Ω)


Similar Part No. - PSMN026-80YS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN026-80YS NEXPERIA-PSMN026-80YS Datasheet
737Kb / 14P
   N-channel LFPAK 80 V 27.5 mΩ standard level MOSFET
Rev. 01 - 25 June 2009
More results

Similar Description - PSMN026-80YS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN028-100YS NXP-PSMN028-100YS Datasheet
257Kb / 15P
   N-channel LFPAK 100V 27.5 m廓 standard level MOSFET
Rev. 02-30 March 2010
logo
Nexperia B.V. All right...
PSMN026-80YS NEXPERIA-PSMN026-80YS Datasheet
737Kb / 14P
   N-channel LFPAK 80 V 27.5 mΩ standard level MOSFET
Rev. 01 - 25 June 2009
logo
NXP Semiconductors
PSMN018-80YS PHILIPS-PSMN018-80YS Datasheet
234Kb / 15P
   N-channel LFPAK 80 V 18 m廓 standard level MOSFET
Rev. 02-28 October 2010
PSMN013-80YS NXP-PSMN013-80YS Datasheet
229Kb / 13P
   N-channel LFPAK 80 V 12.9 m廓 standard level MOSFET
Rev. 01-25 June 2009
PSMN045-80YS NXP-PSMN045-80YS Datasheet
265Kb / 14P
   N-channel LFPAK 80 V 45 m廓 standard level MOSFET
Rev. 01-19 March 2010
PSMN8R2-80YS NXP-PSMN8R2-80YS Datasheet
224Kb / 14P
   N-channel LFPAK 80 V 8.5 m廓 standard level MOSFET
Rev. 01-25 June 2009
PSMN011-80YS NXP-PSMN011-80YS Datasheet
248Kb / 14P
   N-channel LFPAK 80 V 11 m廓 standard level MOSFET
Rev. 01-26 February 2010
logo
Nexperia B.V. All right...
BUK7K32-100E NEXPERIA-BUK7K32-100E Datasheet
718Kb / 13P
   Dual N-channel 100 V, 27.5 m廓 standard level MOSFET
logo
NXP Semiconductors
PSMN014-40YS NXP-PSMN014-40YS Datasheet
250Kb / 15P
   N-channel LFPAK 40 V, 14 m廓 standard level MOSFET
Rev. 01-18 February 2010
PSMN2R6-40YS NXP-PSMN2R6-40YS Datasheet
229Kb / 13P
   N-channel LFPAK 40 V 2.8 m廓 standard level MOSFET
Rev. 01-23 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com