Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUC244 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUC244
Description  OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC244 Datasheet(HTML) 5 Page - Texas Instruments

  SN74AUC244 Datasheet HTML 1Page - Texas Instruments SN74AUC244 Datasheet HTML 2Page - Texas Instruments SN74AUC244 Datasheet HTML 3Page - Texas Instruments SN74AUC244 Datasheet HTML 4Page - Texas Instruments SN74AUC244 Datasheet HTML 5Page - Texas Instruments SN74AUC244 Datasheet HTML 6Page - Texas Instruments SN74AUC244 Datasheet HTML 7Page - Texas Instruments SN74AUC244 Datasheet HTML 8Page - Texas Instruments SN74AUC244 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SN74AUC244
OCTAL BUFFER/DRIVER
WITH 3-STATE OUTPUTS
SCES432 – MARCH 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics, TA = 25°C
PARAMETER
TEST
VCC = 0.8 V VCC = 1.2 V VCC = 1.5 V VCC = 1.8 V VCC = 2.5 V
UNIT
PARAMETER
CONDITIONS
TYP
TYP
TYP
TYP
TYP
UNIT
Cpd
Power
dissipation
Outputs
enabled
f=10MHz
21
21
22
23
30
pF
Cpd
dissipation
capacitance
Outputs
disabled
f = 10 MHz
3
3
3
3.5
4.5
pF


Similar Part No. - SN74AUC244

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC244 TI-SN74AUC244 Datasheet
199Kb / 9P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC244 TI-SN74AUC244 Datasheet
585Kb / 13P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC244RGYR TI-SN74AUC244RGYR Datasheet
199Kb / 9P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC244RGYR TI-SN74AUC244RGYR Datasheet
585Kb / 13P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC244RGYRG4 TI-SN74AUC244RGYRG4 Datasheet
199Kb / 9P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74AUC244

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11244 TI-74AC11244 Datasheet
91Kb / 6P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
REVISED SEPTEMBER 1998
SN74AS230A TI-SN74AS230A Datasheet
80Kb / 5P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
74AC11244 TI1-74AC11244_15 Datasheet
796Kb / 14P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT244 TI1-SN64BCT244_16 Datasheet
1,002Kb / 12P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT541A TI1-SN64BCT541A_16 Datasheet
495Kb / 10P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC540A-Q1 TI1-SN74LVC540A-Q1_16 Datasheet
1Mb / 15P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC240A TI-SN74LVC240A_08 Datasheet
416Kb / 14P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHC244-EP TI1-SN74AHC244-EP Datasheet
448Kb / 10P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT244-Q1 TI1-SN74AHCT244-Q1 Datasheet
596Kb / 13P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT541-EP TI1-SN74AHCT541-EP Datasheet
715Kb / 13P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVC244-EP TI1-SN74ALVC244-EP Datasheet
488Kb / 11P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com