Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUC1G07DBVTE4 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74AUC1G07DBVTE4
Description  SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC1G07DBVTE4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74AUC1G07DBVTE4 Datasheet HTML 2Page - Texas Instruments SN74AUC1G07DBVTE4 Datasheet HTML 3Page - Texas Instruments SN74AUC1G07DBVTE4 Datasheet HTML 4Page - Texas Instruments SN74AUC1G07DBVTE4 Datasheet HTML 5Page - Texas Instruments SN74AUC1G07DBVTE4 Datasheet HTML 6Page - Texas Instruments SN74AUC1G07DBVTE4 Datasheet HTML 7Page - Texas Instruments SN74AUC1G07DBVTE4 Datasheet HTML 8Page - Texas Instruments SN74AUC1G07DBVTE4 Datasheet HTML 9Page - Texas Instruments SN74AUC1G07DBVTE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
SN74AUC1G07DBVR
ACTIVE
SOT-23
DBV
5
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AUC1G07DBVRE4
ACTIVE
SOT-23
DBV
5
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AUC1G07DBVRG4
ACTIVE
SOT-23
DBV
5
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AUC1G07DBVT
ACTIVE
SOT-23
DBV
5
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AUC1G07DBVTE4
ACTIVE
SOT-23
DBV
5
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AUC1G07DBVTG4
ACTIVE
SOT-23
DBV
5
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AUC1G07DCKR
ACTIVE
SC70
DCK
5
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AUC1G07DCKRG4
ACTIVE
SC70
DCK
5
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AUC1G07DCKT
ACTIVE
SC70
DCK
5
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AUC1G07DCKTE4
ACTIVE
SC70
DCK
5
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AUC1G07DCKTG4
ACTIVE
SC70
DCK
5
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AUC1G07YZPR
ACTIVE
DSBGA
YZP
5
3000 Green (RoHS &
no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
PACKAGE OPTION ADDENDUM
www.ti.com
22-Jul-2008
Addendum-Page 1


Similar Part No. - SN74AUC1G07DBVTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC1G07DBVR TI-SN74AUC1G07DBVR Datasheet
309Kb / 12P
[Old version datasheet]   SINGLE BUFFER /DRIVER WITH OPEN - DRAIN OUTPUT
More results

Similar Description - SN74AUC1G07DBVTE4

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVCE1G07_1012 DIODES-74LVCE1G07_1012 Datasheet
276Kb / 13P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32275 Rev. 2 - 2
74LVC1G07_1010 DIODES-74LVC1G07_1010 Datasheet
247Kb / 13P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32274 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G07 TI-SN74LVC1G07_08 Datasheet
860Kb / 18P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07 TI-SN74LVC1G07 Datasheet
394Kb / 16P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07 TI1-SN74LVC1G07_18 Datasheet
2Mb / 44P
[Old version datasheet]   Single Buffer/Driver With Open-Drain Output
SN74LVC1G07 TI-SN74LVC1G07_10 Datasheet
860Kb / 18P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07-EP TI1-SN74LVC1G07-EP Datasheet
543Kb / 12P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
logo
Diodes Incorporated
74AHC1G07Q DIODES-74AHC1G07Q Datasheet
535Kb / 9P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
August 2020 Rev. 1 - 2
logo
Texas Instruments
SN74AUC1G07 TI-SN74AUC1G07 Datasheet
309Kb / 12P
[Old version datasheet]   SINGLE BUFFER /DRIVER WITH OPEN - DRAIN OUTPUT
logo
Diodes Incorporated
74LVCE1G07 DIODES-74LVCE1G07 Datasheet
220Kb / 10P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32275 Rev. 1 - 2
logo
Texas Instruments
SN74LVC1G07 TI-SN74LVC1G07_07 Datasheet
667Kb / 17P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com