Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSC107M050B0100V Datasheet(PDF) 9 Page - AVX Corporation

Part # TPSC107M050B0100V
Description  Low ESR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TPSC107M050B0100V Datasheet(HTML) 9 Page - AVX Corporation

Back Button TPSC107M050B0100V Datasheet HTML 3Page - AVX Corporation TPSC107M050B0100V Datasheet HTML 4Page - AVX Corporation TPSC107M050B0100V Datasheet HTML 5Page - AVX Corporation TPSC107M050B0100V Datasheet HTML 6Page - AVX Corporation TPSC107M050B0100V Datasheet HTML 7Page - AVX Corporation TPSC107M050B0100V Datasheet HTML 8Page - AVX Corporation TPSC107M050B0100V Datasheet HTML 9Page - AVX Corporation TPSC107M050B0100V Datasheet HTML 10Page - AVX Corporation TPSC107M050B0100V Datasheet HTML 11Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
41
* Insert K for ±10% and M for ±20% Capacitance Tolerance
All technical data relates to an ambient temperature of +25°C.
Capacitance and DF are measured at 120Hz, 0.5V RMS with
a maximum DC bias of 2.2 volts. DCL is measured at rated
voltage after 5 minutes.
The EIA & CECC standards for low ESR Solid Tantalum
Capacitors allow an ESR movement to 1.25 times catalogue
limit post mounting.
TPS series is MSL level 1 according to J-STD-020C.#
Standard Plating
– Insert R for 7" reel and S for 13" reel
# Gold Plating
– Insert A for 7" reel and B for 13" reel
# Tin Lead Plating
– Insert H for 7" reel (contact manufacturer)
# Tin Lead Plating
– Insert K for 13" reel (contact manufacturer)
NOTE: AVX reserves the right to supply a higher voltage
rating or tighter tolerance part in the same case
size, to the same reliability standards.
TPS Series
Low ESR
Rated
DCL
DF
ESR
100kHz Ripple Current Ratings (A)
100kHz Ripple Voltage Ratings (V)
AVX
Case Capacitance Voltage
(μA)
%
Max. (mΩ)
Part No.
Size
(μF)
(V)
Max.
Max. @100kHz
25ºC
85ºC
125ºC
25ºC
85ºC
125ºC
TPSE476*020#0070
E
47
20
9.4
6
70
1.535
1.382
0.614
0.107
0.097
0.043
TPSE476*020#0125
E
47
20
9.4
6
125
1.149
1.034
0.460
0.144
0.129
0.057
TPSE476*020#0150
E
47
20
9.4
6
150
1.049
0.944
0.420
0.157
0.142
0.063
TPSE476*020#0200
E
47
20
9.4
6
200
0.908
0.817
0.363
0.182
0.163
0.073
TPSE476*020#0250
E
47
20
9.4
6
250
0.812
0.731
0.325
0.203
0.183
0.081
TPSD686*020#0070
D
68
20
13.6
6
70
1.464
1.317
0.586
0.102
0.092
0.041
TPSD686*020#0150
D
68
20
13.6
6
150
1.000
0.900
0.400
0.150
0.135
0.060
TPSD686*020#0200
D
68
20
13.6
6
200
0.866
0.779
0.346
0.173
0.156
0.069
TPSD686*020#0300
D
68
20
13.6
6
300
0.707
0.636
0.283
0.212
0.191
0.085
TPSE686*020#0125
E
68
20
13.6
6
125
1.149
1.034
0.460
0.144
0.129
0.057
TPSE686*020#0150
E
68
20
13.6
6
150
1.049
0.944
0.420
0.157
0.142
0.063
TPSE686*020#0200
E
68
20
13.6
6
200
0.908
0.817
0.363
0.182
0.163
0.073
TPSD107*020#0085
D
100
20
20
6
85
1.328
1.196
0.531
0.113
0.102
0.045
TPSD107*020#0100
D
100
20
20
6
100
1.225
1.102
0.490
0.122
0.110
0.049
TPSD107*020#0150
D
100
20
20
6
150
1.000
0.900
0.400
0.150
0.135
0.060
TPSE107*020#0100
E
100
20
20
6
100
1.285
1.156
0.514
0.128
0.116
0.051
TPSE107*020#0150
E
100
20
20
6
150
1.049
0.944
0.420
0.157
0.142
0.063
TPSE107*020#0200
E
100
20
20
6
200
0.908
0.817
0.363
0.182
0.163
0.073
TPSV107*020#0060
V
100
20
20
8
60
2.041
1.837
0.816
0.122
0.110
0.049
TPSV107*020#0085
V
100
20
20
8
85
1.715
1.543
0.686
0.146
0.131
0.058
TPSV107*020#0100
V
100
20
20
8
100
1.581
1.423
0.632
0.158
0.142
0.063
TPSV107*020#0200
V
100
20
20
8
200
1.118
1.006
0.447
0.224
0.201
0.089
TPSV157*020#0080
V
150
20
30
8
80
1.768
1.591
0.707
0.141
0.127
0.057
25 Volt @ 85ºC (17 Volt @ 125ºC)
TPSA474*025#7000
A
0.47
25
0.5
4
7000
0.104
0.093
0.041
0.725
0.652
0.290
TPSA684*025#6000
A
0.68
25
0.5
4
6000
0.112
0.101
0.045
0.671
0.604
0.268
TPSR105*025#2500
R
1
25
0.5
4
2500
0.148
0.133
0.059
0.371
0.334
0.148
TPSR105*025#4000
R
1
25
0.5
4
4000
0.117
0.106
0.047
0.469
0.422
0.188
TPSA155*025#3000
A
1.5
25
0.5
6
3000
0.158
0.142
0.063
0.474
0.427
0.190
TPSB155*025#1800
B
1.5
25
0.5
6
1800
0.217
0.196
0.087
0.391
0.352
0.156
TPSB225*025#0900
B
2.2
25
0.6
6
900
0.307
0.277
0.123
0.277
0.249
0.111
TPSB225*025#1200
B
2.2
25
0.6
6
1200
0.266
0.240
0.106
0.319
0.287
0.128
TPSB225*025#2500
B
2.2
25
0.6
6
2500
0.184
0.166
0.074
0.461
0.415
0.184
TPSA335*025#1000
A
3.3
25
0.8
6
1000
0.274
0.246
0.110
0.274
0.246
0.110
TPSA335*025#1500
A
3.3
25
0.8
6
1500
0.224
0.201
0.089
0.335
0.302
0.134
TPSB335*025#0750
B
3.3
25
0.8
6
750
0.337
0.303
0.135
0.252
0.227
0.101
TPSB335*025#1500
B
3.3
25
0.8
6
1500
0.238
0.214
0.095
0.357
0.321
0.143
TPSB335*025#2000
B
3.3
25
0.8
6
2000
0.206
0.186
0.082
0.412
0.371
0.165
TPSB475*025#0700
B
4.7
25
1.2
6
700
0.348
0.314
0.139
0.244
0.220
0.098
TPSB475*025#0900
B
4.7
25
1.2
6
900
0.307
0.277
0.123
0.277
0.249
0.111
TPSB475*025#1500
B
4.7
25
1.2
6
1500
0.238
0.214
0.095
0.357
0.321
0.143
TPSB685*025#0700
B
6.8
25
1.7
6
700
0.348
0.314
0.139
0.244
0.220
0.098
TPSC685*025#0500
C
6.8
25
1.7
6
500
0.469
0.422
0.188
0.235
0.211
0.094
TPSC685*025#0600
C
6.8
25
1.7
6
600
0.428
0.385
0.171
0.257
0.231
0.103
TPSC685*025#0700
C
6.8
25
1.7
6
700
0.396
0.357
0.159
0.277
0.250
0.111
TPSB106*025#1800
B
10
25
2.5
6
1800
0.217
0.196
0.087
0.391
0.352
0.156
TPSC106*025#0300
C
10
25
2.5
6
300
0.606
0.545
0.242
0.182
0.163
0.073
TPSC106*025#0500
C
10
25
2.5
6
500
0.469
0.422
0.188
0.235
0.211
0.094
TPSC156*025#0220
C
15
25
3.8
6
220
0.707
0.636
0.283
0.156
0.140
0.062
TPSC156*025#0300
C
15
25
3.8
6
300
0.606
0.545
0.242
0.182
0.163
0.073
TPSD156*025#0100
D
15
25
3.8
6
100
1.225
1.102
0.490
0.122
0.110
0.049
TPSD156*025#0300
D
15
25
3.8
6
300
0.707
0.636
0.283
0.212
0.191
0.085
TPSC226*025#0275
C
22
25
5.5
6
275
0.632
0.569
0.253
0.174
0.157
0.070
TPSC226*025#0400
C
22
25
5.5
6
400
0.524
0.472
0.210
0.210
0.189
0.084
TPSD226*025#0100
D
22
25
5.5
6
100
1.225
1.102
0.490
0.122
0.110
0.049
TPSD226*025#0200
D
22
25
5.5
6
200
0.866
0.779
0.346
0.173
0.156
0.069
TPSD226*025#0300
D
22
25
5.5
6
300
0.707
0.636
0.283
0.212
0.191
0.085
TPSD336*025#0100
D
33
25
8.3
6
100
1.225
1.102
0.490
0.122
0.110
0.049
TPSD336*025#0200
D
33
25
8.3
6
200
0.866
0.779
0.346
0.173
0.156
0.069
TPSD336*025#0300
D
33
25
8.3
6
300
0.707
0.636
0.283
0.212
0.191
0.085
TPSE336*025#0100
E
33
25
8.3
6
100
1.285
1.156
0.514
0.128
0.116
0.051
TPSE336*025#0175
E
33
25
8.3
6
175
0.971
0.874
0.388
0.170
0.153
0.068
TPSE336*025#0200
E
33
25
8.3
6
200
0.908
0.817
0.363
0.182
0.163
0.073
TPSE336*025#0300
E
33
25
8.3
6
300
0.742
0.667
0.297
0.222
0.200
0.089
TPSY336*025#0200
Y
33
25
8.3
6
200
0.791
0.712
0.316
0.158
0.142
0.063
TPSD476*025#0125
D
47
25
11.8
6
125
1.095
0.986
0.438
0.137
0.123
0.055
TPSD476*025#0150
D
47
25
11.8
6
150
1.000
0.900
0.400
0.150
0.135
0.060
RATINGS & PART NUMBER REFERENCE


Similar Part No. - TPSC107M050B0100V

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TPSC107M050B0100V AVX-TPSC107M050B0100V Datasheet
166Kb / 11P
   TPS Series
TPSC107M050B0100V AVX-TPSC107M050B0100V Datasheet
197Kb / 16P
   TPS Series
TPSC107M050B0100V AVX-TPSC107M050B0100V Datasheet
146Kb / 11P
   TPS Series Low ESR
TPSC107M050B0100V AVX-TPSC107M050B0100V Datasheet
146Kb / 11P
   TPS Series Low ESR
TPSC107M050B0100V AVX-TPSC107M050B0100V Datasheet
146Kb / 11P
   TPS Series
More results

Similar Description - TPSC107M050B0100V

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TPSX157M010R0100 AVX-TPSX157M010R0100 Datasheet
146Kb / 11P
   Low ESR
TPSB226K016R0400 AVX-TPSB226K016R0400 Datasheet
146Kb / 11P
   Low ESR
TPSV107M020R0085 AVX-TPSV107M020R0085 Datasheet
159Kb / 11P
   Low ESR
logo
Nichicon corporation
RR7 NICHICON-RR7 Datasheet
652Kb / 2P
   Low ESR
logo
AVX Corporation
TPSC336M016R0225 AVX-TPSC336M016R0225 Datasheet
199Kb / 16P
   Low ESR
TPSA476K006R0800 AVX-TPSA476K006R0800 Datasheet
146Kb / 11P
   Low ESR
TPSE227M010R0100 AVX-TPSE227M010R0100 Datasheet
159Kb / 11P
   Low ESR
TPS AVX-TPS Datasheet
1Mb / 13P
   Low ESR
TPSD227K010R0100 AVX-TPSD227K010R0100 Datasheet
163Kb / 11P
   Low ESR
TPSA106K010R1800 AVX-TPSA106K010R1800 Datasheet
169Kb / 12P
   Low ESR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com