Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP1T57DBVTG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74AUP1T57DBVTG4
Description  SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1T57DBVTG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74AUP1T57DBVTG4 Datasheet HTML 6Page - Texas Instruments SN74AUP1T57DBVTG4 Datasheet HTML 7Page - Texas Instruments SN74AUP1T57DBVTG4 Datasheet HTML 8Page - Texas Instruments SN74AUP1T57DBVTG4 Datasheet HTML 9Page - Texas Instruments SN74AUP1T57DBVTG4 Datasheet HTML 10Page - Texas Instruments SN74AUP1T57DBVTG4 Datasheet HTML 11Page - Texas Instruments SN74AUP1T57DBVTG4 Datasheet HTML 12Page - Texas Instruments SN74AUP1T57DBVTG4 Datasheet HTML 13Page - Texas Instruments SN74AUP1T57DBVTG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
SN74AUP1T57
SCES611G – OCTOBER 2004 – REVISED MAY 2010
www.ti.com
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V, VI = 3.3 V ± 0.3 V (unless otherwise noted)
(see Figure 12)
TA = –40°C
TA = 25°C
FROM
TO
to 85°C
PARAMETER
CL
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
5 pF
1.6
2.1
2.7
0.5
4.7
10 pF
2
2.4
3
1
5.7
tpd
A, B, or C
Y
ns
15 pF
2.3
2.7
3.3
1
6.2
30 pF
3.4
3.8
4.4
1.5
7.8
OPERATING CHARACTERISTICS
TA = 25°C
VCC = 2.5 V
VCC = 3.3 V
PARAMETER
TEST CONDITIONS
UNIT
TYP
TYP
Cpd
Power dissipation capacitance
f = 10 MHz
4
5
pF
10
Submit Documentation Feedback
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Link(s): SN74AUP1T57


Similar Part No. - SN74AUP1T57DBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1T57DBVTG4 TI-SN74AUP1T57DBVTG4 Datasheet
934Kb / 24P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
More results

Similar Description - SN74AUP1T57DBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1T98 TI-SN74AUP1T98 Datasheet
309Kb / 17P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T58 TI-SN74AUP1T58 Datasheet
922Kb / 24P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T97_101 TI-SN74AUP1T97_101 Datasheet
993Kb / 25P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T98_101 TI-SN74AUP1T98_101 Datasheet
936Kb / 24P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T98 TI-SN74AUP1T98_10 Datasheet
935Kb / 24P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T57 TI-SN74AUP1T57_1 Datasheet
934Kb / 24P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T97 TI-SN74AUP1T97_10 Datasheet
992Kb / 25P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS
SN74AUP1T58 TI-SN74AUP1T58_1 Datasheet
923Kb / 24P
[Old version datasheet]   SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE FUNCTIONS
SN74AUP1T97 TI-SN74AUP1T97 Datasheet
333Kb / 15P
[Old version datasheet]   SINGLE SUPPLY VOLTAGE LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNTIONS
logo
NXP Semiconductors
74AUP1T58 NXP-74AUP1T58 Datasheet
101Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 02-29 September 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com