Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1T45 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1T45
Description  SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1T45 Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVC1T45 Datasheet HTML 1Page - Texas Instruments SN74LVC1T45 Datasheet HTML 2Page - Texas Instruments SN74LVC1T45 Datasheet HTML 3Page - Texas Instruments SN74LVC1T45 Datasheet HTML 4Page - Texas Instruments SN74LVC1T45 Datasheet HTML 5Page - Texas Instruments SN74LVC1T45 Datasheet HTML 6Page - Texas Instruments SN74LVC1T45 Datasheet HTML 7Page - Texas Instruments SN74LVC1T45 Datasheet HTML 8Page - Texas Instruments SN74LVC1T45 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Recommended Operating Conditions
(1) (2) (3)
SN74LVC1T45
SCES515I – DECEMBER 2003 – REVISED MAY 2009 ..................................................................................................................................................... www.ti.com
VCCI
VCCO
MIN
MAX
UNIT
VCCA
1.65
5.5
Supply voltage
V
VCCB
1.65
5.5
1.65 V to 1.95 V
VCCI × 0.65
2.3 V to 2.7 V
1.7
High-level
VIH
Data inputs(4)
V
input voltage
3 V to 3.6 V
2
4.5 V to 5.5 V
VCCI × 0.7
1.65 V to 1.95 V
VCCI × 0.35
2.3 V to 2.7 V
0.7
Low-level
VIL
Data inputs(4)
V
input voltage
3 V to 3.6 V
0.8
4.5 V to 5.5 V
VCCI × 0.3
1.65 V to 1.95 V
VCCA × 0.65
2.3 V to 2.7 V
1.7
High-level
DIR
VIH
V
input voltage
(referenced to VCCA)
(5)
3 V to 3.6 V
2
4.5 V to 5.5 V
VCCA × 0.7
1.65 V to 1.95 V
VCCA × 0.35
2.3 V to 2.7 V
0.7
Low-level
DIR
VIL
V
input voltage
(referenced to VCCA)
(5)
3 V to 3.6 V
0.8
4.5 V to 5.5 V
VCCA × 0.3
VI
Input voltage
0
5.5
V
VO
Output voltage
0
VCCO
V
1.65 V to 1.95 V
–4
2.3 V to 2.7 V
–8
IOH
High-level output current
mA
3 V to 3.6 V
–24
4.5 V to 5.5 V
–32
1.65 V to 1.95 V
4
2.3 V to 2.7 V
8
IOL
Low-level output current
mA
3 V to 3.6 V
24
4.5 V to 5.5 V
32
1.65 V to 1.95 V
20
2.3 V to 2.7 V
20
Data inputs
Input transition
Δt/Δv
3 V to 3.6 V
10
ns/V
rise or fall rate
4.5 V to 5.5 V
5
Control inputs
1.65 V to 5.5 V
5
TA
Operating free-air temperature
–40
85
°C
(1)
VCCI is the VCC associated with the input port.
(2)
VCCO is the VCC associated with the output port.
(3)
All unused data inputs of the device must be held at VCCI or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
(4)
For VCCI values not specified in the data sheet, VIH min = VCCI × 0.7 V, VIL max = VCCI × 0.3 V.
(5)
For VCCI values not specified in the data sheet, VIH min = VCCA × 0.7 V, VIL max = VCCA × 0.3 V.
4
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): SN74LVC1T45


Similar Part No. - SN74LVC1T45

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1T45 TI-SN74LVC1T45 Datasheet
379Kb / 22P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45 TI-SN74LVC1T45 Datasheet
466Kb / 22P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45 TI-SN74LVC1T45 Datasheet
601Kb / 24P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45 TI-SN74LVC1T45 Datasheet
832Kb / 25P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45 TI1-SN74LVC1T45 Datasheet
993Kb / 28P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER
More results

Similar Description - SN74LVC1T45

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC1T45 TI-SN74AVC1T45 Datasheet
473Kb / 22P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC1T45 TI-SN74AVC1T45_08 Datasheet
612Kb / 24P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45 TI-SN74LVC1T45_08 Datasheet
601Kb / 24P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45-EP TI-SN74LVC1T45-EP Datasheet
421Kb / 20P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45-Q1 TI1-SN74LVC1T45-Q1 Datasheet
542Kb / 20P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45 TI-SN74LVC1T45_07 Datasheet
466Kb / 22P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45 TI-SN74LVC1T45 Datasheet
379Kb / 22P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45 TI-SN74LVC1T45_10 Datasheet
832Kb / 25P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC1T45 TI-SN74AVC1T45_10 Datasheet
863Kb / 26P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45_08 Datasheet
522Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com