Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1T45 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1T45
Description  SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1T45 Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC1T45 Datasheet HTML 1Page - Texas Instruments SN74LVC1T45 Datasheet HTML 2Page - Texas Instruments SN74LVC1T45 Datasheet HTML 3Page - Texas Instruments SN74LVC1T45 Datasheet HTML 4Page - Texas Instruments SN74LVC1T45 Datasheet HTML 5Page - Texas Instruments SN74LVC1T45 Datasheet HTML 6Page - Texas Instruments SN74LVC1T45 Datasheet HTML 7Page - Texas Instruments SN74LVC1T45 Datasheet HTML 8Page - Texas Instruments SN74LVC1T45 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
B
DIR
5
4
A
3
VCCA
VCCB
SN74LVC1T45
SCES515I – DECEMBER 2003 – REVISED MAY 2009 ..................................................................................................................................................... www.ti.com
NanoFree™ package technology is a major breakthrough in IC packaging concepts, using the die as the
package.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(3)
NanoFree™ – WCSP (DSBGA)
Reel of 3000
SN74LVC1T45YZPR
_ _ _TA_
0.23-mm Large Bump – YZP (Pb-free)
Reel of 3000
SN74LVC1T45DBVR
SOT (SOT-23) – DBV
CT1_
Reel of 250
SN74LVC1T45DBVT
–40°C to 85°C
Reel of 3000
SN74LVC1T45DCKR
SOT (SC-70) – DCK
Reel of 250
SN74LVC1T45DCKT
TA_
SOT (SOT-533) – DRL
Reel of 4000
SN74LVC1T45DRLR
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
DBV/DCK/DRL: The actual top-side marking has one additional character that designates the wafer fab/assembly site.
YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the wafer fab/assembly site. Pin 1 identifier indicates solder-bump composition (1 = SnPb, • = Pb-free).
FUNCTION TABLE(1)
INPUT
OPERATION
DIR
L
B data to A bus
H
A data to B bus
(1)
Input circuits of the data I/Os
always are active.
LOGIC DIAGRAM (POSITIVE LOGIC)
2
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): SN74LVC1T45


Similar Part No. - SN74LVC1T45

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1T45 TI-SN74LVC1T45 Datasheet
379Kb / 22P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45 TI-SN74LVC1T45 Datasheet
466Kb / 22P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45 TI-SN74LVC1T45 Datasheet
601Kb / 24P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45 TI-SN74LVC1T45 Datasheet
832Kb / 25P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45 TI1-SN74LVC1T45 Datasheet
993Kb / 28P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER
More results

Similar Description - SN74LVC1T45

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC1T45 TI-SN74AVC1T45 Datasheet
473Kb / 22P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC1T45 TI-SN74AVC1T45_08 Datasheet
612Kb / 24P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45 TI-SN74LVC1T45_08 Datasheet
601Kb / 24P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45-EP TI-SN74LVC1T45-EP Datasheet
421Kb / 20P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45-Q1 TI1-SN74LVC1T45-Q1 Datasheet
542Kb / 20P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45 TI-SN74LVC1T45_07 Datasheet
466Kb / 22P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45 TI-SN74LVC1T45 Datasheet
379Kb / 22P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45 TI-SN74LVC1T45_10 Datasheet
832Kb / 25P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC1T45 TI-SN74AVC1T45_10 Datasheet
863Kb / 26P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45_08 Datasheet
522Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com