Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC595D Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC595D
Description  8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HC595D Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74HC595D Datasheet HTML 5Page - Texas Instruments SN74HC595D Datasheet HTML 6Page - Texas Instruments SN74HC595D Datasheet HTML 7Page - Texas Instruments SN74HC595D Datasheet HTML 8Page - Texas Instruments SN74HC595D Datasheet HTML 9Page - Texas Instruments SN74HC595D Datasheet HTML 10Page - Texas Instruments SN74HC595D Datasheet HTML 11Page - Texas Instruments SN74HC595D Datasheet HTML 12Page - Texas Instruments SN74HC595D Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
VOLTAGE WAVEFORMS
SETUP AND HOLD AND INPUT RISE AND FALL TIMES
VOLTAGE WAVEFORMS
PULSE DURATIONS
th
tsu
50%
50%
50%
10%
10%
90%
90%
VCC
VCC
0 V
0 V
tr
tf
Reference
Input
Data
Input
50%
High-Level
Pulse
50%
VCC
0 V
50%
50%
VCC
0 V
tw
Low-Level
Pulse
VOLTAGE WAVEFORMS
PROPAGATION DELAY AND OUTPUT TRANSITION TIMES
50%
50%
50%
10%
10%
90%
90%
VCC
VOH
VOL
0 V
tr
tf
Input
In-Phase
Output
50%
tPLH
tPHL
50%
50%
10%
10%
90%
90%
VOH
VOL
tr
tf
tPHL
tPLH
Out-of-
Phase
Output
50%
10%
90%
VCC
≈VCC
VOL
0 V
Output
Control
(Low-Level
Enabling)
Output
Waveform 1
(See Note B)
50%
tPZL
tPLZ
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES FOR 3-STATE OUTPUTS
VOH
≈0 V
50%
50%
tPZH
tPHZ
Output
Waveform 2
(See Note B)
≈VCC
Test
Point
From Output
Under Test
RL
VCC
S1
S2
LOAD CIRCUIT
PARAMETER
CL
tPZH
tpd or tt
tdis
ten
tPZL
tPHZ
tPLZ
1 kΩ
1 kΩ
50 pF
or
150 pF
50 pF
Open
Closed
RL
S1
Closed
Open
S2
Open
Closed
Closed
Open
50 pF
or
150 pF
Open
Open
NOTES: A. CL includes probe and test-fixture capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. Phase relationships between waveforms were chosen arbitrarily. All input pulses are supplied by generators having the following
characteristics: PRR ≤ 1 MHz, ZO = 50 Ω, tr = 6 ns, tf = 6 ns.
D. For clock inputs, fmax is measured when the input duty cycle is 50%.
E. The outputs are measured one at a time, with one input transition per measurement.
F. tPLZ and tPHZ are the same as tdis.
G. tPZL and tPZH are the same as ten.
H. tPLH and tPHL are the same as tpd.
CL
(see Note A)
SN54HC595
SN74HC595
www.ti.com
SCLS041H – DECEMBER 1982 – REVISED NOVEMBER 2009
PARAMETER MEASUREMENT INFORMATION
Figure 1. Load Circuit and Voltage Waveforms
Copyright © 1982–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): SN54HC595 SN74HC595


Similar Part No. - SN74HC595D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC595D TI-SN74HC595D Datasheet
139Kb / 9P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595D TI-SN74HC595D Datasheet
641Kb / 20P
[Old version datasheet]   8BIT SHIFT REGISTERS WITH 3 STATE OUTPUT REGISTERS
SN74HC595D TI-SN74HC595D Datasheet
809Kb / 26P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595D TI1-SN74HC595D Datasheet
1Mb / 36P
[Old version datasheet]   8-Bit Shift Registers With 3-State Output Registers
SN74HC595DBR TI-SN74HC595DBR Datasheet
641Kb / 20P
[Old version datasheet]   8BIT SHIFT REGISTERS WITH 3 STATE OUTPUT REGISTERS
More results

Similar Description - SN74HC595D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHCT595 TI-SN54AHCT595 Datasheet
415Kb / 16P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54LV595A TI-SN54LV595A Datasheet
492Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595 TI-SN74HC595_10 Datasheet
809Kb / 26P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595B TI1-SN74HC595B Datasheet
238Kb / 21P
[Old version datasheet]   8-Bit Shift Registers With 3-State Output Registers
SN54HC595 TI-SN54HC595 Datasheet
139Kb / 9P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54AHC595 TI-SN54AHC595_07 Datasheet
588Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54AHC595 TI-SN54AHC595_08 Datasheet
729Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595-EP TI-SN74HC595-EP Datasheet
150Kb / 11P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
CD74HC595 TI-CD74HC595 Datasheet
467Kb / 16P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54AHC595 TI-SN54AHC595 Datasheet
163Kb / 17P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com