Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP1G14DCKRE4 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74AUP1G14DCKRE4
Description  LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G14DCKRE4 Datasheet(HTML) 2 Page - Texas Instruments

  SN74AUP1G14DCKRE4 Datasheet HTML 1Page - Texas Instruments SN74AUP1G14DCKRE4 Datasheet HTML 2Page - Texas Instruments SN74AUP1G14DCKRE4 Datasheet HTML 3Page - Texas Instruments SN74AUP1G14DCKRE4 Datasheet HTML 4Page - Texas Instruments SN74AUP1G14DCKRE4 Datasheet HTML 5Page - Texas Instruments SN74AUP1G14DCKRE4 Datasheet HTML 6Page - Texas Instruments SN74AUP1G14DCKRE4 Datasheet HTML 7Page - Texas Instruments SN74AUP1G14DCKRE4 Datasheet HTML 8Page - Texas Instruments SN74AUP1G14DCKRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
AUP
LVC
AUP
AUP
LVC
Static-Power Consumption
(
µA)
Dynamic-Power Consumption
(pF)
Single, dual, and triple gates
3.3-V
Logic
3.3-V
Logic
0%
20%
40%
60%
80%
100%
0%
20%
40%
60%
80%
100%
−0.5
0
0.5
1
1.5
2
2.5
3
3.5
0
5
10
15
20
25
30
35
40
45
Time − ns
† AUP1G08 data at C
L = 15 pF
Output
Input
Switching Characteristics
at 25 MHz
A
Y
2
4
A
Y
1
3
SN74AUP1G14
SCES578I – JUNE 2003 – REVISED MAY 2010
www.ti.com
Figure 1. AUP – The Lowest-Power Family
Figure 2. Excellent Signal Integrity
NanoStar™ package technology is a major breakthrough in IC packaging concepts, using the die as the
package.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
ORDERING INFORMATION(1)
ORDERABLE PART
TOP-SIDE
TA
PACKAGE(2)
NUMBER
MARKING(3)
NanoStar – WCSP (DSBGA)
Reel of 3000
SN74AUP1G14YFPR
_ _ _ HF_
0.23-mm large bump – YFP
NanoStar – WCSP (DSBGA)
Reel of 3000
SN74AUP1G14YZPR
_ _ _ HF_
0.23-mm large bump – YZP (Pb-free)
QFN – DRY
Reel of 5000
SN74AUP1G14DRYR
HF
–40°C to 85°C
uQFN – DSF
Reel of 5000
SN74AUP1G14DSFR
HF
SOT (SOT-23) – DBV
Reel of 3000
SN74AUP1G14DBVR
H14_
SOT (SC-70) – DCK
Reel of 3000
SN74AUP1G14DCKR
HF_
SOT (SOT-553) – DRL
Reel of 4000
SN74AUP1G14DRLR
HF_
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
DBV/DCK/DRL: The actual top-side marking has one additional character that designates the wafer fab/assembly site.
YFP/YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the wafer fab/assembly site. Pin 1 identifier indicates solder-bump composition (1 = SnPb, • = Pb-free).
FUNCTION TABLE
INPUT
OUTPUT
A
Y
H
L
L
H
LOGIC DIAGRAM (POSITIVE LOGIC)
(DBV, DCK, DRL, DRT, DRY, and YZP PACKAGES)
LOGIC DIAGRAM (POSITIVE LOGIC)
(YFP PACKAGE)
2
Submit Documentation Feedback
Copyright © 2003–2010, Texas Instruments Incorporated
Product Folder Link(s): SN74AUP1G14


Similar Part No. - SN74AUP1G14DCKRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G14DCKRE4 TI-SN74AUP1G14DCKRE4 Datasheet
978Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
SN74AUP1G14DCKRE4 TI1-SN74AUP1G14DCKRE4 Datasheet
1Mb / 36P
[Old version datasheet]   SN74AUP1G14 Low-Power Single Schmitt-Trigger Inverter
SN74AUP1G14DCKRE4 TI1-SN74AUP1G14DCKRE4 Datasheet
1Mb / 39P
[Old version datasheet]   Low-Power Single Schmitt-Trigger Inverter
More results

Similar Description - SN74AUP1G14DCKRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G14_101 TI-SN74AUP1G14_101 Datasheet
978Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
SN74AUP1G14 TI-SN74AUP1G14 Datasheet
194Kb / 11P
[Old version datasheet]   LOW POWER SINGLE SCHMITT TRIGGER INVERTER
SN74AUP1G14_017 TI1-SN74AUP1G14_017 Datasheet
1Mb / 39P
[Old version datasheet]   Low-Power Single Schmitt-Trigger Inverter
logo
Unisonic Technologies
U74AUP1G14 UTC-U74AUP1G14 Datasheet
157Kb / 5P
   LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
logo
Texas Instruments
SN74AUP1G14 TI1-SN74AUP1G14_17 Datasheet
1Mb / 36P
[Old version datasheet]   SN74AUP1G14 Low-Power Single Schmitt-Trigger Inverter
logo
NXP Semiconductors
74AUP1G14 NXP-74AUP1G14 Datasheet
112Kb / 19P
   Low-power Schmitt trigger inverter
Rev. 03-8 July 2009
logo
Nexperia B.V. All right...
74AXP1G14 NEXPERIA-74AXP1G14 Datasheet
228Kb / 16P
   Low-power Schmitt trigger inverter
74AUP1G14 NEXPERIA-74AUP1G14 Datasheet
311Kb / 21P
   Low-power Schmitt trigger inverter
Rev. 10 - 14 January 2022
logo
NXP Semiconductors
74AUP1G14 PHILIPS-74AUP1G14_15 Datasheet
443Kb / 24P
   Low-power Schmitt trigger inverter
Rev. 6-28 June 2012
74AUP1G14 PHILIPS-74AUP1G14 Datasheet
101Kb / 20P
   Low-power Schmitt-trigger inverter
Rev. 01-20 July 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com