Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5916IDG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5916IDG4
Description  8-BIT CONSTANT-CURRENT LED SINK DRIVERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5916IDG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC5916IDG4 Datasheet HTML 7Page - Texas Instruments TLC5916IDG4 Datasheet HTML 8Page - Texas Instruments TLC5916IDG4 Datasheet HTML 9Page - Texas Instruments TLC5916IDG4 Datasheet HTML 10Page - Texas Instruments TLC5916IDG4 Datasheet HTML 11Page - Texas Instruments TLC5916IDG4 Datasheet HTML 12Page - Texas Instruments TLC5916IDG4 Datasheet HTML 13Page - Texas Instruments TLC5916IDG4 Datasheet HTML 14Page - Texas Instruments TLC5916IDG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
www.ti.com
Switching Characteristics
TLC5916, TLC5917
8-BIT CONSTANT-CURRENT LED SINK DRIVERS
SLVS695A – JUNE 2007 – REVISED MARCH 2008
VDD = 5.5 V, TJ = –40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
tPLH1
Low-to-high propagation delay time, CLK to OUTn
40
65
95
ns
tPLH2
Low-to-high propagation delay time, LE(ED1) to OUTn
40
65
95
ns
tPLH3
Low-to-high propagation delay time, OE(ED2) to OUTn
40
65
95
ns
tPLH4
Low-to-high propagation delay time, CLK to SDO
8
20
30
ns
tPHL1
High-to-low propagation delay time, CLK to OUTn
300
365
ns
tPHL2
High-to-low propagation delay time, LE(ED1) to OUTn
300
365
ns
tPHL3
High-to-low propagation delay time, OE(ED2) to OUTn
300
365
ns
tPHL4
High-to-low propagation delay time, CLK to SDO
8
20
30
ns
tw(CLK)
Pulse duration, CLK
20
ns
tw(L)
Pulse duration, LE(ED1)
20
ns
tw(OE)
Pulse duration, OE(ED2)
500
ns
VIH = VDD, VIL = GND,
tw(ED2)
Pulse duration, OE(ED2) in Error Detection Mode
2
µs
Rext = 360 Ω, VL = 4 V,
RL = 44 Ω, CL = 10 pF,
th(D,ED1,ED2)
Hold time, SDI, LE(ED1), and OE(ED2)
10
ns
CG = 0.992
th(D)
Hold time, SDI
2
ns
tsu(D,ED1)
Setup time, SDI, LE(ED1)
3
ns
tsu(ED2)
Setup time, OE(ED2)
8.5
ns
th(L)
Hold time, LE(ED1), Normal Mode
15
ns
tsu(L)
Setup time, LE(ED1), Normal Mode
15
ns
tr
Rise time, CLK(2)
500
ns
tf
Fall time, CLK(2)
500
ns
tor
Rise time, outputs (off)
40
85
105
ns
tor
Rise time, outputs (off), TJ = 25°C
83
100
ns
tof
Rise time, outputs (on)
100
280
370
ns
tof
Rise time, outputs (on), TJ = 25°C
170
225
ns
fCLK
Clock frequency
Cascade operation
30
MHz
(1)
Typical values represent the likely parametric nominal values determined at the time of characterization. Typical values depend on the
application and configuration and may vary over time. Typical values are not ensured on production material.
(2)
If the devices are connected in cascade and tr or tf is large, it may be critical to achieve the timing required for data transfer between two
cascaded devices.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TLC5916 TLC5917


Similar Part No. - TLC5916IDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5916IDG4 TI-TLC5916IDG4 Datasheet
801Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
More results

Similar Description - TLC5916IDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5916 TI-TLC5916_10 Datasheet
801Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5916 TI-TLC5916 Datasheet
765Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5916-Q1 TI1-TLC5916-Q1 Datasheet
588Kb / 26P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5916-Q1 TI1-TLC5916-Q1_16 Datasheet
713Kb / 34P
[Old version datasheet]   8-Bit Constant-Current LED Sink Drivers
logo
List of Unclassifed Man...
MBI5168 ETC1-MBI5168 Datasheet
269Kb / 15P
   8-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP08C596 STMICROELECTRONICS-STP08C596 Datasheet
553Kb / 16P
   8-BIT CONSTANT CURRENT LED SINK DRIVER
logo
List of Unclassifed Man...
ST2221C ETC-ST2221C Datasheet
471Kb / 17P
   16 BIT CONSTANT CURRENT LED DRIVERS
logo
Silicon Touch Technolog...
DM134 SITI-DM134 Datasheet
298Kb / 20P
   16-Bit Constant Current LED Drivers
logo
List of Unclassifed Man...
DM141 ETC2-DM141 Datasheet
373Kb / 16P
   8x2-Bit Constant Current LED Drivers
logo
Texas Instruments
TLC5926-Q1 TI1-TLC5926-Q1 Datasheet
786Kb / 27P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com