Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIC8101DWRG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPIC8101DWRG4
Description  KNOCK SENSOR INTERFACE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC8101DWRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPIC8101DWRG4 Datasheet HTML 4Page - Texas Instruments TPIC8101DWRG4 Datasheet HTML 5Page - Texas Instruments TPIC8101DWRG4 Datasheet HTML 6Page - Texas Instruments TPIC8101DWRG4 Datasheet HTML 7Page - Texas Instruments TPIC8101DWRG4 Datasheet HTML 8Page - Texas Instruments TPIC8101DWRG4 Datasheet HTML 9Page - Texas Instruments TPIC8101DWRG4 Datasheet HTML 10Page - Texas Instruments TPIC8101DWRG4 Datasheet HTML 11Page - Texas Instruments TPIC8101DWRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
TPIC8101
KNOCK SENSOR INTERFACE
SLIS110A − APRIL 2003 − REVISED MAY 2005
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
function principle
The TPIC8101 is designed for knock sensor signal conditioning in automotive applications. The device is an
analog interface between the engine acoustical sensors or accelerometers and the fuel management systems
of a gasoline engine. The two wide-band amplifiers process signals from the piezoelectric sensors. Outputs of
the amplifiers feed a channel select mux switch and then a 3rd order antialiasing filter. This signal is converted
using an analog-to-digital conversion (10 bits with a sampling frequency of 200 kHz) prior to the gain stage.
The gain stage is adjustable via the SPI to compensate for the knock energies. The gain setting is selectable
up to 64 values ranging from 0.111 to 2.0.
The output of the gain stage feeds a band-pass filter circuit to process the particular frequency component
associated with the engine and transducer.
The band-pass filter has a gain of two and a center frequency range between 1.22 kHz and 19.98 kHz (64-bit
selection). The output from this stage is internally clamped.
The output from the band-pass filter is full-wave rectified with its output clamped below VDD.
The full-wave rectified signals are integrated using an integrator time constant set by the SPI and integration
time window set by the pulse width of INT/HOLD. At the start of each knock window, the integrator output is reset.
The output of the integrator is internally clamped and the digital output may be directly interfaced to the
microprocessor.
The integrated signal is converted to an analog format by a 10-bit DAC. The microprocessor may interface to
this signal, reads this data, and adjusts the spark ignition timing to optimize fuel efficiency related to load versus
engine RPM.
description of the functional terminals
supply voltage (VDD)
The VDD terminal is the input supply for the IC, typically 5 V ±5% tolerant. A noise filter capacitor of 4.7 µF (typ)
is required on this terminal to ensure stability of the internal circuits.
ground (GND)
The GND terminal is connected to the system ground rail.
reference supply (Vref)
The Vref is an internally generated supply reference voltage for biasing the amplifier inputs. The terminal is used
to decouple any noise in the system by placing an external capacitor of 22 nF (typ).
buffered integrator output (OUT)
The OUT terminal is the output of the integrated signal. This is an analog signal interfaced to the microprocessor
A/D channel for data acquisition. A capacitor of 2.2 nF is used to stabilize the signal output.
integration/hold mode selection (INT/HOLD)
The INT/HOLD is an input control signal from the microprocessor to select either to integrate the sensed signal
or to hold the data for acquisition. There is an internal pulldown on this terminal (default HOLD mode).
chip select for SPI (CS)
The CS terminal allows serial communication to the IC through the SPI from a master controller. The chip select
is active low with an internal pullup (default inactive).


Similar Part No. - TPIC8101DWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC8101 TI-TPIC8101 Datasheet
242Kb / 18P
[Old version datasheet]   KNOCK SENSOR INTERFACE
More results

Similar Description - TPIC8101DWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC8101 TI-TPIC8101 Datasheet
242Kb / 18P
[Old version datasheet]   KNOCK SENSOR INTERFACE
logo
List of Unclassifed Man...
KY-031 ETC2-KY-031 Datasheet
126Kb / 3P
   Knock-sensor module
logo
LSI Computer Systems
LS6511 LSI-LS6511 Datasheet
46Kb / 4P
   PIR SENSOR INTERFACE
LS6506R LSI-LS6506R Datasheet
240Kb / 12P
   PIR SENSOR INTERFACE
logo
Melexis Microelectronic...
MLX90314 MELEXIS-MLX90314 Datasheet
3Mb / 28P
   Programmable Sensor Interface
MLX90314 MELEXIS-MLX90314_17 Datasheet
1Mb / 33P
   Programmable Sensor Interface
logo
LSI Computer Systems
LS6505 LSI-LS6505_06 Datasheet
67Kb / 4P
   PIR SENSOR INTERFACE
LS6511 LSI-LS6511_06 Datasheet
274Kb / 4P
   PIR SENSOR INTERFACE
LS6522 LSI-LS6522 Datasheet
286Kb / 8P
   PIR SENSOR INTERFACE
logo
Melexis Microelectronic...
MLX90320 MELEXIS-MLX90320_12 Datasheet
621Kb / 33P
   Automotive sensor interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com